Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL38160AZI-23AH Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SL38160AZI-23AH
Description  Programmable Audio/Video CG with VCXO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL38160AZI-23AH Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SL38160AZI-23AH Datasheet HTML 6Page - Silicon Laboratories SL38160AZI-23AH Datasheet HTML 7Page - Silicon Laboratories SL38160AZI-23AH Datasheet HTML 8Page - Silicon Laboratories SL38160AZI-23AH Datasheet HTML 9Page - Silicon Laboratories SL38160AZI-23AH Datasheet HTML 10Page - Silicon Laboratories SL38160AZI-23AH Datasheet HTML 11Page - Silicon Laboratories SL38160AZI-23AH Datasheet HTML 12Page - Silicon Laboratories SL38160AZI-23AH Datasheet HTML 13Page - Silicon Laboratories SL38160AZI-23AH Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Rev AB January 16, 2011
Document Number: SP-AP-0198
Page 10 of 16
SL38160-17AH
SL38160-23AH
Table 3. VGA Video Clock Settings (pin 9)
4
Screen
Resolution
Refresh
Rate
(Hz)
Video
Clock
(MHz)
Register Byte# (DEC) and Bit [7:0] HEX, Setting
Byte
17
Byte
18
Byte
19
Byte
22
Byte
48
Byte
49
Byte
50
Byte
51
Byte
68
Byte
69
Byte
114
Byte
128
640 x 350
85
31.500
07
00
AB
C6
08
C0
D2
C7
03
83
3E
34
640 x 400
85
31.500
07
00
AB
C6
08
C0
D2
C7
03
83
3E
34
720 x 400
85
35.500
07
00
AB
C6
11
C1
90
C7
03
83
3E
34
85.04
35.000
06
80
AB
C6
08
C0
D0
C7
03
83
3E
34
640 x 480
60
25.175
09
00
6B
86
FB
CF
22
C7
03
83
3E
34
72
31.500
07
00
AB
C6
08
C0
D2
C7
03
83
3E
34
75
31.500
07
00
AB
C6
08
C0
D2
C7
03
83
3E
34
85
36.000
07
80
AB
66
03
00
50
C7
03
83
3E
34
800 x 600
56
38.100
05
80
AB
C6
1F
C2
52
C7
03
83
3E
34
60
40.000
07
00
AB
C6
0A
00
D0
C7
03
83
3E
34
72
50.000
05
80
AB
C6
19
02
4A
C7
03
83
3E
34
75
49.500
07
00
AB
C6
05
80
8A
C7
03
83
3E
34
85
56.250
07
80
AB
C6
06
40
8A
C7
03
83
3E
34
1024 x 768
43
44.900
05
00
AB
C6
70
46
D2
C7
03
83
3E
34
60
65.000
05
80
AB
C6
20
82
4A
C7
03
83
3E
34
70
75.000
07
00
AB
C6
0C
80
CA
C7
03
83
3E
34
75
78.750
07
00
AB
C6
08
C0
C6
C7
03
83
3E
34
85
94.500
0B
80
AB
C6
03
80
46
C7
03
83
3E
34
1152 x 864
75
108.000
0B
80
AB
C6
03
00
44
C7
03
83
3E
34
1280x768
60
68.250
06
80
6B
C6
16
C1
8A
C7
03
83
3E
34
60
79.500
06
80
6B
C6
1A
82
46
C7
03
83
3E
34
75
102.200
05
00
AB
C6
7F
CB
44
C7
03
83
3E
34
85
117.500
06
00
6B
C6
3A
C4
84
C7
03
83
3E
34
1360 x 768
60
85.500
06
80
AB
C6
09
80
C6
C7
03
83
3E
34
1280 x 960
60
108.000
0B
80
AB
C6
03
00
44
C7
03
83
3E
34
85
148.500
07
00
AB
C6
05
80
82
C7
03
83
3E
34
1280x1024
60
108.000
0B
80
AB
C6
03
00
44
C7
03
83
3E
34
75
135.000
07
80
AB
C6
03
C0
44
C7
03
83
3E
34
85
157.500
06
80
AB
C6
08
C0
C2
C7
03
83
3E
34
1400x1050
60
101.000
06
80
6B
C6
19
42
44
C7
03
83
3E
34
60
121.750
05
00
6B
C6
79
C6
C6
C7
03
83
3E
34
75
156.000
07
00
6B
C6
0D
00
C4
C7
03
83
3E
34
85
179.500
06
00
6B
C6
59
C6
C2
C7
03
83
3E
34
1600x1200
60
162.000
07
80
AB
C6
03
00
42
C7
03
83
3E
34
65
175.500
07
80
AB
C6
03
40
42
C7
03
83
3E
34
70
189.000
07
80
AB
C6
03
80
42
C7
03
83
3E
34
75
202.500
07
80
AB
C6
03
C0
42
C7
03
83
3E
34
85
229.500
07
80
AB
C6
04
40
42
C7
03
83
3E
34
4 Pin 9 is the video output clock used for both the Digital Television and VGA Video frequency settings


Similar Part No. - SL38160AZI-23AH

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SL38 BILIN-SL38 Datasheet
547Kb / 4P
   Schottky Barrier Rectifiers
logo
DAESAN ELECTRONIC CORP.
SL38 DAESAN-SL38 Datasheet
495Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SpectraLinear Inc
SL38000 SPECTRALINEAR-SL38000 Datasheet
370Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
logo
Silicon Laboratories
SL38000 SILABS-SL38000 Datasheet
208Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
More results

Similar Description - SL38160AZI-23AH

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL38000 SPECTRALINEAR-SL38000 Datasheet
370Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
logo
Silicon Laboratories
SL38000 SILABS-SL38000 Datasheet
208Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
logo
Rohm
BU2365FV ROHM-BU2365FV_08 Datasheet
736Kb / 17P
   Clock Generator with Built-in VCXO for Audio/Video Equipments
logo
PhaseLink Corporation
PLL501-22 PLL-PLL501-22 Datasheet
181Kb / 5P
   27MHz Multiple Output VCXO with Audio Clock
logo
Renesas Technology Corp
IDT8N3QV01 RENESAS-IDT8N3QV01 Datasheet
440Kb / 24P
   Quad-Frequency Programmable VCXO
MARCH 6, 2012
IDT8N3SV76 RENESAS-IDT8N3SV76 Datasheet
877Kb / 21P
   LVPECL Frequency-Programmable VCXO
2019
logo
Integrated Device Techn...
IDT8N4QV01 IDT-IDT8N4QV01 Datasheet
193Kb / 20P
   Quad-Frequency Programmable VCXO
logo
Renesas Technology Corp
IDT8N3SV75 RENESAS-IDT8N3SV75 Datasheet
784Kb / 20P
   LVPECL Frequency-Programmable VCXO
2019
IDT8N0QV01 RENESAS-IDT8N0QV01 Datasheet
836Kb / 20P
   Quad-Frequency Programmable VCXO
MARCH 13, 2014
IDT8N4QV01 RENESAS-IDT8N4QV01 Datasheet
868Kb / 21P
   Quad-Frequency Programmable VCXO
MARCH 11, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com