Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL38160AZI-23AH Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SL38160AZI-23AH
Description  Programmable Audio/Video CG with VCXO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL38160AZI-23AH Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SL38160AZI-23AH Datasheet HTML 3Page - Silicon Laboratories SL38160AZI-23AH Datasheet HTML 4Page - Silicon Laboratories SL38160AZI-23AH Datasheet HTML 5Page - Silicon Laboratories SL38160AZI-23AH Datasheet HTML 6Page - Silicon Laboratories SL38160AZI-23AH Datasheet HTML 7Page - Silicon Laboratories SL38160AZI-23AH Datasheet HTML 8Page - Silicon Laboratories SL38160AZI-23AH Datasheet HTML 9Page - Silicon Laboratories SL38160AZI-23AH Datasheet HTML 10Page - Silicon Laboratories SL38160AZI-23AH Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Rev AB January 16, 2011
Document Number: SP-AP-0198
Page 7 of 16
SL38160-17AH
SL38160-23AH
Byte Read and Byte Write Protocol
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
8:2
Slave address-7bits
8:2
Slave address-7bits
9
Write
9
Write
10
Acknowledge from slave
10
Acknowledge from slave
18:11
Command Code-8bits
18:11
Command Code-8bits
19
Acknowledge from slave
19
Acknowledge from slave
27:20
Data byte-8bits
20
Repeat start
28
Acknowledge from slave
27:21
Slave address-7bits
29
Stop
28
Read
29
Acknowledge from slave
37:30
Byte Count from slave 8bits
38
NOT Acknowledge
39
Stop
Note: When writing to any register bytes between 32d to 63d (20h to 40h), an additional
byte outside this range must be written to immediately afterward for proper loading to the
register bytes within this range.
I2C-bus Timing Specification
PARAMETER
SYMBOL
STANDARD-MODE
FAST-MODE
UNIT
MIN.
MAX.
MIN.
MAX.
SCL Clock
Frequency
fSCL
0
100
0
400
KHz
START hold
time
tHD;STA
4.0
-
0.6
-
us
SCLK LOW
period
tLOW
4.7
-
1.3
-
us
SCLK HIGH
period
tHIGH
4.0
-
0.6
-
us
START
Set-up time
tSU;DAT
4.7
-
0.6
-
us


Similar Part No. - SL38160AZI-23AH

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SL38 BILIN-SL38 Datasheet
547Kb / 4P
   Schottky Barrier Rectifiers
logo
DAESAN ELECTRONIC CORP.
SL38 DAESAN-SL38 Datasheet
495Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SpectraLinear Inc
SL38000 SPECTRALINEAR-SL38000 Datasheet
370Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
logo
Silicon Laboratories
SL38000 SILABS-SL38000 Datasheet
208Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
More results

Similar Description - SL38160AZI-23AH

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL38000 SPECTRALINEAR-SL38000 Datasheet
370Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
logo
Silicon Laboratories
SL38000 SILABS-SL38000 Datasheet
208Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
logo
Rohm
BU2365FV ROHM-BU2365FV_08 Datasheet
736Kb / 17P
   Clock Generator with Built-in VCXO for Audio/Video Equipments
logo
PhaseLink Corporation
PLL501-22 PLL-PLL501-22 Datasheet
181Kb / 5P
   27MHz Multiple Output VCXO with Audio Clock
logo
Renesas Technology Corp
IDT8N3QV01 RENESAS-IDT8N3QV01 Datasheet
440Kb / 24P
   Quad-Frequency Programmable VCXO
MARCH 6, 2012
IDT8N3SV76 RENESAS-IDT8N3SV76 Datasheet
877Kb / 21P
   LVPECL Frequency-Programmable VCXO
2019
logo
Integrated Device Techn...
IDT8N4QV01 IDT-IDT8N4QV01 Datasheet
193Kb / 20P
   Quad-Frequency Programmable VCXO
logo
Renesas Technology Corp
IDT8N3SV75 RENESAS-IDT8N3SV75 Datasheet
784Kb / 20P
   LVPECL Frequency-Programmable VCXO
2019
IDT8N0QV01 RENESAS-IDT8N0QV01 Datasheet
836Kb / 20P
   Quad-Frequency Programmable VCXO
MARCH 13, 2014
IDT8N4QV01 RENESAS-IDT8N4QV01 Datasheet
868Kb / 21P
   Quad-Frequency Programmable VCXO
MARCH 11, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com