Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL38160AZI-17AH Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SL38160AZI-17AH
Description  Programmable Audio/Video CG with VCXO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL38160AZI-17AH Datasheet(HTML) 4 Page - Silicon Laboratories

  SL38160AZI-17AH Datasheet HTML 1Page - Silicon Laboratories SL38160AZI-17AH Datasheet HTML 2Page - Silicon Laboratories SL38160AZI-17AH Datasheet HTML 3Page - Silicon Laboratories SL38160AZI-17AH Datasheet HTML 4Page - Silicon Laboratories SL38160AZI-17AH Datasheet HTML 5Page - Silicon Laboratories SL38160AZI-17AH Datasheet HTML 6Page - Silicon Laboratories SL38160AZI-17AH Datasheet HTML 7Page - Silicon Laboratories SL38160AZI-17AH Datasheet HTML 8Page - Silicon Laboratories SL38160AZI-17AH Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Rev AB January 16, 2011
Document Number: SP-AP-0198
Page 4 of 16
SL38160-17AH
SL38160-23AH
AC Electrical Characteristics
Unless otherwise stated VDD= 3.3V+/-10%, VIN=1.65V, Output Load=15pF for f<200MHz, 5pF for f>200MHz and
Ambient Temperature range 0 to +70°C for Commercial or -40 to +85°C for Industrial temperature option.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Frequency Range
FIN
Crystal input
-
27
-
MHz
Output Rise Time
Tr
VCLK and ACLK, all frequencies
-
-
1.5
ns
Output Rise Time
Tr
27M_REF1,27M_ REF2 clocks
-
-
2.0
ns
Output Fall Time
Tf
VCLK and ACLK, all frequencies
-
-
1.5
ns
Output Fall Time
Tf
27M_REF1,27M_ REF2 clocks
-
-
2.0
ns
Output Duty Cycle
-
All outputs ,f
≤100MHz
45
50
55
%
Output Duty Cycle
-
All outputs, f>100MHz
40
50
60
%
Output Frequency
Synthesis Error
FOUT
All Frequencies except 193.16MHz,
which has a +15ppm error
-
-
0
ppm
Cycle to Cycle Jitter
-
27M_REF1, 27M_REF2 outputs
-
160
250
ps
Cycle to Cycle Jitter
-
VCLK output
-
175
350
ps
Cycle to Cycle Jitter
-
ACLK output
-
150
250
ps
Long Term Jitter
1
-
27M_REF1, 27M_REF2 outputs
-
85
120
ps-rms
Long Term Jitter
-
1
VCLK output
-
250
700
ps-rms
Long Term Jitter
-
1
ACLK output
-
550
950
ps-rms
Frequency Settling Time
-
Time before valid clock output after
programming frequency via IIC
-
-
0.5
ms
Power-up Time
TPUP
Time from VDD minimum to valid
frequency output
-
-
5.5
ms
VCXO Pull Range
2
ΔFVCXO
Monotonic VCXO Crystal Pull Range
-
+/-150
-
ppm
Recommended Crystal Specifications (for VCXO applications)
2
Symbol
Description
Comments
Min
Typ
Max
Unit
FNOM
Nominal frequency
Fundamental mode
-
27
-
MHz
FDELTA25
Frequency tolerance at 25°C
-20
-
20
ppm
FDELTAT
Temperature tolerance
0 to 70°C (reference to 25°C )
-20
-
20
ppm
CLNOM
Nominal load capacitance
-
14
-
pF
R1
Equivalent series resistance
Fundamental mode (CL=series)
-
20
50
Ω
DL
Drive level
Nominal VDD @25°C over
+/-150ppm Pull range
-
-
500
uW
C0
Shunt capacitance
-
3.0
7.0
pF
1 Measured with 1000 samples at 10us delay on oscilloscope
2 KDS 1C727000CC1K crystal


Similar Part No. - SL38160AZI-17AH

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SL38 BILIN-SL38 Datasheet
547Kb / 4P
   Schottky Barrier Rectifiers
logo
DAESAN ELECTRONIC CORP.
SL38 DAESAN-SL38 Datasheet
495Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SpectraLinear Inc
SL38000 SPECTRALINEAR-SL38000 Datasheet
370Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
logo
Silicon Laboratories
SL38000 SILABS-SL38000 Datasheet
208Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
More results

Similar Description - SL38160AZI-17AH

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL38000 SPECTRALINEAR-SL38000 Datasheet
370Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
logo
Silicon Laboratories
SL38000 SILABS-SL38000 Datasheet
208Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
logo
Rohm
BU2365FV ROHM-BU2365FV_08 Datasheet
736Kb / 17P
   Clock Generator with Built-in VCXO for Audio/Video Equipments
logo
PhaseLink Corporation
PLL501-22 PLL-PLL501-22 Datasheet
181Kb / 5P
   27MHz Multiple Output VCXO with Audio Clock
logo
Renesas Technology Corp
IDT8N3QV01 RENESAS-IDT8N3QV01 Datasheet
440Kb / 24P
   Quad-Frequency Programmable VCXO
MARCH 6, 2012
IDT8N3SV76 RENESAS-IDT8N3SV76 Datasheet
877Kb / 21P
   LVPECL Frequency-Programmable VCXO
2019
logo
Integrated Device Techn...
IDT8N4QV01 IDT-IDT8N4QV01 Datasheet
193Kb / 20P
   Quad-Frequency Programmable VCXO
logo
Renesas Technology Corp
IDT8N3SV75 RENESAS-IDT8N3SV75 Datasheet
784Kb / 20P
   LVPECL Frequency-Programmable VCXO
2019
IDT8N0QV01 RENESAS-IDT8N0QV01 Datasheet
836Kb / 20P
   Quad-Frequency Programmable VCXO
MARCH 13, 2014
IDT8N4QV01 RENESAS-IDT8N4QV01 Datasheet
868Kb / 21P
   Quad-Frequency Programmable VCXO
MARCH 11, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com