Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL38000ZI-15AHT Datasheet(PDF) 3 Page - Silicon Laboratories

Part # SL38000ZI-15AHT
Description  4-PLL Clock Generator with SSC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL38000ZI-15AHT Datasheet(HTML) 3 Page - Silicon Laboratories

  SL38000ZI-15AHT Datasheet HTML 1Page - Silicon Laboratories SL38000ZI-15AHT Datasheet HTML 2Page - Silicon Laboratories SL38000ZI-15AHT Datasheet HTML 3Page - Silicon Laboratories SL38000ZI-15AHT Datasheet HTML 4Page - Silicon Laboratories SL38000ZI-15AHT Datasheet HTML 5Page - Silicon Laboratories SL38000ZI-15AHT Datasheet HTML 6Page - Silicon Laboratories SL38000ZI-15AHT Datasheet HTML 7Page - Silicon Laboratories SL38000ZI-15AHT Datasheet HTML 8Page - Silicon Laboratories SL38000ZI-15AHT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Rev 2.3, July 9, 2010
Page 3 of 10
SL38000-15AH
Pin Description
Pin
Number
Pin Name
Pin
Type
Pin Description
1
XIN/CLKIN
Input
External crystal oscillator input. XIN=25.000MHz. If crystal with CL=18pF is
used no external crystal load capacitors are needed. See Note-2 below.
2
OE
Input
Output enable for CLK1 (12.000MHz) pin. OE=1 CLK1 is enabled. OE=0 CLK1
is disabled. Refer to Table 2. Weakly pulled-up to VDD (20
0kΩ-typ).
3
CLK2
Output
125.000MHz clock output. No Spread.
4,12,13,
15,18,25
N/C
N/A
No connect (leave these pins floating).
5
VDDO1
Power
Power pin for SSCLK1=133.333MHz. 3.3V+/-10%. Power supply ramp on this
pin should be the same as VDD power ramp on pins 6, 26 and 27. See Note-1
below.
6,26,27
VDD
Power
3.3V+/-10%.
7,8,9,10,
20,21
VSS
Power
Power supply ground for VDD and VDDO pins.
11
REFOUT
Output
25.000MHz. (Same as crystal input frequency)
14
SSCLK1
Output
133.333MHz clock output with spread option. Spread is off if SSON=0. Spread
is on if SSON=1. Refer to Table 1.
16
SSCLK2
Output
50.000MHz clock output with spread option. Spread is off if SSON=0. Spread
is on if SSON=1. Refer to Table 1.
17
SSON
Input
Spread control pin for SSCLK1 (133.333MHz) and SSCLK2 (50.000MHz)
clocks. If SSON=1 spread is on. If SSON=0 spread is 0% (no spread). Refer to
Table 1 for spread % values. Weakly pulled-
down to VSS (200kΩ-typ).
SSON is powered by VDDO3 and SSON=1=VDDO3=2.5V.
19
CLK1
Output
12.000MHz clock output. No Spread.
22
VDDO3
Power
Power pin for CLK1=12.000MHz. 3.3V+/-10%. Power supply ramp on this pin
should be the same as VDD power ramp on pins 6, 26 and 27. See Note-1
below.
23
VDDO2
Power
Power pin for SSCLK2=50.000MHz. 3.3V+/-10%. Power supply ramp on this
pin should be the same as VDD power ramp on pins 6, 26 and 27. See Note-1
below.
24
PD#
Input
Power down control pin. PD#=1 is normal operation. Device is turned off if
PD#=0. Refer to Table 3. Weakly pulled-
up to VDD (200kΩ-typ).
28
XOUT
Output
External crystal output. If crystal with CL=18pF is used no external crystal load
capacitors are needed. See Note-2 below.
Note-1: VDDO
≤VDD at all times or all VDD and VDDO pins must be connected to same common VDD
power supply.
Note-2: Xin and Xout pin capacitances are programmed as 34pF. Including 2pF parasitic PCB
capacitances at each pin, the total capacitance value becomes 36pF. If a crystal with 18pF is used, no
external capacitance is required since these capacitance values matches the crystal CL=18pF
requirement for nominal +/-0ppm crystal accuracy.


Similar Part No. - SL38000ZI-15AHT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL38000ZI-XXX SPECTRALINEAR-SL38000ZI-XXX Datasheet
370Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
SL38000ZI-XXXT SPECTRALINEAR-SL38000ZI-XXXT Datasheet
370Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
More results

Similar Description - SL38000ZI-15AHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
[Old version datasheet]   SSC Clock Generator/Buffer
CDCS502 TI1-CDCS502_12 Datasheet
566Kb / 12P
[Old version datasheet]   Crystal Oscillator / Clock Generator with optional SSC
CDCS502 TI-CDCS502 Datasheet
353Kb / 11P
[Old version datasheet]   Crystal Oscillator / Clock Generator with optional SSC
logo
Cypress Semiconductor
CY25822-2 CYPRESS-CY25822-2 Datasheet
74Kb / 9P
   CK-SSC Spread Spectrum Clock Generator
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
   PLL CLOCK GENERATOR
logo
ON Semiconductor
FS6128-07 ONSEMI-FS6128-07 Datasheet
201Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
logo
Analog Devices
ADF4360-9 AD-ADF4360-9 Datasheet
1Mb / 24P
   Clock Generator PLL with Integrated VCO
REV. B
logo
ON Semiconductor
FS6128-04 ONSEMI-FS6128-04 Datasheet
223Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
logo
Hittite Microwave Corpo...
HMC1032LP6GE HITTITE-HMC1032LP6GE Datasheet
931Kb / 12P
   Clock Generator with Fractional-N PLL
HMC1031MS8E HITTITE-HMC1031MS8E Datasheet
1Mb / 10P
   CLOCK GENERATOR WITH INTEGER-N PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com