Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPL505YC256BT Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SPL505YC256BT
Description  Clock Generator for Intel Bearlake Chipset
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SPL505YC256BT Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SPL505YC256BT Datasheet HTML 2Page - Silicon Laboratories SPL505YC256BT Datasheet HTML 3Page - Silicon Laboratories SPL505YC256BT Datasheet HTML 4Page - Silicon Laboratories SPL505YC256BT Datasheet HTML 5Page - Silicon Laboratories SPL505YC256BT Datasheet HTML 6Page - Silicon Laboratories SPL505YC256BT Datasheet HTML 7Page - Silicon Laboratories SPL505YC256BT Datasheet HTML 8Page - Silicon Laboratories SPL505YC256BT Datasheet HTML 9Page - Silicon Laboratories SPL505YC256BT Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SPL505YC25
......................Document #: 001-03543 Rev *E Page 6 of 27
7
HW
FS_C
CPU Frequency Select Bit, set by HW
6
HW
FS_B
CPU Frequency Select Bit, set by HW
5
HW
FS_A
CPU Frequency Select Bit, set by HW
4
0
iAMT_EN
Set via SMBus or by combination of PWRDWN, CPU_STP, and PCI_STP
0 = Legacy Mode, 1 = iAMT Enabled, Sticky 1
3
0
RESERVED
RESERVED
2
0
SRC_MAIN_SEL
Select source for SRC clock,
0 = SRC_MAIN = PLL1, PLL3_CFB Table applies
1 = SRC_MAIN = PLL3, PLL3_CFB Table does not apply
1
0
SATA_SEL
Select source of SATA clock
0 = SATA SRC_MAIN, 1= SATA PLL2
0
1
PD_Restore
Save Config. In powerdown
0 = Config. Cleared, 1 = Config. Saved
Byte 0: Control Register 0
Byte 1: Control Register 1
Bit
@Pup
Name
Description
7
0
SRC0_SEL
Select for SRC0 or DOT96, 0 = SRC0, 1 = DOT96
6
0
PLL1_SS_DC
Select for down or center SS,
0 = Down spread, 1 = Center spread
5
0
PLL3_SS_DC
Select for down or center SS,
0 = Down spread, 1 = Center spread
4
0
PLL3_CFB3
Bit 4:1 only apply when SRC_SEL=0
0000 = PLL3 Disable Default
PLL3 OFF, SRC1 = SRC_MAIN
0001 = 100 MHz 0.5% SSC Stby
PLL3 ON, SRC1 = SRC_MAIN
0010 = 100 MHz 0.5% SSC
Only SRC1 sourced from PLL3
0011 = 100 MHz 1.0% SSC
Only SRC1 sourced from PLL3
0100 = 100 MHz 1.5% SSC
Only SRC1 sourced from PLL3
0101 = 100 MHz 2.0% SSC
Only SRC1 sourced from PLL3
0110 = RESERVED
0111 = RESERVED
1000 = RESERVED
Note: SE clocks required to be
1001 = RESERVED
enabled through Byte 8 Bit1:0
1010 = RESERVED
1011 = 27MHz_NSS on SE1 and SE2
1100 = 25MHz on SE1 and SE2
1101 = 25MHz on SE1 and SE2 Disabled (set whenPCI3/CFB0 is set high to
config to HW mode 3)
1110 = RESERVED
1111 = RESERVED
3
0
PLL3_CFB2
2
0
PLL3_CFB1
1
1
PLL3_CFB0
0
1
PCI_SEL
Select PCI Clock source from PLL1 or SRC_MAIN
0 = PLL1, 1 = SRC_MAIN
Byte 2: Control Register 2
Bit
@Pup
Name
Description
7
1
REF_OE
Output enable for REF
0 = Output Disabled, 1 = Output Enabled
6
1
USB_OE
Output enable for USB
0 = Output Disabled, 1 = Output Enabled
5
1
PCIF0_OE
Output enable for PCIF0
0 = Output Disabled, 1 = Output Enabled
4
1
PCI4_OE
Output enable for PCI4, 0 = Output Disabled, 1 = Output Enabled
3
1
PCI3_OE
Output enable for PCI3, 0 = Output Disabled, 1 = Output Enabled


Similar Part No. - SPL505YC256BT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
SPL5100PT CHENMKO-SPL5100PT Datasheet
178Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Roithner LaserTechnik G...
SPL520-10-4-PD ROITHNER-SPL520-10-4-PD Datasheet
279Kb / 2P
   Green Pigtailed Laser Diode
SPL520-10-9-PD ROITHNER-SPL520-10-9-PD Datasheet
284Kb / 2P
   Green Pigtailed Laser Diode
logo
Chenmko Enterprise Co. ...
SPL520LLPT CHENMKO-SPL520LLPT Datasheet
152Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL540LAPT CHENMKO-SPL540LAPT Datasheet
160Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SPL505YC256BT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442 CYPRESS-CY28442 Datasheet
293Kb / 22P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28411 SPECTRALINEAR-CY28411 Datasheet
186Kb / 18P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28410 CYPRESS-CY28410 Datasheet
281Kb / 18P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com