Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL38000ZC-15AH Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SL38000ZC-15AH
Description  4-PLL Clock Generator with SSC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL38000ZC-15AH Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SL38000ZC-15AH Datasheet HTML 2Page - Silicon Laboratories SL38000ZC-15AH Datasheet HTML 3Page - Silicon Laboratories SL38000ZC-15AH Datasheet HTML 4Page - Silicon Laboratories SL38000ZC-15AH Datasheet HTML 5Page - Silicon Laboratories SL38000ZC-15AH Datasheet HTML 6Page - Silicon Laboratories SL38000ZC-15AH Datasheet HTML 7Page - Silicon Laboratories SL38000ZC-15AH Datasheet HTML 8Page - Silicon Laboratories SL38000ZC-15AH Datasheet HTML 9Page - Silicon Laboratories SL38000ZC-15AH Datasheet HTML 10Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Rev 2.3, July 9, 2010
Page 7 of 10
SL38000-15AH
AC Electrical Characteristics (I-Grade)
Unless otherwise stated VDD=VDDO=3.3V+/-10%, CL=15pF and Ambient Temperature range -40 to +85 Deg C
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Frequency Range
FIN1
Crystal Resonator
-
25.000
-
MHz
Output Frequency Range
FOUT1
REFOUT, Pin 11, PD#=1
-
25.000
-
MHz
Output Frequency Range
FOUT2
CLK1, Pin 19, OE=1, PD#=1
-
12.000
-
MHz
Output Frequency Range
FOUT3
CLK2, Pin 3, PD#=1
-
125.000
-
MHz
Output Frequency Range
FOUT4
SSCLK1, Pin 14, SSON=0, PD#=1
-
133.333
-
MHz
Output Frequency Range
FOUT5
SSCLK2, Pin 16, SSON=0, PD#=1
-
50.000
-
MHz
Output Duty Cycle
DC1
REFCLK, CLK1/2 and SSCLK1/2
45
50
55
%
Clock Accuracy
PPM
All clocks (Pins 3, 11, 14, 16, 19 )
-1
0
1
ppm
Rise/Fall Time
Tr/f-1
REFOUT, Pin 11, CL=10pF,
VDD=3.3V
-
1.4
4.0
ns
Rise/Fall Time
Tr/f-2
CLK1, Pin 19, CL=10pF,
VDD02=3.3V
-
0.8
1.5
ns
Rise/Fall Time
Tr/f-3
CLK2, Pin 3, CL=10pF,
VDD02=3.3V
-
0.9
1.6
ns
Rise/Fall Time
Tr/f-4
SSCLK1, Pin 14, CL=10pF,
VDD01=3.3V
-
0.8
1.6
ns
Rise/Fall Time
Tr/f-5
SSCLK2, Pin 16, CL=10pF,
VDD03=3.3V
-
1.6
2.4
ns
Cycle-to-Cycle Jitter
CCJ1
REFOUT=25.000MHz, CL=10pF,
Pins 11
-
40
-
ps-
rms
Cycle-to-Cycle Jitter
CCJ2
CLK1=12.000MHz, CL=10pF
Pin 19
-
22
-
ps-
rms
Cycle-to-Cycle Jitter
CCJ3
CLK2=125.000MHz, CL=10pF
Pin 3
-
18
-
ps-
rms
Cycle-to-Cycle Jitter
CCJ4
SSCLK2=50.000MHz, SSON=1,
CL=10pF, Pin 16
-
40
-
ps-
rms
Power-down Time
tPD
Time from PD# falling edge to Hi-Z
at outputs (Asynchronous)
-
150
350
ns
Power-up Time
(Crystal)
tPU1
Time from VDD=3.3V rising edge to
valid output frequency
(Asynchronous)
-
5.0
8.0
ms
Power-up time (PD#)
tPU2
Time from PD# rising edge to valid
frequency at outputs
(Asynchronous)
0.25
2.0
ms
Output Enable Time
tOE
Time from OE rising edge to valid
clock at Pin-19 (Asynchronous)
-
250
400
ns
Output Disable Time
tOD
Time from OE falling edge to Hi-Z at
Pin-19 (Asynchronous)
-
200
350
ns


Similar Part No. - SL38000ZC-15AH

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL38000ZC-XXX SPECTRALINEAR-SL38000ZC-XXX Datasheet
370Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
SL38000ZC-XXXT SPECTRALINEAR-SL38000ZC-XXXT Datasheet
370Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
More results

Similar Description - SL38000ZC-15AH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
[Old version datasheet]   SSC Clock Generator/Buffer
CDCS502 TI1-CDCS502_12 Datasheet
566Kb / 12P
[Old version datasheet]   Crystal Oscillator / Clock Generator with optional SSC
CDCS502 TI-CDCS502 Datasheet
353Kb / 11P
[Old version datasheet]   Crystal Oscillator / Clock Generator with optional SSC
logo
Cypress Semiconductor
CY25822-2 CYPRESS-CY25822-2 Datasheet
74Kb / 9P
   CK-SSC Spread Spectrum Clock Generator
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
   PLL CLOCK GENERATOR
logo
ON Semiconductor
FS6128-07 ONSEMI-FS6128-07 Datasheet
201Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
logo
Analog Devices
ADF4360-9 AD-ADF4360-9 Datasheet
1Mb / 24P
   Clock Generator PLL with Integrated VCO
REV. B
logo
ON Semiconductor
FS6128-04 ONSEMI-FS6128-04 Datasheet
223Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
logo
Hittite Microwave Corpo...
HMC1032LP6GE HITTITE-HMC1032LP6GE Datasheet
931Kb / 12P
   Clock Generator with Fractional-N PLL
HMC1031MS8E HITTITE-HMC1031MS8E Datasheet
1Mb / 10P
   CLOCK GENERATOR WITH INTEGER-N PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com