Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL28773ELCT Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SL28773ELCT
Description  EProClock짰 Generator for Intel Calpella Chipset
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28773ELCT Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SL28773ELCT Datasheet HTML 6Page - Silicon Laboratories SL28773ELCT Datasheet HTML 7Page - Silicon Laboratories SL28773ELCT Datasheet HTML 8Page - Silicon Laboratories SL28773ELCT Datasheet HTML 9Page - Silicon Laboratories SL28773ELCT Datasheet HTML 10Page - Silicon Laboratories SL28773ELCT Datasheet HTML 11Page - Silicon Laboratories SL28773ELCT Datasheet HTML 12Page - Silicon Laboratories SL28773ELCT Datasheet HTML 13Page - Silicon Laboratories SL28773ELCT Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SL28773
......................Document #: 001-08400 Rev ** Page 10 of 21
.
.
The SL28773 requires a Parallel Resonance Crystal. Substi-
tuting a series resonance crystal causes the SL28773 to
operate at the wrong frequency and violates the ppm specifi-
cation. For most applications there is a 300-ppm frequency
shift between series and parallel crystals due to incorrect
loading.
Crystal Loading
Crystal loading plays a critical role in achieving low ppm perfor-
mance. To realize low ppm performance, use the total capac-
itance the crystal sees to calculate the appropriate capacitive
loading (CL).
Figure 1 shows a typical crystal configuration using the two
trim capacitors. It is important that the trim capacitors are in
series with the crystal. It is not true that load capacitors are in
parallel with the crystal and are approximately equal to the
load capacitance of the crystal.
Calculating Load Capacitors
In addition to the standard external trim capacitors, consider
the trace capacitance and pin capacitance to calculate the
crystal loading correctly. Again, the capacitance on each side
is in series with the crystal. The total capacitance on both side
is twice the specified crystal load capacitance (CL). Trim
capacitors are calculated to provide equal capacitive loading
on both sides.
1
0
0
0
27M_NSS
27M_SS
-1.75%
1
0
0
1
27M_NSS
27M_SS
+/-0.5%
1
0
1
0
27M_NSS
27M_SS
+/-0.75%
10
11
N/A
N/A
N/A
11
00
N/A
N/A
N/A
11
01
N/A
N/A
N/A
11
10
N/A
N/A
N/A
11
11
N/A
N/A
N/A
B1b4
B1b3
B1b2
B1b1
Pin7
Pin 8
Spread
(%)
Table 5. Output Driver Status during CPU_STP#
CPU_STP# Asserted
SMBus OE Disabled
Single-ended Clocks
Stoppable
Running
Driven low
Non stoppable
Running
Differential Clocks
Stoppable
Clock driven high
Clock driven low
Clock# driven low
Non stoppable
Running
Table 6. Output Driver Status
All Single-ended Clocks
All Differential Clocks
w/o Strap
w/ Strap
Clock
Clock#
PD# = 0 (Power down)
Low
Hi-z
Low
Low
Table 7. Crystal Recommendations
Frequency
(Fund)
Cut
Loading
Load Cap
Drive
(max.)
Shunt Cap
(max.)
Motional
(max.)
Tolerance
(max.)
Stability
(max.)
Aging
(max.)
14.31818 MHz
AT
Parallel
20 pF
0.1 mW
5 pF
0.016 pF
35 ppm
30 ppm
5 ppm
Figure 1. Crystal Capacitive Clarification


Similar Part No. - SL28773ELCT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28770 SILABS-SL28770 Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
SL28770ELC SILABS-SL28770ELC Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
SL28770ELCT SILABS-SL28770ELCT Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
SL28770ELI SILABS-SL28770ELI Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
SL28770ELIT SILABS-SL28770ELIT Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
More results

Similar Description - SL28773ELCT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28779 SILABS-SL28779 Datasheet
292Kb / 22P
   EProClock짰 Generator for Intel Calpella Chipset
SL28748 SILABS-SL28748 Datasheet
316Kb / 19P
   EProClock짰 Generator for Intel Calpella Chipset
SL28770 SILABS-SL28770 Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
SL28774 SILABS-SL28774 Datasheet
274Kb / 19P
   EProClock짰 Generator for Intel Calpella Chipset
logo
Cypress Semiconductor
CY28301 CYPRESS-CY28301 Datasheet
114Kb / 15P
   Frequency Generator for Intel Integrated Chipset
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com