Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL28774 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SL28774
Description  EProClock짰 Generator for Intel Calpella Chipset
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28774 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SL28774 Datasheet HTML 5Page - Silicon Laboratories SL28774 Datasheet HTML 6Page - Silicon Laboratories SL28774 Datasheet HTML 7Page - Silicon Laboratories SL28774 Datasheet HTML 8Page - Silicon Laboratories SL28774 Datasheet HTML 9Page - Silicon Laboratories SL28774 Datasheet HTML 10Page - Silicon Laboratories SL28774 Datasheet HTML 11Page - Silicon Laboratories SL28774 Datasheet HTML 12Page - Silicon Laboratories SL28774 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
SL28774
........................Document #: 001-08400 Rev ** Page 9 of 19
Byte 14: Control Register 14
Table 4. Pin 6 and 7 Configuration Table
.
.
0
0
Wireless Friendly mode
Wireless Friendly Mode
0 = Disabled, Default all single-ended clocks slew rate config bits to ‘101’
1 = Enabled, Default all single-ended clocks slew rate config bits to ‘111’
Bit
@Pup
Name
Description
7
1
RESERVED
RESERVED
6
0
RESERVED
RESERVED
5
1
RESERVED
RESERVED
40
OTP_4
OTP_ID
Identification for programmed device
30
OTP_3
20
OTP_2
10
OTP_1
00
OTP_0
B1b4
B1b3
B1b2
B1b1
Pin7
Pin 8
Spread
(%)
00
00
N/A
N/A
N/A
00
01
N/A
N/A
N/A
0
0
1
0
27M_NSS
27M_SS
-0.5%
0
0
1
1
27M_NSS
27M_SS
-1%
0
1
0
0
27M_NSS
27M_SS
-1.5%
0
1
0
1
27M_NSS
27M_SS
-2%
0
1
1
0
27M_NSS
27M_SS
-0.75V
0
1
1
1
27M_NSS
27M_SS
-1.25%
1
0
0
0
27M_NSS
27M_SS
-1.75%
1
0
0
1
27M_NSS
27M_SS
+/-0.5%
1
0
1
0
27M_NSS
27M_SS
+/-0.75%
10
11
N/A
N/A
N/A
11
00
N/A
N/A
N/A
11
01
N/A
N/A
N/A
11
10
N/A
N/A
N/A
11
11
N/A
N/A
N/A
Table 5. Output Driver Status during 27_OE#
27M_OE# Asserted
27M_OE# Deasserted
SMBus OE Disabled
27M_SS & 27M_NSS
Stoppable
Running
Driven low
Other single-ended
clocks
Running
Running
Differential Clocks
Running
Running
Driven low
Running
Running
Running
Running
Table 6. Output Driver Status
All Single-ended Clocks
All Differential Clocks
w/o Strap
w/ Strap
Clock
Clock#


Similar Part No. - SL28774

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28770 SILABS-SL28770 Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
SL28770ELC SILABS-SL28770ELC Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
SL28770ELCT SILABS-SL28770ELCT Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
SL28770ELI SILABS-SL28770ELI Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
SL28770ELIT SILABS-SL28770ELIT Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
More results

Similar Description - SL28774

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28779 SILABS-SL28779 Datasheet
292Kb / 22P
   EProClock짰 Generator for Intel Calpella Chipset
SL28773 SILABS-SL28773 Datasheet
435Kb / 22P
   EProClock짰 Generator for Intel Calpella Chipset
SL28748 SILABS-SL28748 Datasheet
316Kb / 19P
   EProClock짰 Generator for Intel Calpella Chipset
SL28770 SILABS-SL28770 Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
logo
Cypress Semiconductor
CY28301 CYPRESS-CY28301 Datasheet
114Kb / 15P
   Frequency Generator for Intel Integrated Chipset
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com