Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL28748 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SL28748
Description  EProClock짰 Generator for Intel Calpella Chipset
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28748 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SL28748 Datasheet HTML 7Page - Silicon Laboratories SL28748 Datasheet HTML 8Page - Silicon Laboratories SL28748 Datasheet HTML 9Page - Silicon Laboratories SL28748 Datasheet HTML 10Page - Silicon Laboratories SL28748 Datasheet HTML 11Page - Silicon Laboratories SL28748 Datasheet HTML 12Page - Silicon Laboratories SL28748 Datasheet HTML 13Page - Silicon Laboratories SL28748 Datasheet HTML 14Page - Silicon Laboratories SL28748 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SL28748
DOC#: SP-AP-0017 (Rev. AA)
Page 11 of 19
CPU_STP# Assertion
The CPU_STP# signal is an active LOW input used for
synchronous stopping and starting the CPU output clocks
while the rest of the clock generator continues to function.
When the CPU_STP# pin is asserted, all CPU outputs that are
set with the SMBus configuration to be stoppable are stopped
within two to six CPU clock periods after sampled by two rising
edges of the internal CPUC clock. The final states of the
stopped CPU signals are CPUT = HIGH and CPUC = LOW.
CPU_STP# Deassertion
The deassertion of the CPU_STP# signal causes all stopped
CPU outputs to resume normal operation in a synchronous
manner. No short or stretched clock pulses are produced when
the clock resumes. The maximum latency from the
deassertion to active outputs is no more than two CPU clock
cycles.
Figure 3. CKPWRGD Timing Diagram
CPU_STP#
CPUT
CPUC
Figure 4. CPU_STP# Assertion Waveform
CPU_STP#
CPUT
CPUC
CPUT Internal
Tdrive_CPU_STP#,10 ns>200 mV
CPUC Internal
Figure 5. CPU_STP# Deassertion Waveform


Similar Part No. - SL28748

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28770 SILABS-SL28770 Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
SL28770ELC SILABS-SL28770ELC Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
SL28770ELCT SILABS-SL28770ELCT Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
SL28770ELI SILABS-SL28770ELI Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
SL28770ELIT SILABS-SL28770ELIT Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
More results

Similar Description - SL28748

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28779 SILABS-SL28779 Datasheet
292Kb / 22P
   EProClock짰 Generator for Intel Calpella Chipset
SL28773 SILABS-SL28773 Datasheet
435Kb / 22P
   EProClock짰 Generator for Intel Calpella Chipset
SL28770 SILABS-SL28770 Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
SL28774 SILABS-SL28774 Datasheet
274Kb / 19P
   EProClock짰 Generator for Intel Calpella Chipset
logo
Cypress Semiconductor
CY28301 CYPRESS-CY28301 Datasheet
114Kb / 15P
   Frequency Generator for Intel Integrated Chipset
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com