Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL28748 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SL28748
Description  EProClock짰 Generator for Intel Calpella Chipset
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28748 Datasheet(HTML) 5 Page - Silicon Laboratories

  SL28748 Datasheet HTML 1Page - Silicon Laboratories SL28748 Datasheet HTML 2Page - Silicon Laboratories SL28748 Datasheet HTML 3Page - Silicon Laboratories SL28748 Datasheet HTML 4Page - Silicon Laboratories SL28748 Datasheet HTML 5Page - Silicon Laboratories SL28748 Datasheet HTML 6Page - Silicon Laboratories SL28748 Datasheet HTML 7Page - Silicon Laboratories SL28748 Datasheet HTML 8Page - Silicon Laboratories SL28748 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SL28748
DOC#: SP-AP-0017 (Rev. AA)
Page 5 of 19
Control Registers
Byte 0: Control Register 0
Bit
@Pup
Name
Description
7
HW
FS
CPU Frequency Select Bit, set by HW
0 = 133MHz, 1= 100MHz
6
0
RESERVED
RESERVED
5
1
RESERVED
RESERVED
4
0
iAMT_EN
iAMT Enable
0 = Legacy Mode, 1 = iAMT Enabled
3
0
RESERVED
RESERVED
2
0
SRC_Main_SEL
Select source for SRC clock
0 = SRC_MAIN = PLL1, PLL3_CFG Table applies
1 = SRC_MAIN = PLL3, PLL3_CFG Table does not apply
1
0
SATA_SEL
Select source of SATA clock
0 = SATA = SRC_MAIN, 1= SATA = PLL4
0
1
PD_Restore
Save configuration when PD# is asserted
0 = Config. cleared, 1 = Config. saved
Byte 1: Control Register 1
Bit
@Pup
Name
Description
7
1
RESERVED
RESERVED
6
0
PLL1_SS_DC
Select for down or center SS
0 = Down spread, 1 = Center spread
5
0
PLL3_SS_DC
Select for down or center SS
0 = Down spread, 1 = Center spread
4
0
PLL3_CFB3
CFB Bit [4:1] only applies when SRC_Main_SEL = 0 (Byte 0, bit 2 =0)
See Table 4 on page 9 for Configuration.
3
0
PLL3_CFB2
2
1
PLL3_CFB1
1
0
PLL3_CFB0
0
1
RESERVED
RESERVED
Byte 2: Control Register 2
Bit
@Pup
Name
Description
7
1
REF_OE
Output enable for REF
0 = Output Disabled, 1 = Output Enabled
6
1
RESERVED
RESERVED
5
1
RESERVED
RESERVED
4
1
RESERVED
RESERVED
3
1
RESERVED
RESERVED
2
1
RESERVED
RESERVED
1
1
RESERVED
RESERVED
0
1
RESERVED
RESERVED
Byte 3: Control Register 3
Bit
@Pup
Name
Description
7
1
RESERVED
RESERVED
6
1
RESERVED
RESERVED
5
1
RESERVED
RESERVED


Similar Part No. - SL28748

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28770 SILABS-SL28770 Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
SL28770ELC SILABS-SL28770ELC Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
SL28770ELCT SILABS-SL28770ELCT Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
SL28770ELI SILABS-SL28770ELI Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
SL28770ELIT SILABS-SL28770ELIT Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
More results

Similar Description - SL28748

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28779 SILABS-SL28779 Datasheet
292Kb / 22P
   EProClock짰 Generator for Intel Calpella Chipset
SL28773 SILABS-SL28773 Datasheet
435Kb / 22P
   EProClock짰 Generator for Intel Calpella Chipset
SL28770 SILABS-SL28770 Datasheet
448Kb / 23P
   EProClock짰 Generator for Intel Calpella Chipset
SL28774 SILABS-SL28774 Datasheet
274Kb / 19P
   EProClock짰 Generator for Intel Calpella Chipset
logo
Cypress Semiconductor
CY28301 CYPRESS-CY28301 Datasheet
114Kb / 15P
   Frequency Generator for Intel Integrated Chipset
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com