Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL28647CLC Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SL28647CLC
Description  Clock Generator for Intel짰CK505
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28647CLC Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SL28647CLC Datasheet HTML 5Page - Silicon Laboratories SL28647CLC Datasheet HTML 6Page - Silicon Laboratories SL28647CLC Datasheet HTML 7Page - Silicon Laboratories SL28647CLC Datasheet HTML 8Page - Silicon Laboratories SL28647CLC Datasheet HTML 9Page - Silicon Laboratories SL28647CLC Datasheet HTML 10Page - Silicon Laboratories SL28647CLC Datasheet HTML 11Page - Silicon Laboratories SL28647CLC Datasheet HTML 12Page - Silicon Laboratories SL28647CLC Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
SL28647
.......................Document #: 001-05103 Rev *B Page 9 of 27
5
0
S1
27M_SS/LCD 96_100M SS Spread Spectrum Selection table:
S[1:0] SS%
‘00’ = –0.5%(Default value)
‘01’ = –1.0%
‘10’ = –1.5%
‘11’ = –2.0%
40
S0
3
1
RESERVED
RESERVED
2
1
27M_SS_OE
27M_SS Output Enable
0 =Disabled, 1 = Enabled
1
1
27M_SS/LCD_96M/100M
Spread Enable
27M_SS/LCD_96/100M Spread spectrum enable.
0 = Spread Disabled, 1 = Spread Enabled
0
0
RESERVED
RESERVED
Byte 10 Control Register 10 (continued)
Bit
@Pup
Name
Description
Byte 11 Control Register 11
Bit
@Pup
Name
Description
7
1
RESERVED
RESERVED
6
1
RESERVED
RESERVED
5
1
SRC9_OE
SRC9 Output Enable
0 = Disabled, 1 = Enabled
4
1
SRC8_OE
SRC8 Output Enable
0 = Disabled, 1 = Enabled
3
0
RESERVED
RESERVED
2
0
SRC10_STP_CTRL
Allow control of SRC10 with assertion of SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
1
0
SRC9_STP_CTRL
Allow control of SRC9 with assertion of SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
0
0
SRC8_STP_CTRL
Allow control of SRC8 with assertion of SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
Byte 12 Control Register 12
Bit
@Pup
Name
Description
7
0
DIAG_EN
Diagnostic Bits Enabled
0 = Reset (default) setting bit 6, 5, 4, 2, 0 to zero
1 = DIAG mode enabled
6
HW
CPU PLL Status
CPU_PLL status
0 = PLL not locked; 1 = PLL locked
5
HW
Video PLL Status
Video_PLL status
0 = PLL not locked; 1 = PLL locked
4
HW
Fixed PLL Status
Fixed_PLL status
0 = PLL not locked; 1 = PLL locked
3
HW
PCIe PLL Status
PCIe_PLL status
0 = PLL not locked; 1 = PLL locked
2
HW
Frequency Accuracy
Primiary PLL or external crystal Frequency Accuracy
0=Frequency not accurate, 1=Frequency Accurate
1
1
Byte 0 Access
Byte 0 Access Control
0 = Disabled, 1 = Enabled


Similar Part No. - SL28647CLC

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28610 SILABS-SL28610 Datasheet
277Kb / 23P
   Low Power Clock Generator for Intel짰 Ultra Mobile Platform
SL28610BLC SILABS-SL28610BLC Datasheet
277Kb / 23P
   Low Power Clock Generator for Intel짰 Ultra Mobile Platform
SL28610BLI SILABS-SL28610BLI Datasheet
277Kb / 23P
   Low Power Clock Generator for Intel짰 Ultra Mobile Platform
More results

Similar Description - SL28647CLC

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD151TS301RP HITACHI-HD151TS301RP Datasheet
60Kb / 8P
   Clock Generator for Printer
logo
Rohm
BU2190F ROHM-BU2190F Datasheet
46Kb / 4P
   Clock generator for PD
BU2279F ROHM-BU2279F Datasheet
48Kb / 2P
   Clock generator for PC
logo
List of Unclassifed Man...
BU2362FV ETC1-BU2362FV Datasheet
57Kb / 2P
   Clock generator for DVD
logo
Rohm
BU2192F ROHM-BU2192F Datasheet
42Kb / 4P
   Clock generator for personal
logo
Nippon Precision Circui...
SM8703AV NPC-SM8703AV Datasheet
106Kb / 12P
   Clock Generator for MPEG2 System
SM8703CV NPC-SM8703CV Datasheet
98Kb / 12P
   Clock Generator for DVD Players
logo
SpectraLinear Inc
CY28331 SPECTRALINEAR-CY28331 Datasheet
178Kb / 16P
   Clock Generator for AMD??Hammer
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100_16 Datasheet
915Kb / 33P
   Clock Generator for Cavium Processors
logo
Freescale Semiconductor...
MPC9850 FREESCALE-MPC9850 Datasheet
247Kb / 12P
   Clock Generator for PowerQUICC III
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com