Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL28610BLC Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SL28610BLC
Description  Low Power Clock Generator for Intel짰 Ultra Mobile Platform
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28610BLC Datasheet(HTML) 1 Page - Silicon Laboratories

  SL28610BLC Datasheet HTML 1Page - Silicon Laboratories SL28610BLC Datasheet HTML 2Page - Silicon Laboratories SL28610BLC Datasheet HTML 3Page - Silicon Laboratories SL28610BLC Datasheet HTML 4Page - Silicon Laboratories SL28610BLC Datasheet HTML 5Page - Silicon Laboratories SL28610BLC Datasheet HTML 6Page - Silicon Laboratories SL28610BLC Datasheet HTML 7Page - Silicon Laboratories SL28610BLC Datasheet HTML 8Page - Silicon Laboratories SL28610BLC Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Low Power Clock Generator for Intel® Ultra Mobile Platform
SL28610
........................ DOC #: SP-AP-0078 (Rev. 1.0) Page 1 of 23
400 West Cesar Chavez, Austin, TX 78701
1+(512) 416-8500
1+(512) 416-9669
www.silabs.com
Features
• Supports intel's Moorestown and Menlow clocking
requirements
• Compliant to Intel® CK610
• Low power push-pull type differential output buffers
• Integrated voltage regulator
• Integrated resistors on differential clocks
• Differential CPU clocks with selectable frequency
• 100MHz Differential PCIe clocks
• 100MHz LCD Video Clock
• 96MHz Differential DOT clock
• Buffered Reference Clock 14.318MHz
• 14.318 MHz Crystal Input or Clock Input
• Low-voltage frequency select input
•I2C support with readback capabilities
• Triangular Spread Spectrum profile for maximum
electromagnetic interference (EMI) reduction
• Industrial Temperature -40°C to 85°C
• 48-pin QFN package
CPU
PCIe
DOT96
LCD
REF
x3
x3
x 1
x1
x 1
Pin Configuration
Block Diagram
* 100K-ohm Internal pull down
** 10K-ohm Internal pull-up


Similar Part No. - SL28610BLC

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28647 SILABS-SL28647 Datasheet
275Kb / 27P
   Clock Generator for Intel짰CK505
SL28647CLC SILABS-SL28647CLC Datasheet
275Kb / 27P
   Clock Generator for Intel짰CK505
SL28647CLCT SILABS-SL28647CLCT Datasheet
275Kb / 27P
   Clock Generator for Intel짰CK505
More results

Similar Description - SL28610BLC

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28540 SILABS-SL28540 Datasheet
213Kb / 25P
   Low Power Clock Generator for Intel짰Mobile Platform
logo
SpectraLinear Inc
CY28447 SPECTRALINEAR-CY28447 Datasheet
203Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
CY28446 SPECTRALINEAR-CY28446 Datasheet
179Kb / 19P
   Clock Generator for Intel짰 Calistoga Chipset
logo
List of Unclassifed Man...
CY28447 ETC2-CY28447 Datasheet
198Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
logo
SpectraLinear Inc
CY28412 SPECTRALINEAR-CY28412 Datasheet
205Kb / 16P
   Clock Generator for Intel짰 Grantsdale Chipset
CY28443-3 SPECTRALINEAR-CY28443-3 Datasheet
242Kb / 23P
   Clock Generator for Intel짰 Calistoga Chipset
logo
Silicon Laboratories
SL28506 SILABS-SL28506 Datasheet
425Kb / 29P
   Clock Generator for Intel짰 Eaglelake Chipset
logo
Cypress Semiconductor
CY28443 CYPRESS-CY28443 Datasheet
665Kb / 25P
   Clock Generator for Intel짰 Calistoga Chipset
CY28443-2 CYPRESS-CY28443-2 Datasheet
459Kb / 24P
   Clock Generator for Intel짰 Calistoga Chipset
CY28446 CYPRESS-CY28446 Datasheet
349Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com