Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL28506BZC-2T Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SL28506BZC-2T
Description  Clock Generator for Intel짰 Eaglelake Chipset
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28506BZC-2T Datasheet(HTML) 2 Page - Silicon Laboratories

  SL28506BZC-2T Datasheet HTML 1Page - Silicon Laboratories SL28506BZC-2T Datasheet HTML 2Page - Silicon Laboratories SL28506BZC-2T Datasheet HTML 3Page - Silicon Laboratories SL28506BZC-2T Datasheet HTML 4Page - Silicon Laboratories SL28506BZC-2T Datasheet HTML 5Page - Silicon Laboratories SL28506BZC-2T Datasheet HTML 6Page - Silicon Laboratories SL28506BZC-2T Datasheet HTML 7Page - Silicon Laboratories SL28506BZC-2T Datasheet HTML 8Page - Silicon Laboratories SL28506BZC-2T Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
SL28506-2
.........................DOC #: SP-AP-0021 (Rev AB) Page 2 of 27
56 TSSOP Pin Definition
Pin No.
Name
Type
Description
1
PCI0/OE#_0/2_A
I/O, SE 3.3V, 33MHz clock/3.3V OE# Input mappable via I2C to control either SRC0 or
SRC2. (Default PCI0, 33MHz clock)
2
VDD_PCI
PWR
3.3V Power supply for PCI PLL.
3
PCI1/OE#_1/4_B
I/O, SE 3.3V, 33MHz clock/3.3V OE# Input mappable via I2C to control either SRC1 or
SRC4. (Default PCI1, 33MHz clock)
4
PCI2/TME
I/O, SE 3.3V tolerance input for overclocking enable pin/3.3V, 33MHz clock.
(Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications)
5
PCI3/CFG0
I/O, SE,
PD
3.3V tolerant input for CPU frequency selection/3.3V 33MHz clock.
(Refer to DC Electrical Specifications table for Vil_PCI3/CFG0 and
Vih_PCI3/CFG0 specifications).
6
PCI4/SRC5_EN
I/O, SE 3.3V tolerant input to enable SRC5/3.3V, 33MHz clock.
(Sampled on the CKPWRGD assertion)
1 = SRC5, 0 = CPU_STP#
7
PCIF/ITP_EN
I/O, SE 3.3V LVTTL input to enable SRC8 or CPU2_ITP/3.3V, 33MHz clock.
(Sampled on the CKPWRGD assertion)
1 = CPU2_ITP, 0 = SRC8
8
VSS_PCI
GND
Ground for outputs.
9
VDD_48
PWR
3.3V Power supply for outputs and PLL.
10
USB_48/FSA
I/O
3.3V tolerant input for CPU frequency selection/fixed 3.3V, 48MHz clock output.
(Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications)
11
VSS_48
GND
Ground for outputs.
12
VDD_IO
PWR
0.7V Power supply for outputs.
13
SRC0/DOT96
O, DIF 100MHz Differential serial reference clocks/Fixed 96MHz clock output.
(Selected via I2C default is SRC0)
14
SRC0#/DOT96#
O, DIF 100MHz Differential serial reference clocks/Fixed 96MHz clock output.
(Selected via I2C default is SRC0)
15
VSS_IO
GND
Ground for PLL2.
16
VDD_PLL3
PWR
3.3V Power supply for PLL3
17
SRC1/LCD100/SE1
O, DIF,
SE
100MHz Differential serial reference clocks/100MHz LCD video clock/SE1 clocks.
(Default SRC1, 100MHz clock)
18
SRC1#/LCD100#/SE2
O, DIF,
SE
100MHz Differential serial reference clocks/100MHz LCD video clock/SE2 clocks.
(Default SRC1, 100MHz clock)
19
VSS_PLL3
GND
Ground for PLL3.
20
VDD_PLL3_IO
PWR
IO Power supply for PLL3 outputs.
21
SRC2/SATA
O, DIF 100MHz Differential serial reference clocks.
22
SRC2#/SATA#
O, DIF 100MHz Differential serial reference clocks.
23
VSS_SRC
GND
Ground for outputs.
24
SRC3/OE#_0/2_B
I/O,
Dif
100MHz Differential serial reference clocks / 3.3V OE#_0/2_B, input, mappable
via I2C to control either SRC0 or SRC2. (Default SRC3, 100MHz clock)
25
SRC3#OE#_1/4_B
I/O,
Dif
100MHz Differential serial reference clocks / 3.3V OE#_1/4_B input, mappable
via I2C to control either SRC1 or SRC4. (Default SRC3, 100MHz clock)


Similar Part No. - SL28506BZC-2T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28506BZC SILABS-SL28506BZC Datasheet
425Kb / 29P
   Clock Generator for Intel짰 Eaglelake Chipset
SL28506BZCT SILABS-SL28506BZCT Datasheet
425Kb / 29P
   Clock Generator for Intel짰 Eaglelake Chipset
More results

Similar Description - SL28506BZC-2T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28506 SILABS-SL28506 Datasheet
425Kb / 29P
   Clock Generator for Intel짰 Eaglelake Chipset
logo
SpectraLinear Inc
CY28447 SPECTRALINEAR-CY28447 Datasheet
203Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
CY28446 SPECTRALINEAR-CY28446 Datasheet
179Kb / 19P
   Clock Generator for Intel짰 Calistoga Chipset
logo
List of Unclassifed Man...
CY28447 ETC2-CY28447 Datasheet
198Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
logo
SpectraLinear Inc
CY28412 SPECTRALINEAR-CY28412 Datasheet
205Kb / 16P
   Clock Generator for Intel짰 Grantsdale Chipset
logo
Cypress Semiconductor
CY28443 CYPRESS-CY28443 Datasheet
665Kb / 25P
   Clock Generator for Intel짰 Calistoga Chipset
CY28443-2 CYPRESS-CY28443-2 Datasheet
459Kb / 24P
   Clock Generator for Intel짰 Calistoga Chipset
CY28446 CYPRESS-CY28446 Datasheet
349Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
CY28412 CYPRESS-CY28412 Datasheet
302Kb / 17P
   Clock Generator for Intel짰 Grantsdale Chipset
logo
SpectraLinear Inc
CY28443-3 SPECTRALINEAR-CY28443-3 Datasheet
242Kb / 23P
   Clock Generator for Intel짰 Calistoga Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com