Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL28506 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SL28506
Description  Clock Generator for Intel짰 Eaglelake Chipset
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28506 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SL28506 Datasheet HTML 6Page - Silicon Laboratories SL28506 Datasheet HTML 7Page - Silicon Laboratories SL28506 Datasheet HTML 8Page - Silicon Laboratories SL28506 Datasheet HTML 9Page - Silicon Laboratories SL28506 Datasheet HTML 10Page - Silicon Laboratories SL28506 Datasheet HTML 11Page - Silicon Laboratories SL28506 Datasheet HTML 12Page - Silicon Laboratories SL28506 Datasheet HTML 13Page - Silicon Laboratories SL28506 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
SL28506
.......................DOC #: SP-AP-0021 (Rev AA) Page 10 of 28
3
1
PCI_DIV_EN
PCI Divider Enabled
0 = PCI Divider disabled, 1 = PCI Divider enabled
2
1
CPU_DIV_EN
CPU Divider Enabled
0 = CPU Divider disabled, 1 = CPU Divider enabled
1
1
CPU1_STP_CRTL
Allow control of CPU1 with assertion of CPU_STP#
0 = Free running, 1 = Stopped with CPU_STP#
0
1
CPU0_STP_CRTL
Allow control of CPU0 with assertion of CPU_STP#
0 = Free running, 1 = Stopped with CPU_STP#
Byte 10: Control Register 10 (continued)
Bit
@Pup
Name
Description
Byte 11: Control Register 11
Bit
@Pup
Name
Description
7
HW
PCI3_CFG1
6
HW
PCI3_CFG0
5
0
25MHz_EN_SE1
25MHz Output Enabled applies to Powerdown / M1
(Only applies when PCI3/CGFG0 strap is set high to enter HW mode 3)
0 = 25MHz disabled in Powerdown / M1
1 = 25MHz enabled in Powerdown / M1; Sticky 1
4
1
RESERVED
RESERVED
3
0
CPU2_AMT_EN
2
1
CPU1_AMT_EN
1
1
PCI-E_GEN2
PCI-E_Gen2 Compliant (Read Only)
0 = non Gen2, 1= Gen2 Compliant
0
1
CPU2_STP_CRTL
Allow control of CPU2 with assertion of CPU_STP#
0 = Free running, 1 = Stopped with CPU_STP#
Output
SSC
Output
SSC
00
x
Low
0 -Def
CPU / SRC / PCI33
Dow n
USB
NA
01
x
Mid
1
CPU
Dow n
USB
NA
10
0
High
2
CPU
Center
USB
NA
PLL2
CFG
[1:0]
PCI3/
CGF0
Mode
PLL1
PCI2/T
ME
PCIF0/ITP_EN
AMT_EN
CPU2_AMT_EN
CPU1_AMT_EN
Description
x1
0
0
Reserved
x
1
0
1
CPU1 = M1 Clock
1
1
1
0
CPU2 - M1 Clock
1
1
1
1
CPU1 and CPU2 = M1 Clock
Byte 12: Byte Count
Bit
@Pup
Name
Description
7
0
RESERVED
RESERVED
6
0
RESERVED
RESERVED
5
0
BC5
Byte count
4
0
BC4
Byte count
3
1
BC3
Byte count
2
1
BC2
Byte count
1
0
BC1
Byte count
0
1
BC0
Byte count


Similar Part No. - SL28506

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28506-2 SILABS-SL28506-2 Datasheet
283Kb / 27P
   Clock Generator for Intel짰 Eaglelake Chipset
SL28506BZC-2 SILABS-SL28506BZC-2 Datasheet
283Kb / 27P
   Clock Generator for Intel짰 Eaglelake Chipset
SL28506BZC-2T SILABS-SL28506BZC-2T Datasheet
283Kb / 27P
   Clock Generator for Intel짰 Eaglelake Chipset
SL28506BZI-2 SILABS-SL28506BZI-2 Datasheet
283Kb / 27P
   Clock Generator for Intel짰 Eaglelake Chipset
SL28506BZI-2T SILABS-SL28506BZI-2T Datasheet
283Kb / 27P
   Clock Generator for Intel짰 Eaglelake Chipset
More results

Similar Description - SL28506

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28506-2 SILABS-SL28506-2 Datasheet
283Kb / 27P
   Clock Generator for Intel짰 Eaglelake Chipset
logo
SpectraLinear Inc
CY28447 SPECTRALINEAR-CY28447 Datasheet
203Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
CY28446 SPECTRALINEAR-CY28446 Datasheet
179Kb / 19P
   Clock Generator for Intel짰 Calistoga Chipset
logo
List of Unclassifed Man...
CY28447 ETC2-CY28447 Datasheet
198Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
logo
SpectraLinear Inc
CY28412 SPECTRALINEAR-CY28412 Datasheet
205Kb / 16P
   Clock Generator for Intel짰 Grantsdale Chipset
logo
Cypress Semiconductor
CY28443 CYPRESS-CY28443 Datasheet
665Kb / 25P
   Clock Generator for Intel짰 Calistoga Chipset
CY28443-2 CYPRESS-CY28443-2 Datasheet
459Kb / 24P
   Clock Generator for Intel짰 Calistoga Chipset
CY28446 CYPRESS-CY28446 Datasheet
349Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
CY28412 CYPRESS-CY28412 Datasheet
302Kb / 17P
   Clock Generator for Intel짰 Grantsdale Chipset
logo
SpectraLinear Inc
CY28443-3 SPECTRALINEAR-CY28443-3 Datasheet
242Kb / 23P
   Clock Generator for Intel짰 Calistoga Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com