Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si52202-A01AGM Datasheet(PDF) 11 Page - Silicon Laboratories

Part # Si52202-A01AGM
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4 and SRIS Clock Generator
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si52202-A01AGM Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button Si52202-A01AGM Datasheet HTML 7Page - Silicon Laboratories Si52202-A01AGM Datasheet HTML 8Page - Silicon Laboratories Si52202-A01AGM Datasheet HTML 9Page - Silicon Laboratories Si52202-A01AGM Datasheet HTML 10Page - Silicon Laboratories Si52202-A01AGM Datasheet HTML 11Page - Silicon Laboratories Si52202-A01AGM Datasheet HTML 12Page - Silicon Laboratories Si52202-A01AGM Datasheet HTML 13Page - Silicon Laboratories Si52202-A01AGM Datasheet HTML 14Page - Silicon Laboratories Si52202-A01AGM Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
Table 4.2. DC Electrical Specifications (VDD = 1.8 V ±5%)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
1.8 V Operating Voltage
VDD core
1.8 V ±5%
1.71
1.8
1.89
V
Output Supply Voltage
VDDIO
Supply voltage for differential Low
Power outputs
0.9975
1.05–1.8
1.9
V
1.8 V Input High Voltage
VIH
Control input pins, except SDATA,
SCLK
0.75 VDD
VDD+0.3
V
1.8 V Input Mid Voltage
VIM
Tri-level control input pins, except
SDATA, SCLK
0.4 VDD
0.5 VDD
0.6 VDD
V
1.8 V Input Low Voltage
VIL
Control input pins, except SDA-
TA,SCLK
-0.3
0.25 VDD
V
Input High Voltage
VIHI2C
SDATA, SCLK
1.11
3.3
V
Input Low Voltage
VILI2C
SDATA, SCLK
0.6
V
SDATA, SCLK Sink Current
IPULLUP
At VOL
4
mA
Input current
IIN
Single-ended inputs, VIN = GND,
VIN = VDD
–5
5
uA
IINP
Single-ended inputs, VIN = 0V, in-
puts with internal pull-up resistors
VIN = VDD, inputs with internal
pull-down resistors
–200
200
uA
Input Pin Capacitance
CIN
1.5
5
pF
Output Pin Capacitance
COUT
6
pF
Pin Inductance
LIN
7
nH
Si52212 Current Consumption (VDD = 1.8 V ±5%)
Power Down Current
PWRGD/PWRDNb = "0"
Byte 2, bit 3 = 0
IDD_PD_total
All outputs off
1.4
mA
IDD_PD
VDD, except VDDA and VDD_IO,
all outputs off
0.5
mA
IDD_APD
VDDA, all outputs off
0.6
mA
IDD_IOPD
VDD_IO, all outputs off
0.3
mA
Wake-on LAN Current
PWRGD/PWRDNb = "0"
Byte 2, bit 3 = 1
IDD_WOL
VDD, except VDDA and VDD_IO,
all differential outputs off, REF
running
4.5
mA
IDD_AWOL
VDDA, all differential outputs off,
REF running
0.7
mA
IDD_IOWOL
VDD_IO, all differential outputs
off, REF running
0.5
mA
Si52212/Si52208/Si52204/Si52202 Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Preliminary Rev. 0.7 | 11


Similar Part No. - Si52202-A01AGM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI52202-A01BGM SILABS-SI52202-A01BGM Datasheet
1Mb / 71P
   12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
Rev. 1.0
SI52202-A01BGMR SILABS-SI52202-A01BGMR Datasheet
1Mb / 71P
   12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
Rev. 1.0
More results

Similar Description - Si52202-A01AGM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI52212 SILABS-SI52212_V01 Datasheet
1Mb / 71P
   12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
Rev. 1.0
logo
Skyworks Solutions Inc.
SI52146 SKYWORKS-SI52146 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
SI52144 SKYWORKS-SI52144 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI52147 SILABS-SI52147 Datasheet
190Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT CLOCK GENERATOR
SI52144 SILABS-SI52144 Datasheet
181Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 CLOCK QUAD OUTPUT GENERATOR
SI52146 SILABS-SI52146 Datasheet
184Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 SIX OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52147 SKYWORKS-SI52147 Datasheet
1Mb / 25P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE-OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
   PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
   PCI Express Gen 2 & Gen 3 Clock Generator
logo
Skyworks Solutions Inc.
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
   PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com