Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL28PCIe30ALI Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SL28PCIe30ALI
Description  EProClock짰 Programmable PCIe Gen 2 Clock Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIe30ALI Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SL28PCIe30ALI Datasheet HTML 2Page - Silicon Laboratories SL28PCIe30ALI Datasheet HTML 3Page - Silicon Laboratories SL28PCIe30ALI Datasheet HTML 4Page - Silicon Laboratories SL28PCIe30ALI Datasheet HTML 5Page - Silicon Laboratories SL28PCIe30ALI Datasheet HTML 6Page - Silicon Laboratories SL28PCIe30ALI Datasheet HTML 7Page - Silicon Laboratories SL28PCIe30ALI Datasheet HTML 8Page - Silicon Laboratories SL28PCIe30ALI Datasheet HTML 9Page - Silicon Laboratories SL28PCIe30ALI Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SL28PCIe30
DOC#: SP-AP-0775 (Rev. 0.2)
Page 6 of 16
Byte 6: Control Register 6
Bit
@Pup
Name
Description
7
0
SRC[4:5]_AMP
SRC[4:5] amplitude adjustment
00= 700mV, 01=800mV, 10=900mV, 11= 1000mV
6
1
SRC[4:5]_AMP
5
0
SRC[1:3]_AMP
SRC[1:3] amplitude adjustment
00= 700mV, 01=800mV, 10=900mV, 11= 1000mV
4
1
SRC[1:3]_AMP
3
0
RESERVED
RESERVED
2
1
RESERVED
RESERVED
1
0
SRC0_AMP
SRC0 amplitude adjustment
00= 700mV, 01=800mV, 10=900mV, 11= 1000mV
0
1
SRC0_AMP
Byte 7: Vendor ID
Bit
@Pup
Name
Description
7
0
Rev Code Bit 3
Revision Code Bit 3
6
0
Rev Code Bit 2
Revision Code Bit 2
5
0
Rev Code Bit 1
Revision Code Bit 1
4
1
Rev Code Bit 0
Revision Code Bit 0
3
1
Vendor ID bit 3
Vendor ID Bit 3
2
0
Vendor ID bit 2
Vendor ID Bit 2
1
0
Vendor ID bit 1
Vendor ID Bit 1
0
0
Vendor ID bit 0
Vendor ID Bit 0
Byte 8: Control Register 8
Bit
@Pup
Name
Description
7
0
BC7
Byte count register for block read operation.
The default value for Byte count is 15
In order to read beyond Byte 15, the user should change the byte count
limit.to or beyond the byte that is desired to be read.
60
BC6
50
BC5
40
BC4
31
BC3
21
BC2
11
BC1
01
BC0
Byte 9: Control Register 9
Bit
@Pup
Name
Description
7
0
RESERVED
RESERVED
6
1
SRC3_OE
Output enable for SRC3
0 = Output Disabled, 1 = Output Enabled
5
1
SRC2_OE
Output enable for SRC2
0 = Output Disabled, 1 = Output Enabled
4
0
RESERVED
RESERVED
3
0
RESERVED
RESERVED
2
0
RESERVED
RESERVED
1
0
RESERVED
RESERVED
0
1
RESERVED
RESERVED


Similar Part No. - SL28PCIe30ALI

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28PCIE10 SILABS-SL28PCIE10 Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALC SILABS-SL28PCIe10ALC Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALCT SILABS-SL28PCIe10ALCT Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALI SILABS-SL28PCIe10ALI Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALIT SILABS-SL28PCIe10ALIT Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
More results

Similar Description - SL28PCIe30ALI

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49004A PERICOM-PI6C49004A Datasheet
730Kb / 13P
   PCIe Gen 2 Networking Clock Generator
PI6C49003A PERICOM-PI6C49003A Datasheet
843Kb / 12P
   PCIe Gen 2 Networking Clock Generator
logo
Silicon Laboratories
SL28PCIE26 SILABS-SL28PCIE26 Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
logo
Pericom Semiconductor C...
PI6CFGL201B PERICOM-PI6CFGL201B Datasheet
1Mb / 14P
   2-Output Low Power PCIE Gen 1-2-3 Clock Generator
logo
Diodes Incorporated
PI6CG182Q DIODES-PI6CG182Q Datasheet
1Mb / 19P
   2-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 February 2020
logo
Integrated Circuit Syst...
ICS9FG1904B-1 ICST-ICS9FG1904B-1 Datasheet
221Kb / 22P
   Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
logo
Renesas Technology Corp
ICS9FG1904B-1 RENESAS-ICS9FG1904B-1 Datasheet
415Kb / 23P
   Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
2019
logo
Integrated Device Techn...
9FGV0841 IDT-9FGV0841_16 Datasheet
280Kb / 17P
   8-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0631 RENESAS-9FGU0631 Datasheet
394Kb / 16P
   6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
9FGV0241 RENESAS-9FGV0241 Datasheet
616Kb / 15P
   2-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
November 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com