Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL28SRC04 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SL28SRC04
Description  PCI Express Gen 2 & Gen 3 Clock Generator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28SRC04 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SL28SRC04 Datasheet HTML 4Page - Silicon Laboratories SL28SRC04 Datasheet HTML 5Page - Silicon Laboratories SL28SRC04 Datasheet HTML 6Page - Silicon Laboratories SL28SRC04 Datasheet HTML 7Page - Silicon Laboratories SL28SRC04 Datasheet HTML 8Page - Silicon Laboratories SL28SRC04 Datasheet HTML 9Page - Silicon Laboratories SL28SRC04 Datasheet HTML 10Page - Silicon Laboratories SL28SRC04 Datasheet HTML 11Page - Silicon Laboratories SL28SRC04 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SL28SRC04
............... Document #: SP-AP-0757 (Rev. 0.2) Page 8 of 13
Absolute Maximum Conditions
Parameter
Description
Condition
Min.
Max.
Unit
VDD
Power Supply Voltage
4.6
V
VIN
Input Voltage
Relative to VSS
–0.5
4.6
VDC
TS
Temperature, Storage
Non-functional
–65
150
°C
TA
Temperature, Operating
Ambient
Functional
-40
85
°C
TJ
Temperature, Junction
Functional
150
°C
ØJC
Dissipation, Junction to Case
MIL-STD-883E Method 1012.1
20
°C/
W
ØJA
Dissipation, Junction to Ambient JEDEC (JESD 51)
60
°C/
W
ESDHBM
ESD Protection (Human Body
Model)
MIL-STD-883, Method 3015
2000
V
UL-94
Flammability Rating
At 1/8 in.
V–0
DC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
VDD
3.3V Operating Voltage
3.3 ± 5%
3.135
3.465
V
VIH
3.3V Input High Voltage (SE)
2.0
VDD + 0.3 V
VIL
3.3V Input Low Voltage (SE)
VSS – 0.3
0.8
V
VIHI2C
Input High Voltage
SDATA, SCLK
2.2
V
VILI2C
Input Low Voltage
SDATA, SCLK
1.0
V
IIH
Input High Leakage Current
Except internal pull-down resistors, 0 < VIN < VDD
–5
A
IIL
Input Low Leakage Current
Except internal pull-up resistors, 0 < VIN < VDD
–5
A
VOH
3.3V Output High Voltage (SE) IOH = –1 mA
2.4
V
VOL
3.3V Output Low Voltage (SE) IOL = 1 mA
0.4
V
IOZ
High-impedance Output
Current
–10
10
A
CIN
Input Pin Capacitance
1.5
5
pF
COUT
Output Pin Capacitance
6pF
LIN
Pin Inductance
7
nH
VXIH
Xin High Voltage
0.7VDD
VDD
V
VXIL
Xin Low Voltage
0
0.3VDD
V
IDD3.3V
Dynamic Supply Current
50
mA


Similar Part No. - SL28SRC04

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28SRC01 SILABS-SL28SRC01 Datasheet
382Kb / 11P
   One100-MHz differential SRC clocks
logo
Skyworks Solutions Inc.
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
   PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
SL28SRC01BZI SKYWORKS-SL28SRC01BZI Datasheet
1Mb / 11P
   PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
SL28SRC01BZIT SKYWORKS-SL28SRC01BZIT Datasheet
1Mb / 11P
   PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
logo
Silicon Laboratories
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
   PCI Express Gen 2 & Gen 3 Clock Generator
More results

Similar Description - SL28SRC04

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
   PCI Express Gen 2 & Gen 3 Clock Generator
logo
Skyworks Solutions Inc.
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
   PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
SI52144 SKYWORKS-SI52144 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI52147 SILABS-SI52147 Datasheet
190Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT CLOCK GENERATOR
SI52144 SILABS-SI52144 Datasheet
181Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 CLOCK QUAD OUTPUT GENERATOR
SI52146 SILABS-SI52146 Datasheet
184Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 SIX OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52147 SKYWORKS-SI52147 Datasheet
1Mb / 25P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE-OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SL28PCIE26 SILABS-SL28PCIE26 Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
logo
Skyworks Solutions Inc.
SI52146 SKYWORKS-SI52146 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI50122-A5 SILABS-SI50122-A5 Datasheet
1Mb / 14P
   CRYSTAL-LESS PCI-EXPRESS GEN 1, GEN 2, & GEN 3 DUAL OUTPUT CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com