Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si52208-A01AGM Datasheet(PDF) 1 Page - Silicon Laboratories

Part # Si52208-A01AGM
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4 and SRIS Clock Generator
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si52208-A01AGM Datasheet(HTML) 1 Page - Silicon Laboratories

  Si52208-A01AGM Datasheet HTML 1Page - Silicon Laboratories Si52208-A01AGM Datasheet HTML 2Page - Silicon Laboratories Si52208-A01AGM Datasheet HTML 3Page - Silicon Laboratories Si52208-A01AGM Datasheet HTML 4Page - Silicon Laboratories Si52208-A01AGM Datasheet HTML 5Page - Silicon Laboratories Si52208-A01AGM Datasheet HTML 6Page - Silicon Laboratories Si52208-A01AGM Datasheet HTML 7Page - Silicon Laboratories Si52208-A01AGM Datasheet HTML 8Page - Silicon Laboratories Si52208-A01AGM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
Si52212/Si52208/Si52204/Si52202 Data
Sheet
12/8/4/2-Output PCI-Express Gen 1/2/3/4 and SRIS Clock
Generator
The Si522xx is the industry's highest performance and lowest power PCI Express clock
generator family for 1.5–1.8 V PCIe Gen1/2/3/4 and SRIS applications. The Si52212,
Si52208, and Si52204 can source twelve, eight, and four 100 MHz PCIe differential
clock outputs, respectively, plus one 25 MHz LVCMOS reference clock output. The
Si52202 can source two 100 MHz PCIe clock outputs only. All differential clock outputs
are compliant to PCIe Gen1/2/3/4 common clock and separate reference clock architec-
tures specifications.
The Si522xx features individual hardware control pins for enabling and disabling each
output, spread spectrum enable/disable for EMI reduction, and frequency select to se-
lect 133 MHz or 200 MHz differential output frequencies. These features can also be
controlled via I2C.
The small footprint and low power consumption make this family of PCIe clock genera-
tors ideal for industrial and consumer applications.
For more information about PCI-Express, Silicon Labs' complete PCIe portfolio, applica-
tion notes, and design tools, including the Silicon Labs PCIe Clock Jitter Tool for PCI-
Express compliance, please visit http://www.silabs.com/pcie-learningcenter.
Applications
• Servers
• Storage
• Data Centers
• PCIe Add-on Cards
• Network Interface Cards (NIC)
• Graphics Adapter Cards
• Multi-function Printers
• Digital Single-Lens Reflex (DSLR) Cameras
• Digital Still Cameras
• Digital Video Cameras
• Docking Stations
KEY FEATURES OR KEY POINTS
• 12/8/4/2-output low-power, push-pull HCSL
compatible PCI-Express Gen 1, Gen 2,
Gen 3, Gen 4 and SRIS-compliant outputs
• Low jitter: 0.4 ps max
• Individual hardware control pins and I2C
controls for Output Enable, Spread
Spectrum Enable and Frequency Select
• Triangular spread spectrum for EMI
reduction, down spread 0.25% or 0.5%
• Internal 100 Ω or 85 Ω line matching
• Adjustable output slew rate
• Power down (PWRDNb) function supports
Wake-on LAN (except Si52202)
• One non-spread, LVMCOS reference clock
output (except Si52202)
• Frequency Select to select 133 MHz or
200 MHz (except Si52202)
• 25 MHz crystal input or clock input
• I2C support with readback capabilities
• Extended temperature: –40 to 85 °C
• 1.5–1.8 V power supply, with separate
VDD and VDD_IO
• Small QFN packages
• Pb-free, RoHS-6 compliant
silabs.com | Building a more connected world.
Preliminary Rev. 0.7
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.


Similar Part No. - Si52208-A01AGM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI52208-A01AGM SILABS-SI52208-A01AGM Datasheet
1Mb / 71P
   12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
Rev. 1.0
SI52208-A01AGMR SILABS-SI52208-A01AGMR Datasheet
1Mb / 71P
   12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
Rev. 1.0
More results

Similar Description - Si52208-A01AGM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI52212 SILABS-SI52212_V01 Datasheet
1Mb / 71P
   12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
Rev. 1.0
logo
Skyworks Solutions Inc.
SI52146 SKYWORKS-SI52146 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
SI52144 SKYWORKS-SI52144 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI52147 SILABS-SI52147 Datasheet
190Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT CLOCK GENERATOR
SI52144 SILABS-SI52144 Datasheet
181Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 CLOCK QUAD OUTPUT GENERATOR
SI52146 SILABS-SI52146 Datasheet
184Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 SIX OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52147 SKYWORKS-SI52147 Datasheet
1Mb / 25P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE-OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
   PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
   PCI Express Gen 2 & Gen 3 Clock Generator
logo
Skyworks Solutions Inc.
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
   PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com