Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI80P20B1K1F Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # HI80P20B1K1F
Description  Ultra-Precision High-Power High-Voltage Resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

HI80P20B1K1F Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  HI80P20B1K1F Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. HI80P20B1K1F Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. HI80P20B1K1F Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. HI80P20B1K1F Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. HI80P20B1K1F Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. HI80P20B1K1F Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. HI80P20B1K1F Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. HI80P20B1K1F Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. HI80P20B1K1F Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 1/11
Product Introduction
Features :
 Thick film sensorless design.
 Wide range of resistance.
 Bottom temperature coefficient and high
precision.
 Resistance to humidity, heat and electricity.
 Long term performance, stable and reliable.
Applications :
 Impulse voltage generators,
 Arc furnace damping, Energy research,
 Pulse modulators, Radar Pulse-forming networks,
 Capacitor crowbar circuits, High voltage snubber
circuits,
 X-ray/imaging equipment, and EMI/lightning
supression.
Token electronic ultra-precision high-power high-voltage
resistor (HI80) family series take advantage of new ultra-fine
ruthenium material, 95% aluminum oxide ceramic rods, and
thick film non-inductive Serpentine Pattern Design. Precision
can be narrowed to ±0.1%, and power breakthrough 300W.
(HI80) featuring heat-resistant, humidity-resistant, resisting
electrical pulse, and stable and reliable long-term performance,
is specifically designed for general purpose industrial high
voltage system applications.
(HI80) family of high-voltage resistors includes conventional high-voltage resistors (HI80D), conventional
miniaturized high-voltage resistors (HI80DS), high-power high-voltage resistors (HI80P), and ultra-precision
high-voltage resistors (HI80T).
Conventional high voltage resistors (HI80D) have a wide resistance range of 200Ω ~ 10GΩ, rated power 2.5W ~
20W, accuracy tolerance F (± 1%), J (± 5%), K (± 10%), the lowest temperature coefficient down to 50ppm on
request, and the standard temperature coefficient of 100ppm.
(HI80DS) All-film conventional miniature high-voltage resistor relative to (hi80d), with small size, higher power
3W ~ 30W, withstand higher voltage, and none-inductance. The temperature coefficient of the lowest can reach
50ppm (25℃ ~105℃), the standard temperature coefficient of 100ppm. Precision Tolerances F (±1%), J (±5%),
K (±10%).
High power high voltage resistors (HI80P) have high rated power 20W ~ 300W, resistance range 1Ω ~ 1GΩ,
precision tolerance D (± 0.5%), F (± 1%), J (± 5%), K (± 10% ), The temperature coefficient of up to 25ppm (on
request), the standard temperature coefficient of 50ppm.
Ultra-precision high-voltage resistor (HI80T) characters 15ppm temperature coefficient, the standard temperature
coefficient is 25ppm, the precision tolerance has B (± 0.1%), D (± 0.5%), F (± 1%), the resistance range 1Ω ~
500MΩ, and the rated power 0.8W ~ 6W to choose from.
Token (HI80) Voltage Resistor series is able to absorb large amounts of energy at high voltage while remaining
non-inductive and heavy load characteristics. The HI80 conforms to the RoHS directives and Lead-free.
Customed design, and tighter tolerances are available on request.
For customed designs, tighter tolerances, non-standard technical requirements, or custom special applications,
please contact our sales for more information or link to Token official website "High Voltage Resistors" to get
more information.
New ruthenium material, extended ultra-precision high-power high-voltage
resistors (HI80) breakthrough 300W, precision narrowed to 0.1%.


Similar Part No. - HI80P20B1K1F

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
HI80P20B1K1F TOKEN-HI80P20B1K1F Datasheet
658Kb / 7P
   Thick Film Planar Dividers, High Voltage Resistors
More results

Similar Description - HI80P20B1K1F

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
HI82 TOKEN-HI82 Datasheet
920Kb / 11P
   Ultra-Precision High Voltage Film Resistors
logo
Welwyn Components Limit...
3810 WELWYN-3810 Datasheet
395Kb / 2P
   Ultra-High Value Precision Resistors
logo
TT Electronics.
3810 TTELEC-3810_17 Datasheet
725Kb / 2P
   Ultra-High Value Precision Resistors
logo
List of Unclassifed Man...
HVE20 ETC-HVE20 Datasheet
447Kb / 1P
   Precision high voltage resistors
MX431 ETC2-MX431 Datasheet
118Kb / 1P
   PRECISION HIGH VOLTAGE RESISTORS
MG650 ETC2-MG650 Datasheet
310Kb / 2P
   Precision High Voltage Resistors
logo
RHOPOINT COMPONENTS
USG1105-50M-0.10-10 RHOPOINT-USG1105-50M-0.10-10 Datasheet
342Kb / 1P
   Type USG Ultra-Stable Precision High Voltage Resistors
logo
Caddock Electronics, In...
USG1105 CADDOCK-USG1105 Datasheet
613Kb / 1P
   Type USG Ultra-Stable Precision High Voltage Resistors
logo
RCD COMPONENTS INC.
SRH2512H-1003-KB RCD-SRH2512H-1003-KB Datasheet
56Kb / 1P
   PRECISION HIGH VOLTAGE/ HIGH VALUE CHIP RESISTORS
logo
TE Connectivity Ltd
RP73 TEC-RP73 Datasheet
311Kb / 10P
   SMD High Power Precision Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com