Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCS10DPDRR100N Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part No. TCS10DPDRR100N
Description  Chip Current Sensing Precision Resistor
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOKEN [Token Electronics Industry Co., Ltd.]
Homepage  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCS10DPDRR100N Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  TCS10DPDRR100N Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCS10DPDRR100N Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCS10DPDRR100N Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCS10DPDRR100N Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCS10DPDRR100N Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCS10DPDRR100N Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCS10DPDRR100N Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCS10DPDRR100N Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCS10DPDRR100N Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 3/9
Electrical Specifications
Standard Electrical Specifications Thin Film (TCS)
Type
Power Rating at
70℃
Resistance
Tolerance
Resistance Range
TCR
Operating Temp.
Range
TCS02 (0402)
1/16W
±0.5%, ±1.0%
500mΩ~1000mΩ
±100PPM/℃
±50PPM/℃
-55 ~ +155℃
TCS03 (0603)
1/10W
±0.5%, ±1.0%
200mΩ~300mΩ
301mΩ~1000mΩ
±100PPM/℃
±50PPM/℃
TCS05 (0805)
1/8W
TCS06 (1206)
1/4W
±1.0%
50mΩ~100mΩ
±200PPM/℃
±100PPM/℃
±50PPM/℃
±0.5%,±1.0%
101mΩ~300mΩ
301mΩ~1000mΩ
TCS10 (2010)
3/4W
±0.5%,±1.0%
50mΩ~100mΩ
101mΩ~300mΩ
301mΩ~1000mΩ
±200PPM/℃
±100PPM/℃
±50PPM/℃
TCS12 (2512)
1W
High Power Rating Electrical Specifications Thin Film (TCS)
Type
Power Rating at
70℃
Resistance
Tolerance
Resistance Range
TCR
Operating Temp.
Range
TCS12 (2512)
3W
±0.5%, ±1.0%
100mΩ~1000mΩ
±100PPM/℃
-55 ~ +155℃
Token has the ability to manufacture following options based on customer's requirement.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn