Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8650BD-B-IS Datasheet(PDF) 2 Page - Silicon Laboratories

Part # Si8650BD-B-IS
Description  Low Power Five-Channel Digital Isolator
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8650BD-B-IS Datasheet(HTML) 2 Page - Silicon Laboratories

  Si8650BD-B-IS Datasheet HTML 1Page - Silicon Laboratories Si8650BD-B-IS Datasheet HTML 2Page - Silicon Laboratories Si8650BD-B-IS Datasheet HTML 3Page - Silicon Laboratories Si8650BD-B-IS Datasheet HTML 4Page - Silicon Laboratories Si8650BD-B-IS Datasheet HTML 5Page - Silicon Laboratories Si8650BD-B-IS Datasheet HTML 6Page - Silicon Laboratories Si8650BD-B-IS Datasheet HTML 7Page - Silicon Laboratories Si8650BD-B-IS Datasheet HTML 8Page - Silicon Laboratories Si8650BD-B-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
1. Ordering Guide
Table 1.1. Ordering Guide for Valid OPNs1, 2, 3
Ordering Part
Number (OPN)
Number of
Inputs
VDD1 Side
Number of
Inputs
VDD2 Side
Max Data
Rate
(Mbps)
Default
Output
State
Isolation rating
(kV)
Temp (°C)
Package
QSOP-16 Packages
Si8650BB-B-IU
5
0
150
Low
2.5
–40 to 125 °C
QSOP-16
Si8650EB-B-IU
5
0
150
High
2.5
–40 to 125 °C
QSOP-16
Si8651BB-B-IU
4
1
150
Low
2.5
–40 to 125 °C
QSOP-16
Si8651EB-B-IU
4
1
150
High
2.5
-40 to 125˚C
QSOP-16
Si8652BB-B-IU
3
2
150
Low
2.5
-40 to 125˚C
QSOP-16
Si8652EB-B-IU
3
2
150
High
2.5
-40 to 125˚C
QSOP-16
Si8655BA-B-IU
5
0
150
Low
1.0
–40 to 125 °C
QSOP-16
Si8655BA-C-IU
5
0
150
Low
1.0
–40 to 125 °C
QSOP-16
SOIC-16 Packages
Si8650BB-B-IS1
5
0
150
Low
2.5
–40 to 125 °C
NB SOIC-16
Si8650BD-B-IS
5
0
150
Low
5.0
–40 to 125 °C
WB SOIC-16
Si8650EC-B-IS1
5
0
150
High
3.75
–40 to 125 °C
NB SOIC-16
Si8650ED-B-IS
5
0
150
High
5.0
–40 to 125 °C
WB SOIC-16
Si8651BB-B-IS1
4
1
150
Low
2.5
–40 to 125 °C
NB SOIC-16
Si8651BC-B-IS1
4
1
150
Low
3.75
–40 to 125 °C
NB SOIC-16
Si8651BD-B-IS
4
1
150
Low
5.0
–40 to 125 °C
WB SOIC-16
Si8651EC-B-IS1
4
1
150
High
3.75
–40 to 125 °C
NB SOIC-16
Si8651ED-B-IS
4
1
150
High
5.0
–40 to 125 °C
WB SOIC-16
Si8652BB-B-IS1
3
2
150
Low
2.5
–40 to 125 °C
NB SOIC-16
Si8652BC-B-IS1
3
2
150
Low
3.75
–40 to 125 °C
NB SOIC-16
Si8652BD-B-IS
3
2
150
Low
5.0
–40 to 125 °C
WB SOIC-16
Si8652EC-B-IS1
3
2
150
High
3.75
–40 to 125 °C
NB SOIC-16
Si8652ED-B-IS
3
2
150
High
5.0
–40 to 125 °C
WB SOIC-16
Si8655BA-B-IS
5
0
150
Low
1.0
–40 to 125 °C
WB SOIC-16
Si8655BB-B-IS1
5
0
150
Low
2.5
–40 to 125 °C
NB SOIC-16
Si8655BD-B-IS
5
0
150
Low
5.0
–40 to 125 °C
WB SOIC-16
Notes:
1. All packages are RoHS-compliant with peak reflow temperatures of 260 °C according to the JEDEC industry standard classifica-
tions and peak solder temperatures.
2. “Si” and “SI” are used interchangeably.
3. An "R" at the end of the part number denotes tape and reel packaging option.
Si8650/51/52/55 Data Sheet
Ordering Guide
silabs.com | Building a more connected world.
Rev. 2.01 | 2


Similar Part No. - Si8650BD-B-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8650BD-B-IS SILABS-SI8650BD-B-IS Datasheet
759Kb / 44P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI8650BD-B-IS SKYWORKS-SI8650BD-B-IS Datasheet
1Mb / 42P
   Low Power Five-Channel Digital Isolator
December 3, 2021
More results

Similar Description - Si8650BD-B-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8650 SILABS-SI8650 Datasheet
759Kb / 44P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI8650 SKYWORKS-SI8650 Datasheet
1Mb / 42P
   Low Power Five-Channel Digital Isolator
December 3, 2021
logo
List of Unclassifed Man...
SI8450 ETC2-SI8450 Datasheet
462Kb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8450 SILABS-SI8450 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
SI845X SILABS-SI845X Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com