Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

861021086027 Datasheet(PDF) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 861021086027
Description  WCAP-AIG5 Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

861021086027 Datasheet(HTML) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  861021086027 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 861021086027 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 861021086027 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 861021086027 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 861021086027 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 861021086027 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 861021086027 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 861021086027 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
All products shall be used before the end of the period of 12 months based on the product date code, if not a 100 % solderability cannot be
guaranteed. The capacitance tolerance as specified within the datasheet is only valid on the date of delivery.
1.9 Wave Soldering
The detailed soldering instruction is given within Soldering Specification in this datasheet.
During wave soldering only the pins / terminals should have contact with hot solder bath / wave. Assure that no direct contact of capacitor
body with hot solder bath / wave or any other component will happen. Soldering must be done from the opposite PCB side where capacitor
body is placed.
1.10 Hand Soldering
Take care that the tip of solder iron will only contact pins or leadframe of the capacitor to avoid any possible damage of the capacitor.
1.11 Cleaning
Do not wash the assembled capacitors with the following cleaning agents:
• petroleum system solvents: may cause degeneration of the rubber seal material
• alkali system solvents: may cause corrosion and dissolve of the aluminum case
• halogenated solvents: may cause corrosion and failure of the capacitor
• acetone: component marking may be erased
• xylene: may cause deterioration of the rubber seal material
Verify the following points when washing is are applied to capacitors:
Please monitor conductivity, ph-value, specific gravity and the water content of cleaning agents. Contamination adversely affects these
characteristics.
Be sure to not expose the capacitors under solvent rich conditions or keep capacitors inside a closed container. In addition, please dry the
solvents on the PCB and the capacitor sufficiently with an air knife (temperature should be less than the maximum rated category
temperature of the capacitor) for 10 minutes.
Capacitors can be characteristically and catastrophically damaged by halogen ions, particularly by chlorine ions. The degree of the damage
mainly depends upon the characteristics of the electrolyte and rubber seal material. When halogen ions come into contact with the inside of
the capacitors, the foil may corrode, when a voltage is applied. This corrosion causes an extremely high leakage current, which results in
venting and an open circuit defect.
All other cleaning processes and cleaning agents are not approved by Würth Elektronik eiSos. All cleaning methods need to be tested and
validated by the customer.
1.12 Adhesives and Coating Materials
The usage of any adhesive or coating material, which is containing halogenated solvents, is not allowed.
Before applying adhesives or coating materials, make sure that the following points are fulfilled:
• Take care that the surface and capacitor is dry and clean before applying adhesive or coating, to avoid any contamination with flux
residues or cleaning solvents.
• Assure that no flux residue or spot is left between the rubber seal material of the capacitor and the PCB.
• Do not fully cover the entire rubber seal surface with adhesive, coating or molding materials. Otherwise the covering of the full rubber
seal surface may restrain the natural diffusion of hydrogen gas. Block maximum 80% of the sealed section of a capacitor.
• If the used adhesive, coating or molding material is containing halogen ions in a large amount, the halogen ions can diffuse and creep
into the capacitor and can damage the capacitor. Both above explained circumstances can result in serious failures.
• Follow the specified heating and curing instructions given by supplier of the used adhesive or coating material. Avoid excessive pressure
or heat on the capacitor by applying coating or adhesive.
• Take care that hardening of adhesive, coating material was correctly done, so that no solvents do remain.
• Be aware, that used solvents within adhesive and coating materials can damage the sleeve of the capacitor and can result in changes of
the appearance of the sleeve (color, shine and marking).
1.13 Mechanical Stress on lead wire and terminal
Do not stress the capacitor with the following actions:
• Applying any excessive force to the lead wire or terminal.
• Move or turn the capacitor after soldering to the PCB.
• Bending pins after soldering.
• Carrying the PCB by picking / holding the board via a capacitor.
1.14 Operation and Usage of the Capacitor
In operation and usage take care about the following points.
Do not use the capacitor within the following environmental conditions:
• Environment with high mechanical stress / shocks or vibration (please see this specific datasheet for permitted limits).
• Environment with high amount of damp condensation, water or types of oil.
• Direct sunlight, ozone, any kind of radiation or ultraviolet rays.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
PSL
DIN ISO 2768-1m
DESCRIPTION
TECHNICAL REFERENCE
WCAP-AIG5 Aluminum Electrolytic
Capacitors
ANJQ300102M200DSIC2B000
ORDER CODE
861021086027
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
35 x 30
001.000
Valid
2017-02-08
eiCap
6/8
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 861021086027

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
861021084013 WURTH-861021084013 Datasheet
390Kb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
001.000
861021085019 WURTH-861021085019 Datasheet
391Kb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
More results

Similar Description - 861021086027

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
861020786024 WURTH-861020786024 Datasheet
391Kb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
861021486031 WURTH-861021486031 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021485022 WURTH-861021485022 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021486027 WURTH-861021486027 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021485020 WURTH-861021485020 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021484009 WURTH-861021484009 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021484016 WURTH-861021484016 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021484012 WURTH-861021484012 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021485019 WURTH-861021485019 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021483007 WURTH-861021483007 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021485018 WURTH-861021485018 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com