Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

861020786030 Datasheet(PDF) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 861020786030
Description  WCAP-AIG5 Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

861020786030 Datasheet(HTML) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  861020786030 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 861020786030 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 861020786030 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 861020786030 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 861020786030 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 861020786030 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 861020786030 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 861020786030 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
• Toxic gases (e.g. ammonium, chlorine and compounds, bromine and compounds, hydrogen sulfide, sulfuric acid).
User should never touch the terminals of the capacitor directly.
Avoid short circuit between terminals with any kind of conductive material (e.g. metal, fluid, acid, alkaline solution).
1.15 Maintenance
For industrial applications it is recommended to perform periodic inspections. Power supplies shall be turned off before inspection to
discharge the capacitor. Check the following points in case of an inspection:
• Visual inspection of the capacitor to see, if the vent operated for pressure relief and if any leakage of electrolyte has taken place.
• Measurement of electrical characteristics of the capacitor (according to datasheet, especially leakage current, capacitance and
dissipation factor).
In case of deviation or failure according to the specified characteristics, take care to start appropriate actions (e.g. replacement of capacitor).
1.16 Emergency Case
In case of excessive pressure within the capacitor the vent may operate and release this pressure. In case of vent operation gas becomes
visible, when the component is in operation. If so, directly turn off the application and disconnect it from the power source. If the application
will not be turned off, a possible short circuit of capacitor or a short circuit due to bridging of liquefied gas can possibly damage the circuit
and in worst case the application may be dramatically damaged.
Do not stay or position body or face above or in direction of the vent, because in the event of any vent operation, the releasing gas
temperature may have over 100 °C.
In case of contact with the electrolyte on skin, wash the skin immediately with soap and water. If the eyes will get in contact with the
releasing gas, immediately wash the eyes with water. Whether the gas was inhaled, directly use gargle.
1.17 Disposal
Please contact your local responsible or organization for proper disposal of capacitor.
Also take care to be compliant in order to your local governmental law and restrictions. In case incineration, it should be done with more
than 800 °C. Lower temperatures at incineration can result in toxic gases (e.g. chlorine). To avoid any explosion of capacitor, punch holes
into the can or crush the capacitor before incineration.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
PSL
DIN ISO 2768-1m
DESCRIPTION
TECHNICAL REFERENCE
WCAP-AIG5 Aluminum Electrolytic
Capacitors
ANDQ450103M063DSIC2B000
ORDER CODE
861020786030
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
35 x 45
001.000
Valid
2017-02-08
eiCap
7/8
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 861020786030

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
861020786024 WURTH-861020786024 Datasheet
391Kb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
More results

Similar Description - 861020786030

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
861020786024 WURTH-861020786024 Datasheet
391Kb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
861021486031 WURTH-861021486031 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021485022 WURTH-861021485022 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021486027 WURTH-861021486027 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021485020 WURTH-861021485020 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021484009 WURTH-861021484009 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021484016 WURTH-861021484016 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021484012 WURTH-861021484012 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021485019 WURTH-861021485019 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021483007 WURTH-861021483007 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021485018 WURTH-861021485018 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com