Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

861020786024 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 861020786024
Description  WCAP-AIG5 Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

861020786024 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  861020786024 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 861020786024 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 861020786024 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 861020786024 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 861020786024 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 861020786024 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 861020786024 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 861020786024 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dimensions: [mm]
detail A
-
+
10
,0
±0
,2
Vent
under cover
A
Properties
Value
Unit
Tol.
Diameter
Ø D
35
mm
±1
Length
L
30
mm
±2
Dimensions:
Recommended Hole Pattern: [mm]
10,0 ±0,2
Schematic:
Properties
Test conditions
Value
Unit
Tol.
Capacitance
0.25 V/ 120 Hz/ +20 °C
C
4700
µF
±20%
Rated Voltage
UR
63
V (DC)
max.
Leakage Current
5 min./ +20 °C
ILEAK
5922
µA
max.
Dissipation Factor
0.25 V/ 120 Hz/ +20 °C
DF
30
%
max.
Ripple Current
120 Hz @ 105 °C
IRIPPLE
3430
mA
max.
Electrical Properties:
Aluminum Electrolytic Capacitors
Storage Conditions
5-35 °C, < 75% RH
Operating Temperature
-40 °C up to +105 °C
Endurance
2000 h @ / 63 V (DC) / max. Iripple
Test conditions of Electrical Properties: +20°C, 35% RH if not specified differently
FIT according to separate documentation
Component conform to REACh and RoHS requirements and standards
General Information:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
PSL
DIN ISO 2768-1m
DESCRIPTION
TECHNICAL REFERENCE
WCAP-AIG5 Aluminum Electrolytic
Capacitors
ANDQ300472M063DSIC2B000
ORDER CODE
861020786024
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
35 x 30
001.000
Valid
2017-02-08
eiCap
1/8
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 861020786024

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
861020786030 WURTH-861020786030 Datasheet
411Kb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
More results

Similar Description - 861020786024

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
861021486031 WURTH-861021486031 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021485022 WURTH-861021485022 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021486027 WURTH-861021486027 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021485020 WURTH-861021485020 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021484009 WURTH-861021484009 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021484016 WURTH-861021484016 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021484012 WURTH-861021484012 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021485019 WURTH-861021485019 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021483007 WURTH-861021483007 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021485018 WURTH-861021485018 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com