Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74ALVCHR162245 Datasheet(PDF) 1 Page - Integrated Device Technology

Part No. IDT74ALVCHR162245
Description  3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVCHR162245 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74ALVCHR162245 Datasheet HTML 1Page - Integrated Device Technology IDT74ALVCHR162245 Datasheet HTML 2Page - Integrated Device Technology IDT74ALVCHR162245 Datasheet HTML 3Page - Integrated Device Technology IDT74ALVCHR162245 Datasheet HTML 4Page - Integrated Device Technology IDT74ALVCHR162245 Datasheet HTML 5Page - Integrated Device Technology IDT74ALVCHR162245 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INDUSTRIAL TEMPERATURE RANGE
IDT74ALVCHR162245
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
1
MARCH 1999
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 1999 Integrated Device Technology, Inc.
DSC-4606/1
FEATURES:
• 0.5 MICRON CMOS Technology
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
•VCC = 3.3V ± 0.3V, Normal Range
•VCC = 2.7V to 3.6V, Extended Range
•VCC = 2.5V ± 0.2V
• CMOS power levels (0.4
µµµµµ W typ. static)
• Rail-to-Rail output swing for increased noise margin
• Available in SSOP, TSSOP, and TVSOP packages
FUNCTIONAL BLOCK DIAGRAM
IDT74ALVCHR162245
3.3V CMOS 16-BIT
BUS TRANSCIEVER
WITH 3-STATE OUTPUTS
AND BUS-HOLD
APPLICATIONS:
• 3.3V high speed systems
• 3.3V and lower voltage computing systems
DRIVE FEATURES:
• Balanced Output Drivers: ±12mA
• Low Switching Noise
DESCRIPTION:
This 16-bit bus transceiver is built using advanced dual metal CMOS
technology. The ALVCHR162245 device is designed for asynchronous
communication between data buses. The control-function implementation
minimizes external timing requirements.
This device can be used as two 8-bit transceivers or one 16-bit
transceiver. It allows data transmission from the A bus to the B bus or from
the B bus to the A bus, depending on the logic level at the direction control
(DIR) input. The output-enable (OE) input can be used to disable the
device so that the buses are effectively isolated.
The ALVCHR162245 has series resistors in the device output structure
which will significantly reduce line noise when used with light loads. This
driver has been designed to drive ±12mA at the designated threshold
levels.
The ALVCHR162245 has “bus-hold” which retains the inputs’ last state
whenever the input bus goes to a high impedance. This prevents floating
inputs and eliminates the need for pull-up/down resistors.
1
DIR
1
A1
1
A2
1
A3
1
A4
1
A5
1
A6
1
A7
1
A8
1
B8
1
B 7
1
B 6
1
B5
1
B4
1
B 3
1
B2
1
B1
1
OE
2
DIR
2
A1
2
A2
2
A3
2
A4
2
A5
2
A6
2
A7
2
A8
2
B8
2
B 7
2
B 6
2
B5
2
B4
2
B3
2
B2
2
B1
2
OE
1
47
46
44
43
41
40
38
37
12
11
9
8
6
5
3
2
48
24
36
35
33
32
30
29
27
26
23
22
20
19
17
16
14
13
25


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ALVCH1622453.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH166523.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS 5V TOLERANT I/O BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH16646A3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH16245A3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH162453.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH169523.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH165013.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH162244A3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC162245A3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH1623733.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn