Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V06 Datasheet(PDF) 3 Page - Integrated Device Technology

Part No. IDT72V06
Description  3.3 VOLT CMOS ASYNCHRONOUS FIFO
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT72V06 Datasheet(HTML) 3 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V01/72V02/72V03/72V04/72V05/72V06 3.3V ASYNCHRONOUS FIFO
512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9, 8,192 x 9 and 16,384 x 9
AC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 3.3V ± 0.3V, TA = 0
°C to +70°C; Industrial: VCC = 3.3V ± 0.3V, TA = –40°C to +85°C)
Commercial
Com'l and Ind'l(2)
Commercial
IDT72V01L15
IDT72V01L25
IDT72V01L35
IDT72V02L15
IDT72V02L25
IDT72V02L35
IDT72V03L15
IDT72V03L25
IDT72V03L35
IDT72V04L15
IDT72V04L25
IDT72V04L35
IDT72V05L15
IDT72V05L25
IDT72V05L35
IDT72V06L15
IDT72V06L25
IDT72V06L35
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
ShiftFrequency
40
28.5
22.2
MHz
tRC
Read Cycle Time
25
35
45
ns
tA
AccessTime
15
25
35
ns
tRR
ReadRecoveryTime
10
10
10
ns
tRPW
ReadPulseWidth(3)
15
25
35
ns
tRLZ
Read Pulse Low to Data Bus at Low Z(4)
3—
3—
3
ns
tWLZ
Write Pulse High to Data Bus at Low Z(4,5)
5—
5—
5
ns
tDV
Data Valid from Read Pulse High
5
5
5
ns
tRHZ
Read Pulse High to Data Bus at High Z(4)
—15
18
20
ns
tWC
Write Cycle Time
25
35
45
ns
tWPW
WritePulseWidth(3)
15
25
35
ns
tWR
WriteRecoveryTime
10
10
10
ns
tDS
DataSetupTime
11
15
18
ns
tDH
DataHoldTime
0
0
0
ns
tRSC
Reset Cycle Time
25
35
45
ns
tRS
ResetPulseWidth(3)
15
25
35
ns
tRSS
ResetSetupTime(4)
15
25
35
ns
tRSR
ResetRecoveryTime
10
10
10
ns
tRTC
RetransmitCycleTime
25
35
45
ns
tRT
RetransmitPulseWidth(3)
15
25
35
ns
tRTS
RetransmitSetupTime(4)
15
25
35
ns
tRTR
RetransmitRecoveryTime
10
10
10
ns
tEFL
Reset to Empty Flag Low
25
35
45
ns
tHFH,FFH
ResettoHalf-FullandFullFlagHigh
25
35
45
ns
tRTF
RetransmitLowtoFlagsValid
25
35
45
ns
tREF
Read Low to Empty Flag Low
15
25
30
ns
tRFF
Read High to Full Flag High
15
25
30
ns
tRPE
Read Pulse Width after
EFHigh
15
25
35
ns
tWEF
Write High to Empty Flag High
15
25
30
ns
tWFF
Write Low to Full Flag Low
15
25
30
ns
tWHF
Write Low to Half-Full Flag Low
25
35
45
ns
tRHF
Read High to Half-Full Flag High
25
35
45
ns
tWPF
WritePulseWidthafter
FFHigh
15
25
35
ns
tXOL
Read/Write to
XOLow
15
25
35
ns
tXOH
Read/Write to
XOHigh
15
25
35
ns
tXI
XIPulse Width(3)
15
25
35
ns
tXIR
XI Recovery Time
10
10
10
ns
tXIS
XISetupTime
10
10
10
ns
NOTES:
1. Timings referenced as in AC Test Conditions.
2. Industrial temperature range product for the 25ns speed grade is available as a standard device.
All other speed grades are available by special order.
3. Pulse widths less than minimum value are not allowed.
4. Values guaranteed by design, not currently tested.
5. Only applies to read data flow-through mode.
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
5ns
Input Timing Reference Levels
1.5V
OutputReferenceLevels
1.5V
OutputLoad
See Figure 1
Figure 1. Output Load
* Includes scope and jig capacitances.
or equivalent circuit
3033 drw 03
30pF*
330
3.3V
D.U.T.
510


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn