Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17431H Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HA17431H
Description  Shunt Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17431H Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HA17431H Datasheet HTML 1Page - Hitachi Semiconductor HA17431H Datasheet HTML 2Page - Hitachi Semiconductor HA17431H Datasheet HTML 3Page - Hitachi Semiconductor HA17431H Datasheet HTML 4Page - Hitachi Semiconductor HA17431H Datasheet HTML 5Page - Hitachi Semiconductor HA17431H Datasheet HTML 6Page - Hitachi Semiconductor HA17431H Datasheet HTML 7Page - Hitachi Semiconductor HA17431H Datasheet HTML 8Page - Hitachi Semiconductor HA17431H Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
HA17431H Series
Rev.0, Sep. 2001, page 5 of 15
MPAK-5 (5 pin), MPAK (3 pin) and UPAK Marking Patterns
The marking patterns shown below are used on MPAK-5, MPAK and UPAK products. Note that the
product code and mark pattern are different. The pattern is laser-printed.
HA17431HLP
HA17431HLTP
HA17431HUP
HA17432HUP
HA17432HLTP
(b)
(2)
(c)
(4)
(1)
(a)
H
4
NC
NC
REF
A
K
(b)
(2)
(c)
(4)
(1)
(a)
C
3
A
REF
K
(b)
(2)
(c)
(4)
(1)
(a)
D
3
A
KREF
(3)
(4)
(1)
(2)
(5)
Band mark
REF
AA
K
4U
K
A
REF
(3)
(4)
(1)
(2)
(5)
Band mark
4W
Notes: 1. Boxes (1) to (5) in the figures show the position of the letters or numerals, and are not actually
marked on the package.
2. The letters (1) and (2) show the product specific mark pattern.
Product
(1)
(2)
HA17431HLP
4
H
HA17431HUP
4
U
HA17432HUP
4
W
HA17431HLTP
3
C
HA17432HLTP
3
D
3. The letter (3) shows the production year code (the last digit of the year) for UPAK products.
4. The bars (a), (b) and (c) show a production year code for MPAK-5 and MPAK products as shown
below. After 2009 the code is repeated every 8 years.
Year
2001
2002
2003
2004
2005
2006
2007
2008
(a)
None
None
None
None
Bar
Bar
Bar
Bar
(b)
None
None
Bar
Bar
None
None
Bar
Bar
(c)
None
Bar
None
Bar
None
Bar
None
Bar
5. The letter (4) shows the production month code (see table below).
Production month
Jan.
Feb.
Mar.
Apr.
May.
Jun.
Jul.
Aug.
Sep.
Oct.
Nov.
Dec.
Marked code
A
B
C
D
E
F
G
H
J
K
L
M
6. The letter (5) shows manufacturing code. For UPAK products.


Similar Part No. - HA17431H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
   Shunt Regulator
HA17431HLP RENESAS-HA17431HLP Datasheet
96Kb / 7P
   Shunt Regulator
HA17431HLTP RENESAS-HA17431HLTP Datasheet
96Kb / 7P
   Shunt Regulator
HA17431HP RENESAS-HA17431HP Datasheet
96Kb / 7P
   Shunt Regulator
HA17431HUP RENESAS-HA17431HUP Datasheet
96Kb / 7P
   Shunt Regulator
More results

Similar Description - HA17431H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
   Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431 TAITRON-LM431 Datasheet
768Kb / 14P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
   Shunt Regulator
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
   Shunt Regulator
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
   Shunt Regulator
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431HA17L431A RENESAS-HA17L431HA17L431A_15 Datasheet
217Kb / 11P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431L TAITRON-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Sirectifier Global Corp...
TL431 SIRECT-TL431 Datasheet
677Kb / 4P
   Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com