Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRP12FTRWRR015 Datasheet(PDF) 8 Page - Token Electronics Industry Co., Ltd.

Part # LRP12FTRWRR015
Description  Metal Strip Chip High Power Low Ohmic Resistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRP12FTRWRR015 Datasheet(HTML) 8 Page - Token Electronics Industry Co., Ltd.

  LRP12FTRWRR015 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LRP12FTRWRR015 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LRP12FTRWRR015 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LRP12FTRWRR015 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. LRP12FTRWRR015 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. LRP12FTRWRR015 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. LRP12FTRWRR015 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. LRP12FTRWRR015 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 7/7
Order Codes
Order Codes (LRP)
LRP
12
F
TR
D
S
R050
Product
Type
Dimensions
(L×W)(mm)
12 EIA2512
Resistance
Tolerance
(%)
D
±0.5
F
±1
J
±5
Package
TR
Taping
Reel
TCR
(PPM/℃)
D
±50
W
±75
Power
Rating(W)
T
1
S
2
R
3
Resistance
(Ω)
R015 0.015
R050 0.05
Marking
No
Marking
General Information
Your Current Options - Token Current Sense
As the world becomes more and more technology-driven, the uses for current sensing components will
continue to increase. The need for even lower resistance value ranges is already becoming evident, as
is the need for these resistors to handle more power. The industry-wide trend is the emergence of
smaller and smaller products.
Token Electronics offers a wide variety of current sensing products from the industry to military
standards, such as current sense in Thin-Film / Thick-Film Technology, Bare Element Resistors, and
Open Air Shunts. This enables Token to present an astounding number of possible solutions for any
circuit design needs.
Applications of Current Detecting Components
Token's TCS and CS Series unique form factor provides automotive designers with several advantages.
Both TCS and CS Series are ideal for applications involving window lift motors, fuel pump systems,
seat belt pretensioners, and pulse width modulator feedback.
The wider resistive element and lower resistance enables higher current to pass through the device.
Token's LRC ultra low Ohmic metal strip chip series provides the inherent ability to flex slightly and
offers stress relief during extreme temperature cycling on typical or metal substrates. This LRC series
is suitable for switch power supply applications (DC-DC Converter, Charger, and Adaptor) and power
management of monitor.
The open air design of bare element resistor LRA and LRB Series provide a far cooler operation by
allowing more air flow under the resistive element to keep excess heat from being transmitted to the
PC board. They are suitable for high power AC/DC detection of power supply circuit.
Token axial moulded BWL series provides power rating up to 10 watts and lower resistance 0.005Ω, is
ideal for all types of current sensing applications including switching and linear power supplies,
instruments and power amplifiers.
Token standard current sensing components can be replacement for Vishay, IRC, Ohmite, KOA, Yageo
devices with fast delivery and more competitive price. Contact us with your specific needs.


Similar Part No. - LRP12FTRWRR015

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LRP MSYSTEM-LRP Datasheet
137Kb / 5P
   Power Transducer Series L-UNIT
logo
Festo Corporation.
LRP-1/4-07 FESTO-LRP-1/4-07 Datasheet
84Kb / 1P
   Precision pressure regulator
3/23/22
LRP-1/4-07-EX4 FESTO-LRP-1/4-07-EX4 Datasheet
87Kb / 1P
   Precision pressure regulator
3/23/22
LRP-1/4-10 FESTO-LRP-1/4-10 Datasheet
84Kb / 1P
   Precision pressure regulator
3/23/22
LRP-1/4-10-EX4 FESTO-LRP-1/4-10-EX4 Datasheet
87Kb / 1P
   Precision pressure regulator
3/23/22
More results

Similar Description - LRP12FTRWRR015

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CSR1206 RIEDON-CSR1206_13 Datasheet
185Kb / 3P
   Ultra Low Ohm (Metal Strip) Chip Resistor
CSR1206 RIEDON-CSR1206 Datasheet
219Kb / 2P
   Ultra Low Ohm (Metal Strip) Chip Resistor
logo
MERITEK ELECTRONICS COR...
MLR MERITEK-MLR Datasheet
191Kb / 4P
   Metal Alloy Low-Ohmic Current Sensing Resistor
logo
TAITRON Components Inco...
RL1206J TAITRON-RL1206J Datasheet
452Kb / 8P
   Thick Film Chip Resistor Low Ohmic
RL1210J TAITRON-RL1210J Datasheet
452Kb / 8P
   Thick Film Chip Resistor Low Ohmic
RL2512J TAITRON-RL2512J Datasheet
451Kb / 8P
   Thick Film Chip Resistor Low Ohmic
logo
Token Electronics Indus...
LRC TOKEN-LRC Datasheet
943Kb / 12P
   Metal Strip Chip Current Sense Resistor
logo
Sirectifier Global Corp...
PMR0805 SIRECT-PMR0805 Datasheet
238Kb / 5P
   Power Metal Low OHM Chip Resistor
PRM SIRECT-PRM Datasheet
238Kb / 5P
   Power Metal Low OHM Chip Resistor
logo
YAGEO Corporation
RL0805FR-7W0R022L YAGEO-RL0805FR-7W0R022L Datasheet
439Kb / 8P
   LOW OHMIC HIGH POWER CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com