Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRP12DTRDSR015 Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # LRP12DTRDSR015
Description  Metal Strip Chip High Power Low Ohmic Resistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRP12DTRDSR015 Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

  LRP12DTRDSR015 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LRP12DTRDSR015 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LRP12DTRDSR015 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LRP12DTRDSR015 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. LRP12DTRDSR015 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. LRP12DTRDSR015 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. LRP12DTRDSR015 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. LRP12DTRDSR015 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 5/7
Reflow Soldering
Soldering Condition (Reflow soldering only) (LRP)
(LRP) Reflow Soldering
Time of IR reflow soldering at maximum temperature point 260℃:10s
Time of soldering iron at maximum temperature point 410℃:5s


Similar Part No. - LRP12DTRDSR015

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LRP MSYSTEM-LRP Datasheet
137Kb / 5P
   Power Transducer Series L-UNIT
logo
Festo Corporation.
LRP-1/4-07 FESTO-LRP-1/4-07 Datasheet
84Kb / 1P
   Precision pressure regulator
3/23/22
LRP-1/4-07-EX4 FESTO-LRP-1/4-07-EX4 Datasheet
87Kb / 1P
   Precision pressure regulator
3/23/22
LRP-1/4-10 FESTO-LRP-1/4-10 Datasheet
84Kb / 1P
   Precision pressure regulator
3/23/22
LRP-1/4-10-EX4 FESTO-LRP-1/4-10-EX4 Datasheet
87Kb / 1P
   Precision pressure regulator
3/23/22
More results

Similar Description - LRP12DTRDSR015

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CSR1206 RIEDON-CSR1206_13 Datasheet
185Kb / 3P
   Ultra Low Ohm (Metal Strip) Chip Resistor
CSR1206 RIEDON-CSR1206 Datasheet
219Kb / 2P
   Ultra Low Ohm (Metal Strip) Chip Resistor
logo
MERITEK ELECTRONICS COR...
MLR MERITEK-MLR Datasheet
191Kb / 4P
   Metal Alloy Low-Ohmic Current Sensing Resistor
logo
TAITRON Components Inco...
RL1206J TAITRON-RL1206J Datasheet
452Kb / 8P
   Thick Film Chip Resistor Low Ohmic
RL1210J TAITRON-RL1210J Datasheet
452Kb / 8P
   Thick Film Chip Resistor Low Ohmic
RL2512J TAITRON-RL2512J Datasheet
451Kb / 8P
   Thick Film Chip Resistor Low Ohmic
logo
Token Electronics Indus...
LRC TOKEN-LRC Datasheet
943Kb / 12P
   Metal Strip Chip Current Sense Resistor
logo
Sirectifier Global Corp...
PMR0805 SIRECT-PMR0805 Datasheet
238Kb / 5P
   Power Metal Low OHM Chip Resistor
PRM SIRECT-PRM Datasheet
238Kb / 5P
   Power Metal Low OHM Chip Resistor
logo
YAGEO Corporation
RL0805FR-7W0R022L YAGEO-RL0805FR-7W0R022L Datasheet
439Kb / 8P
   LOW OHMIC HIGH POWER CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com