Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM3725 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FTM3725
Description  NPN Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FTM3725 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FTM3725 Datasheet HTML 1Page - Fairchild Semiconductor FTM3725 Datasheet HTML 2Page - Fairchild Semiconductor FTM3725 Datasheet HTML 3Page - Fairchild Semiconductor FTM3725 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2004 Fairchild Semiconductor Corporation
Rev. B, June 2004
Electrical Characteristics* (Continued) T
a=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 1.0%
Thermal Characteristics T
a=25°C unless otherwise noted
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Small Signal Characteristics
fT
Current Gain Bandwidth Product
IC = 50mA, VCE = 10V, f = 100MHz
250
MHz
Cobo
Output Capacitance
VCB = 10V, IE = 0, f = 1.0MHz
15
pF
Cibo
Input Capacitance
VEB = 0.5V, IC = 0, f = 1.0MHz
65
pF
Switching Characteristics
ton
Turn-on Time
VCC = 30V, VBE = 3.8V
IC = 500mA, IB1 = 50mA
20
ns
td
Delay Time
10
ns
tr
Rise Time
12
ns
toff
Turn-off Time
VCC = 30V, IC = 500mA
IB1 = IB2 = 50mA
250
ns
ts
Storage Time
235
ns
tf
Fall Time
15
ns
Symbol
Parameter
Max.
Units
PD
Total Device Dissipation
Derate above 25
°C
1.0
8.0
W
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
Effectine 4 Die
Each Die
125
240
°C/W
°C/W


Similar Part No. - FTM3725

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FTM301AH FOX-FTM301AH Datasheet
822Kb / 2P
   OVEN-CONTROLLED, HCMOS, SMD, XO
FTM301BH FOX-FTM301BH Datasheet
822Kb / 2P
   OVEN-CONTROLLED, HCMOS, SMD, XO
More results

Similar Description - FTM3725

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com