Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQP5N50 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQP5N50
Description  500V N CHANNEL MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP5N50 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQP5N50 Datasheet HTML 1Page - Fairchild Semiconductor FQP5N50 Datasheet HTML 2Page - Fairchild Semiconductor FQP5N50 Datasheet HTML 3Page - Fairchild Semiconductor FQP5N50 Datasheet HTML 4Page - Fairchild Semiconductor FQP5N50 Datasheet HTML 5Page - Fairchild Semiconductor FQP5N50 Datasheet HTML 6Page - Fairchild Semiconductor FQP5N50 Datasheet HTML 7Page - Fairchild Semiconductor FQP5N50 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
  

 
QFET
QFET
QFET
QFET

 
 
          
        
   
!   "   
#    !   
         
!   ! 
    
         "  "   
"

$ % &'&(()*+, -Ω.)+,()
$ / 0 ,12
$ /0 - &2
$  
$ ,((3! 
$ 4!!5 " 
  
    
   




)
 ) 
&((
)
4

0+6&72
% &
'
0+,((72
6 -&
'
4

8 
 
,-
'
)
9 ) 
±1(
)
:
 8 '! :
 
1((
;
4
'! 
 
% &
'
:
*!'! :
 
- &
;
!5
8<* !!5
 
% &
)5
8
80+6&72
-&
=
"!6&7
( >-
=57
 
*
&&?,&(
7

@  
,5- & 
1((
7





*θ 
 * ; 

, %A
7=
*θ
 * <
( &

7=
 * ; '"

>6 &
7=
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"










Similar Part No. - FQP5N50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FQP5N50 ETC-FQP5N50 Datasheet
222Kb / 6P
   500V, 5A N-Channel MOSFET
logo
Fairchild Semiconductor
FQP5N50C FAIRCHILD-FQP5N50C Datasheet
860Kb / 10P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP5N50C ISC-FQP5N50C Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQP5N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com