Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FMS6363 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FMS6363
Description  Low Cost Three Channel 6th Order High Definition Video Filter Driver
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6363 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FMS6363 Datasheet HTML 1Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FMS6363 Rev. 1.0.0
www.fairchildsemi.com
©2005 Fairchild Semiconductor Corporation
February 2005
FMS6363
Low Cost Three Channel 6th Order High Definition Video
Filter Driver
Features
■ Three sixth-order 30MHz (HD) filters
■ Transparent input clamping
■ Single video load drive (2Vpp, 150
Ω, A
V = 6dB)
■ AC or DC-coupled inputs
■ AC or DC-coupled outputs
■ DC-coupled outputs eliminate AC-coupling capacitors
■ 5V only
■ Lead (Pb) Free package- SOIC-8
Applications
■ Cable and Satellite set top boxes
■ DVD players
■ HDTV
■ Personal Video Recorders (PVR)
■ Video On Demand (VOD)
Description
The FMS6363 Low Cost Video Filter (LCVF) is intended to
replace passive LC filters and drivers with a low-cost integrated
device. Three 6th order filters provide improved image quality
compared to typical lower order passive solutions.
The FMS6363 may be directly driven by a DC-coupled DAC out-
put or an AC-coupled signal. Internal diode clamps and bias cir-
cuitry may be used if AC-coupled inputs are required (see
applications section for details).
The outputs can drive AC or DC-coupled single (150
Ω) loads.
DC-coupling the outputs removes the need for output coupling
capacitors. The input DC levels will be offset approximately
+280mV at the output (see applications section for details).
Ordering Information
Temperature Range: 0°C to +70°C
Model
Part Number
Lead Free
Package
Container
Pack Qty.
FMS6363
FMS6363CS_NL
Yes
SOIC-8
Rail
95
FMS6363
FMS6363CSX_NL
Yes
SOIC-8
Reel
2500
3


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn