Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI80T-52 Datasheet(PDF) 10 Page - Token Electronics Industry Co., Ltd.

Part # HI80T-52
Description  Ultra-Precision High-Power High-Voltage Resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

HI80T-52 Datasheet(HTML) 10 Page - Token Electronics Industry Co., Ltd.

Back Button HI80T-52 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. HI80T-52 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. HI80T-52 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. HI80T-52 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. HI80T-52 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. HI80T-52 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. HI80T-52 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. HI80T-52 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. HI80T-52 Datasheet HTML 12Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 9/11
Order Codes
Order Codes (HI80D) Conventional High Voltage Resistor
HI80D
39
1G
F
Part Number
HI80D
Rated Power (W)
20
2.5W
26
3.7W
39
5.2W
103
12W
154
20W
Resistance Value (Ω)
1K1
1.1KΩ
110K
110KΩ
1M1
1.1MΩ
110M
110MΩ
1G5
1.5GΩ
10G
10GΩ
Resistance Tolerance (%)
F
±1%
J
±5%
K
±10%
Note: TCR 100ppm/℃, (±50ppm/℃ on request).
Order Codes (HI80DS) Conventional Miniature high voltage resistors
HI80DS
124
1G
F
Part Number
HI80DS
Rated Power (W)
20
3W
32
7W
78
15W
103
20W
154
30W
Resistance Value (Ω)
1K1
1.1KΩ
110K
110KΩ
1M1
1.1MΩ
110M
110MΩ
1G5
1.5GΩ
10G
10GΩ
Resistance Tolerance (%)
J
±5%
K
±10%
Note: TCR 100ppm/℃, (±50ppm/℃ on request).
Order Codes (HI80T) Ultra-Precision High Voltage Resistor
HI80T
32
500M
B
Part Number
HI80T
Rated Power (W)
20
0.8W
32
1.2W
52
2W
154
6W
Resistance Value (Ω)
10
10Ω
1K1
1.1KΩ
110K
110KΩ
1M1
1.1MΩ
500M
500MΩ
Resistance Tolerance (%)
B
±0.1%
D
±0.5%
F
±1%
Note: TCR ±25ppm/℃, (±15ppm/℃ on request).


Similar Part No. - HI80T-52

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
HI80T15410B TOKEN-HI80T15410B Datasheet
658Kb / 7P
   Thick Film Planar Dividers, High Voltage Resistors
HI80T15410D TOKEN-HI80T15410D Datasheet
658Kb / 7P
   Thick Film Planar Dividers, High Voltage Resistors
HI80T15410F TOKEN-HI80T15410F Datasheet
658Kb / 7P
   Thick Film Planar Dividers, High Voltage Resistors
HI80T154110KB TOKEN-HI80T154110KB Datasheet
658Kb / 7P
   Thick Film Planar Dividers, High Voltage Resistors
HI80T154110KD TOKEN-HI80T154110KD Datasheet
658Kb / 7P
   Thick Film Planar Dividers, High Voltage Resistors
More results

Similar Description - HI80T-52

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
HI82 TOKEN-HI82 Datasheet
920Kb / 11P
   Ultra-Precision High Voltage Film Resistors
logo
Welwyn Components Limit...
3810 WELWYN-3810 Datasheet
395Kb / 2P
   Ultra-High Value Precision Resistors
logo
TT Electronics.
3810 TTELEC-3810_17 Datasheet
725Kb / 2P
   Ultra-High Value Precision Resistors
logo
List of Unclassifed Man...
HVE20 ETC-HVE20 Datasheet
447Kb / 1P
   Precision high voltage resistors
MX431 ETC2-MX431 Datasheet
118Kb / 1P
   PRECISION HIGH VOLTAGE RESISTORS
MG650 ETC2-MG650 Datasheet
310Kb / 2P
   Precision High Voltage Resistors
logo
RHOPOINT COMPONENTS
USG1105-50M-0.10-10 RHOPOINT-USG1105-50M-0.10-10 Datasheet
342Kb / 1P
   Type USG Ultra-Stable Precision High Voltage Resistors
logo
Caddock Electronics, In...
USG1105 CADDOCK-USG1105 Datasheet
613Kb / 1P
   Type USG Ultra-Stable Precision High Voltage Resistors
logo
RCD COMPONENTS INC.
SRH2512H-1003-KB RCD-SRH2512H-1003-KB Datasheet
56Kb / 1P
   PRECISION HIGH VOLTAGE/ HIGH VALUE CHIP RESISTORS
logo
TE Connectivity Ltd
RP73 TEC-RP73 Datasheet
311Kb / 10P
   SMD High Power Precision Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com