Electronic Components Datasheet Search |
|
Si8450AA-B-IS1 Datasheet(PDF) 11 Page - Silicon Laboratories |
|
Si8450AA-B-IS1 Datasheet(HTML) 11 Page - Silicon Laboratories |
11 / 36 page Si8450/51/52/55 Rev. 1.5 11 Si845xBx Maximum Data Rate 0 — 150 Mbps Minimum Pulse Width — — 6.0 ns Propagation Delay tPHL, tPLH See Figure 2 3.0 6.0 9.5 ns Pulse Width Distortion |tPLH - tPHL| PWD See Figure 2 — 1.5 2.5 ns Propagation Delay Skew2 tPSK(P-P) —2.0 3.0 ns Channel-Channel Skew tPSK —0.5 1.8 ns All Models Output Rise Time tr CL =15pF See Figure 2 —4.3 6.1 ns Output Fall Time tf CL =15pF See Figure 2 —3.0 4.3 ns Common Mode Transient Immunity CMTI VI =VDD or 0 V — 25 — kV/µs Enable to Data Valid3 ten1 See Figure 1 — 5.0 8.0 ns Enable to Data Tri-State3 ten2 See Figure 1 — 7.0 9.2 ns Start-up Time3,4 tSU —15 40 µs Table 4. Electrical Characteristics (Continued) (VDD1 = 3.3 V±10%, VDD2 = 3.3 V±10%, TA = –40 to 125 °C) Parameter Symbol Test Condition Min Typ Max Unit Notes: 1. The nominal output impedance of an isolator driver channel is approximately 85 , ±40%, which is a combination of the value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads where transmission line effects will be a factor, output pins should be appropriately terminated with controlled impedance PCB traces. 2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at the same supply voltages, load, and ambient temperature. 3. See "3. Errata and Design Migration Guidelines" on page 26 for more details. 4. Start-up time is the time period from the application of power to valid data at the output. |
Similar Part No. - Si8450AA-B-IS1 |
|
Similar Description - Si8450AA-B-IS1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |