Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5386-E Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI5386-E
Description  12-channel, Any Frequency, Wireless Jitter Attenuating Clock
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5386-E Datasheet(HTML) 1 Page - Silicon Laboratories

  SI5386-E Datasheet HTML 1Page - Silicon Laboratories SI5386-E Datasheet HTML 2Page - Silicon Laboratories SI5386-E Datasheet HTML 3Page - Silicon Laboratories SI5386-E Datasheet HTML 4Page - Silicon Laboratories SI5386-E Datasheet HTML 5Page - Silicon Laboratories SI5386-E Datasheet HTML 6Page - Silicon Laboratories SI5386-E Datasheet HTML 7Page - Silicon Laboratories SI5386-E Datasheet HTML 8Page - Silicon Laboratories SI5386-E Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Si5386 Rev E Data Sheet
12-channel, Any Frequency, Wireless Jitter Attenuating Clock
The Si5386 is a high performance, integer and fractional clock generator for wireless
applications which demand the highest level of integration and phase noise perform-
ance. Based on Silicon Laboratories’ 4th generation DSPLL technology, the Si5386
combines frequency synthesis and jitter attenuation in a highly integrated digital sol-
ution that eliminates the need for external VCXO and loop filter components. A fixed-
frequency crystal that provides frequency stability for free-run and holdover modes is
integrated within the package saving valuable PCB space. This all-digital solution
provides superior performance that is highly immune to external board disturbances
such as power supply noise.
Modern C-RAN remote radio heads and fixed wireless systems require a diverse set
of clocks such as ADC/DAC, RF LOs, eCPRI/CPRI, and Ethernet clocks. The
Si5386 architecture is designed to deliver high-performance JESD204B DCLK and
SYSREF clock pairs and flexible any-rate clocks for non-LTE clocks such as Ether-
net and system reference clocks all from a single IC.
Applications:
• Cloud Radio Access Network RRHs
• Small cells
• Fixed wireless
• Wireless base stations
• Active antenna systems
• Distributed antenna systems
KEY FEATURES
• Flexible timing in a single IC
• Generates any combination of output
frequencies from any input frequency
• Input frequency range:
• Differential: 7.68 MHz to 750 MHz
• LVCMOS: 7.68 MHz to 250 MHz
• Output frequency range (Integer):
• Differential: up to 3 GHz
• Output frequency range (fractional):
• Differential: up to 735 MHz
• LVCMOS: up to 250 MHz
• Ultra-low jitter:
• 80 fs typ (12 kHz–20 MHz)
IN_SEL
IN0
IN3/FB_IN
÷INT
÷INT
DSPLL
RSTb
PDNb
OEb
SYNCb
SDA/SDIO
A1/SDO
SCLK
A0/CSb
I2C_SEL
SPI/
I2C
LOLb
Status
Monitors
INTRb
OSC
Integrated Reference
OUT0
÷INT
0
OUT1
÷INT
OUT2
÷INT
OUT0A
÷INT
NVM
Multi
Synth
Multi
Synth
Multi
Synth
OUT4
÷INT
0
OUT5
÷INT
OUT6
÷INT
OUT3
÷INT
OUT8
÷INT
0
OUT9
÷INT
OUT9A
÷INT
OUT7
÷INT
IN1
÷INT
IN2
÷INT
Multi
Synth
Multi
Synth
silabs.com | Building a more connected world.
Rev. 0.9


Similar Part No. - SI5386-E

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5386 SKYWORKS-SI5386 Datasheet
1Mb / 50P
   12-Channel, Any-Frequency, Any-Output wireless Jitter Attenuator / Clock Multiplier with Ultra-Low Noise
Rev. 1.02
SI5386A-E-GM SKYWORKS-SI5386A-E-GM Datasheet
1Mb / 50P
   12-Channel, Any-Frequency, Any-Output wireless Jitter Attenuator / Clock Multiplier with Ultra-Low Noise
Rev. 1.02
More results

Similar Description - SI5386-E

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5386 SKYWORKS-SI5386 Datasheet
1Mb / 50P
   12-Channel, Any-Frequency, Any-Output wireless Jitter Attenuator / Clock Multiplier with Ultra-Low Noise
Rev. 1.02
SI5395 SKYWORKS-SI5395 Datasheet
1Mb / 61P
   12-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier with Ultra-Low Jitter
Rev. 1.2
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
logo
Silicon Laboratories
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
logo
Silicon Laboratories
SI5381 SILABS-SI5381 Datasheet
818Kb / 51P
   Multi-DSPLL Wireless Jitter Attenuating Clocks
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com