Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si5380-D-EVB Datasheet(PDF) 8 Page - Silicon Laboratories

Part # Si5380-D-EVB
Description  Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5380-D-EVB Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button Si5380-D-EVB Datasheet HTML 4Page - Silicon Laboratories Si5380-D-EVB Datasheet HTML 5Page - Silicon Laboratories Si5380-D-EVB Datasheet HTML 6Page - Silicon Laboratories Si5380-D-EVB Datasheet HTML 7Page - Silicon Laboratories Si5380-D-EVB Datasheet HTML 8Page - Silicon Laboratories Si5380-D-EVB Datasheet HTML 9Page - Silicon Laboratories Si5380-D-EVB Datasheet HTML 10Page - Silicon Laboratories Si5380-D-EVB Datasheet HTML 11Page - Silicon Laboratories Si5380-D-EVB Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
3.1.9 Locked Mode
Once lock is achieved, the Si5380 will generate output clocks that are both frequency and phase locked to the input clock. The DSPLL
will provide jitter attenuation of the input clock using the selected DSPLL loop bandwidth. At this point, any XTAL frequency drift inside
of the loop bandwidth will not affect the output frequencies. When lock is achieved, the LOLb pin will output a logic high level. The LOL
status bit and LOLb status pin will also indicate that the DSPLL is locked. See the 3.4.6 LOL Detection section for more details on LOLb
detection time.
3.1.10 Holdover Mode
The DSPLL will automatically enter holdover mode when the selected input clock becomes invalid and no other valid input clocks are
available for selection. The DSPLL uses an averaged input clock frequency as its final holdover frequency to minimize the disturbance
of the output clock phase and frequency when an input clock suddenly fails. The holdover circuit stores up to 120 seconds of historical
frequency data while the DSPLL is locked to a valid clock input. The final averaged holdover frequency value is calculated from a pro-
grammable window within the stored historical frequency data. Both the window size and the delay are programmable as shown in the
figure below. The window size determines the amount of holdover frequency averaging. The delay value allows ignoring frequency data
that may be corrupt just before the input clock failure.
Figure 3.3. Programmable Holdover Window
Programmable delay
Clock Failure
and Entry into
Holdover
time
0s
Historical Frequency Data Collected
Programmable historical data window
used to determine the final holdover value
120s
1s,10s, 30s, 60s
30ms, 60ms, 1s,10s, 30s, 60s
When entering holdover, the DSPLL will pull the output clock frequencies referred to the calculated averaged holdover frequency. While
in holdover, the output frequency drift is entirely dependent on the external crystal or external reference clock connected to the XA/XB
pins. If a new clock input becomes valid, the DSPLL will automatically exit the holdover mode and re-acquire lock to the new input
clock. This process involves pulling the output clock frequencies to achieve frequency and phase lock with the new input clock. This
pull-in process is glitchless and its rate is controlled by the DSPLL bandwidth and the Fastlock bandwidth. These options are register
programmable.
The DSPLL output frequency when exiting holdover can be ramped (recommend). Just before the exit is initiated, the difference be-
tween the current holdover frequency and the new desired frequency is measured. Using the calculated difference and a user-selecta-
ble ramp rate, the output is linearly ramped to the new frequency. The ramp rate can be 0.2 ppm/s, 40,000 ppm/s, or any of about 40
values in between. The DSPLL loop BW does not limit or affect ramp rate selections (and vice versa). CBPro defaults to ramped exit
from holdover. The same ramp rate settings are used for both exit from holdover and ramped input switching. For more information on
ramped input switching, see 3.3.5 Ramped Input Switching.
Note: If ramped holdover exit is not selected, the holdover exit is governed either by (1) the DSPLL loop BW or (2) a user-selectable
holdover exit BW.
Si5380 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 7


Similar Part No. - Si5380-D-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5380-D-EVB SILABS-Si5380-D-EVB Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
More results

Similar Description - Si5380-D-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5380 SILABS-SI5380_16 Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
SI5380 SILABS-SI5380 Datasheet
1Mb / 50P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
logo
Texas Instruments
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP_19 Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
logo
Integrated Device Techn...
MK1581-01 IDT-MK1581-01 Datasheet
229Kb / 11P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
logo
Renesas Technology Corp
MK1581-01 RENESAS-MK1581-01 Datasheet
410Kb / 12P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
051310
logo
Texas Instruments
LMK03318 TI1-LMK03318 Datasheet
2Mb / 136P
[Old version datasheet]   Ultra-Low-Noise Jitter Clock Generator Family
LMK04828-EP TI-LMK04828-EP_V01 Datasheet
1Mb / 102P
[Old version datasheet]   LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
APRIL 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com