Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si5356B-B00322-GM Datasheet(PDF) 8 Page - Silicon Laboratories

Part # Si5356B-B00322-GM
Description  I2C PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5356B-B00322-GM Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button Si5356B-B00322-GM Datasheet HTML 4Page - Silicon Laboratories Si5356B-B00322-GM Datasheet HTML 5Page - Silicon Laboratories Si5356B-B00322-GM Datasheet HTML 6Page - Silicon Laboratories Si5356B-B00322-GM Datasheet HTML 7Page - Silicon Laboratories Si5356B-B00322-GM Datasheet HTML 8Page - Silicon Laboratories Si5356B-B00322-GM Datasheet HTML 9Page - Silicon Laboratories Si5356B-B00322-GM Datasheet HTML 10Page - Silicon Laboratories Si5356B-B00322-GM Datasheet HTML 11Page - Silicon Laboratories Si5356B-B00322-GM Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Si5356B
8
Rev. 1.4
Table 7. Thermal Characteristics
Parameter
Symbol
Test Condition
Value
Unit
Thermal Resistance
Junction to Ambient
JA
Still Air
37
°C/W
Thermal Resistance
Junction to Case
JC
Still Air
25
°C/W
Table 8. Absolute Maximum Ratings1,2,3,4
Parameter
Symbol
Rating
Unit
Supply Voltage Range
VDD
–0.5 to +3.8
V
Input Voltage Range (all pins except pins 1,2,5,6)
VI
–0.5 to 3.8
V
Input Voltage Range (pins 1,2,5,6)
VI2
–0.5 to 1.3
V
Output Voltage Range
VO
–0.5 to VDD + 0.3
V
Junction Temperature
TJ
–55 to +150
oC
ESD Tolerance
HBM
2.5
kV
CDM
550
V
MM
175
V
Latch-up Tolerance
LU
JESD78 Compliant
Soldering Temperature (Pb-free profile)4
TPEAK
260
oC
Soldering Temperature Time at TPEAK
(Pb-free profile)4
TP
20–40
sec
Notes:
1.
Permanent device damage may occur if the Absolute Maximum Ratings are exceeded. Functional operation should be
restricted to the conditions as specified in the operational sections of this data sheet. Exposure to maximum rating
conditions for extended periods may affect device reliability.
2.
24-QFN package is RoHS compliant.
3.
For more packaging information, go to www.silabs.com/support/quality/pages/RoHSInformation.aspx.
4.
The device is compliant with JEDEC J-STD-020.


Similar Part No. - Si5356B-B00322-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5356-EVB SILABS-SI5356-EVB Datasheet
1Mb / 16P
   Fully powered from a single USB port
SI5356A SILABS-SI5356A Datasheet
491Kb / 29P
   IC PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5356A SKYWORKS-SI5356A Datasheet
1Mb / 28P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1–200 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.4
More results

Similar Description - Si5356B-B00322-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5356A SILABS-SI5356A Datasheet
491Kb / 29P
   IC PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
SI5355 SILABS-SI5355 Datasheet
270Kb / 22P
   ANY-FREQUENCY 1??00 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5356A SKYWORKS-SI5356A Datasheet
1Mb / 28P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1–200 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI5338 SILABS-SI5338_V01 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5338 SILABS-SI5338 Datasheet
715Kb / 170P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5338 SKYWORKS-SI5338 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.6
SI5355 SKYWORKS-SI5355 Datasheet
1Mb / 22P
   ANY-FREQUENCY 1–200 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5351-B SKYWORKS-SI5351-B Datasheet
1Mb / 48P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com