Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si5348-D-EVB Datasheet(PDF) 9 Page - Silicon Laboratories

Part # Si5348-D-EVB
Description  Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5348-D-EVB Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button Si5348-D-EVB Datasheet HTML 5Page - Silicon Laboratories Si5348-D-EVB Datasheet HTML 6Page - Silicon Laboratories Si5348-D-EVB Datasheet HTML 7Page - Silicon Laboratories Si5348-D-EVB Datasheet HTML 8Page - Silicon Laboratories Si5348-D-EVB Datasheet HTML 9Page - Silicon Laboratories Si5348-D-EVB Datasheet HTML 10Page - Silicon Laboratories Si5348-D-EVB Datasheet HTML 11Page - Silicon Laboratories Si5348-D-EVB Datasheet HTML 12Page - Silicon Laboratories Si5348-D-EVB Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
3.6.2 External Reference (REF/REFb)
The external reference at the REF/REFb pins is used to determine output frequency accuracy and stability during free-run and holdover
modes. This reference is usually from a TCXO or OCXO and can be connected differentially or single-ended as shown in the figure
below:
Si5348
100
REF
5 – 250 MHz TCXO/
OCXO
Si5348
REF
5 – 250 MHz TCXO/
OCXO
Differential External
Reference Connection
Single-ended External
Reference Connection
REFb
REFb
Figure 3.6. External Reference Connections
3.7 Inputs (IN0, IN1, IN2, IN3, IN4)
There are three inputs (IN0, IN1, and IN2) that can be used to synchronize any of the DSPLLs. The inputs accept both differential and
single-ended clocks. A crosspoint between the inputs and the DSPLLs allows inputs IN0-IN2 to connect to any of the DSPLLs as shown
in the figure below. DSPLL D has two additional inputs (IN3-IN4) that can be manually selected. IN3 and IN4 are CMOS only inputs. If
both IN3 and IN4 are used, they must be the same frequency.
Input
Crosspoint
DSPLL
A
DSPLL
C
DSPLL
D
0
1
2
Si5348
÷
P0n
P0d
÷
P1n
P1d
÷
P2n
P2d
IN0
IN0b
IN1
IN1b
IN2
IN2b
0
1
2
0
1
2
IN3
IN4
3
4
Figure 3.7. DSPLL Input Selection Crosspoint
Si5348 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 8


Similar Part No. - Si5348-D-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5348-D-EVB SILABS-Si5348-D-EVB Datasheet
815Kb / 54P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
logo
Skyworks Solutions Inc.
SI5348-D-EVB SKYWORKS-SI5348-D-EVB Datasheet
1Mb / 57P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-TSC) Clocks
Rev. 1.1
More results

Similar Description - Si5348-D-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5348 SILABS-SI5348 Datasheet
815Kb / 54P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
logo
Skyworks Solutions Inc.
SI5348-E SKYWORKS-SI5348-E Datasheet
1Mb / 52P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
Rev. 0.95
SI5348-D SKYWORKS-SI5348-D Datasheet
1Mb / 57P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-TSC) Clocks
Rev. 1.1
logo
Microsemi Corporation
ZL30361 MICROSEMI-ZL30361 Datasheet
347Kb / 5P
   IEEE 1588 and Synchronous Ethernet Packet Clock Network Synchronizer
May 2013
logo
Integrated Device Techn...
82P33724 IDT-82P33724 Datasheet
239Kb / 13P
   Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33741 IDT-82P33741 Datasheet
813Kb / 61P
   Port Synchronizer for IEEE 1588 and Synchronous Ethernet
logo
Renesas Technology Corp
82P33724 RENESAS-82P33724 Datasheet
984Kb / 56P
   Port Synchronizer for IEEE 1588 and Synchronous Ethernet
September 15, 2017
8A34012 RENESAS-8A34012 Datasheet
2Mb / 104P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
November 30, 2021
8A34011 RENESAS-8A34011 Datasheet
2Mb / 106P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
December 9, 2021
8A34013 RENESAS-8A34013 Datasheet
2Mb / 101P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
February 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com