Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5356B Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI5356B
Description  I2C PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5356B Datasheet(HTML) 1 Page - Silicon Laboratories

  SI5356B Datasheet HTML 1Page - Silicon Laboratories SI5356B Datasheet HTML 2Page - Silicon Laboratories SI5356B Datasheet HTML 3Page - Silicon Laboratories SI5356B Datasheet HTML 4Page - Silicon Laboratories SI5356B Datasheet HTML 5Page - Silicon Laboratories SI5356B Datasheet HTML 6Page - Silicon Laboratories SI5356B Datasheet HTML 7Page - Silicon Laboratories SI5356B Datasheet HTML 8Page - Silicon Laboratories SI5356B Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Rev. 1.4
Copyright © 2017 by Silicon Laboratories
Si5356B
Si5356B
I 2C P ROGRAMMABLE, A NY-F REQUENCY 1–200 MH Z,
Q UAD F REQUENCY 8-O UTPUT C LOCK G ENERATOR
Features
Applications
Description
The Si5356B is a highly flexible, I2C programmable clock generator capable of
synthesizing four completely non-integer related frequencies up to 200 MHz. The
device has four banks of outputs with each bank supporting two CMOS outputs at
the same frequency. Using Silicon Laboratories' patented MultiSynth fractional
divider technology, all outputs have 0 ppm frequency synthesis error regardless of
configuration, enabling the replacement of multiple clock ICs and crystal
oscillators with a single device. Each output bank is independently configurable to
support 1.8, 2.5, or 3.3 V. The device is programmable via an I2C/SMBus-
compatible serial interface and supports operation from a 1.8, 2.5, or 3.3 V core
supply.
Functional Block Diagram
*Refer to Ordering Guide for custom part numbers.
Generates any frequency from 1 to
200 MHz on each of the 4 output banks
Eight CMOS clock outputs
Programmable frequency configuration
0 ppm frequency synthesis error for any
combination of frequencies
19 to 30 MHz xtal or 5–200 MHz input clk
Easy to use programming software
Configurable “triple A” spread spectrum:
any
clock, any frequency, and with any
spread amount
Programmable output phase adjustment
with <20 ps error
Interrupt pin indicates LOS or LOL
OEB pin disables all outputs or per
bank OEB control via I2C
Low jitter: 1.5 ps rms phase jitter
Excellent PSRR performance
eliminates need for external power
supply filtering
Low power: 45 mA (core)
Core VDD: 1.8, 2.5, or 3.3 V
Separate VDDO for each bank of
outputs: 1.8, 2.5, or 3.3 V
Small size: 4x4 mm 24-QFN
Pb-free, RoHS-6 compliant
Industrial temperature range:
–40 to +85 °C
Printers
Audio/video
Networking
Communications
Storage
Switches/routers
Computing
Servers
OC-3/OC-12 line cards
Si5356B
Ordering Information:
See page 25.
Pin Assignments


Similar Part No. - SI5356B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5356-EVB SILABS-SI5356-EVB Datasheet
1Mb / 16P
   Fully powered from a single USB port
SI5356A SILABS-SI5356A Datasheet
491Kb / 29P
   IC PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5356A SKYWORKS-SI5356A Datasheet
1Mb / 28P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1–200 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.4
More results

Similar Description - SI5356B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5356A SILABS-SI5356A Datasheet
491Kb / 29P
   IC PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
SI5355 SILABS-SI5355 Datasheet
270Kb / 22P
   ANY-FREQUENCY 1??00 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5356A SKYWORKS-SI5356A Datasheet
1Mb / 28P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1–200 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI5338 SILABS-SI5338_V01 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5338 SILABS-SI5338 Datasheet
715Kb / 170P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5338 SKYWORKS-SI5338 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.6
SI5355 SKYWORKS-SI5355 Datasheet
1Mb / 22P
   ANY-FREQUENCY 1–200 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5351-B SKYWORKS-SI5351-B Datasheet
1Mb / 48P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com