Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si5332C Datasheet(PDF) 11 Page - Silicon Laboratories

Part # Si5332C
Description  Any-Frequency 6/8/12-output
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5332C Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button Si5332C Datasheet HTML 7Page - Silicon Laboratories Si5332C Datasheet HTML 8Page - Silicon Laboratories Si5332C Datasheet HTML 9Page - Silicon Laboratories Si5332C Datasheet HTML 10Page - Silicon Laboratories Si5332C Datasheet HTML 11Page - Silicon Laboratories Si5332C Datasheet HTML 12Page - Silicon Laboratories Si5332C Datasheet HTML 13Page - Silicon Laboratories Si5332C Datasheet HTML 14Page - Silicon Laboratories Si5332C Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
3.5 Outputs
The Si5332 supports up to 12 differential output drivers. Each output can be independently configured as a differential pair or as dual
LVCMOS outputs. The 8-output and 12-output devices feature banks of outputs, with each bank sharing a common VDDO.
Table 3.1. Clock Outputs
Package
Maximum Outputs
32-QFN
6 Differential, 12 LVCMOS
40-QFN
8 Differential, 16 LVCMOS
48-QFN
12 Differential, 24 LVCMOS
The output stage is different for each of the three versions of Si5332.
• The 6-output device features individual VDDO pins for each clock output. Each clock output can be sourced from MultiSynth0, Multi-
Synth1, the input reference clock, or one of the five INT dividers through the cross point MUX.
• The 8-output device includes four clock outputs with dedicated VDDO pins, each of which can be sourced from MultiSynth0, Multi-
Synth1, the input reference clock, or one of the five INT dividers through the cross point MUX. The remaining four clock outputs are
divided into Bank A and Bank B. Each Bank of outputs can be sourced from MultiSynth0, MultiSynth1, the input reference clock, or
one of the five INT dividers through the cross point MUX. The outputs in each of the two Banks share a common VDDO pin.
• The 12-output device includes two clock outputs with dedicated VDDO pins, each of which can be sourced from MultiSynth0, Multi-
Synth1, the input reference clock, or one of the five INT dividers through the cross point MUX. The remaining ten clock outputs are
divided into Bank A, Bank B, Bank C, and Bank D. Each Bank of outputs can be sourced from MultiSynth0, MultiSynth1, the input
reference clock, or one of the five INT dividers through the cross point MUX. The outputs in each of the four Banks share a common
VDDO pin.
Utilizing the reference clock enables a fan-out buffer function from an input clock source to any bank of outputs.
Individual output Integer output dividers (R) allow the generation of additional synchronous frequencies. These integer dividers are con-
figurable as divide by 1 (default) through 63.
3.5.1 Output Signal Format
The differential output swing and common mode voltage are both fully programmable and compatible with a wide variety of signal for-
mats including HCSL, LVDS and LVPECL. In addition to supporting differential signals, any of the outputs can be configured as
LVCMOS drivers, enabling the device to support both differential and single-ended clock outputs. Output formats can be defined in
ClockBuilder Pro or via the serial interface.
Si5332 Data Sheet
Functional Description
silabs.com | Building a more connected world.
Rev. 0.7 | 11


Similar Part No. - Si5332C

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5332C SKYWORKS-SI5332C Datasheet
1Mb / 76P
   6/8/12-Output Any-Frequency Clock Generator
Revision 206453A January, 2023
SI5332C SKYWORKS-SI5332C Datasheet
1Mb / 62P
   Automotive Grade Clock Generator with SmartClock™ Technology
Revision A July, 2022
More results

Similar Description - Si5332C

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5332 SKYWORKS-SI5332 Datasheet
1Mb / 76P
   6/8/12-Output Any-Frequency Clock Generator
Revision 206453A January, 2023
SI5357 SKYWORKS-SI5357 Datasheet
1Mb / 27P
   12-Output Any-Frequency Clock Generator
Rev. 1.0
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
SI5355 SKYWORKS-SI5355 Datasheet
1Mb / 22P
   ANY-FREQUENCY 1–200 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5355 SILABS-SI5355 Datasheet
270Kb / 22P
   ANY-FREQUENCY 1??00 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
SI5341 SILABS-SI5341 Datasheet
2Mb / 56P
   LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
logo
Microchip Technology
ZL30260 MICROCHIP-ZL30260 Datasheet
2Mb / 94P
   1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
2021
logo
Microsemi Corporation
ZL30260 MICROSEMI-ZL30260 Datasheet
265Kb / 4P
   1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
September 2016
logo
Skyworks Solutions Inc.
SI5395 SKYWORKS-SI5395 Datasheet
1Mb / 61P
   12-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier with Ultra-Low Jitter
Rev. 1.2
logo
Silicon Laboratories
SI5347 SILABS-SI5347 Datasheet
2Mb / 59P
   DUAL/QUAD DSPLL ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com