Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si5332C Datasheet(PDF) 10 Page - Silicon Laboratories

Part # Si5332C
Description  Any-Frequency 6/8/12-output
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5332C Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button Si5332C Datasheet HTML 6Page - Silicon Laboratories Si5332C Datasheet HTML 7Page - Silicon Laboratories Si5332C Datasheet HTML 8Page - Silicon Laboratories Si5332C Datasheet HTML 9Page - Silicon Laboratories Si5332C Datasheet HTML 10Page - Silicon Laboratories Si5332C Datasheet HTML 11Page - Silicon Laboratories Si5332C Datasheet HTML 12Page - Silicon Laboratories Si5332C Datasheet HTML 13Page - Silicon Laboratories Si5332C Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
3.4 Inputs
The Si5332 requires an external 16–30 MHz crystal at its XIN/XOUT pins or the embedded 50 MHz crystal to operate in free-run mode,
or an external input clock (CLKIN_2/CLKIN_2# or CLKIN_3/CLKIN_3#) for synchronous operation. An external crystal is not required in
synchronous mode.
3.4.1 External Reference Input (XA/XB)
An external crystal (XTAL) is used in combination with the internal oscillator (OSC) on Si5332A/B/C/D to produce a low jitter reference
for the PLL when operating in the free-run mode. Frequency offsets due to CL mismatch can be adjusted using the frequency adjust-
ment feature which allows frequency adjustments of ±1000 ppm. The Si5332 Reference Manual provides additional information on PCB
layout recommendations for the crystal to ensure optimum jitter performance. Refer to Table 5.4 External Crystal Input Specification on
page 24 for crystal specifications.
For free-running operation, the internal oscillator can operate from a low-frequency fundamental mode crystal (XTAL) with a resonant
frequency of 16 to 50 MHz. A crystal can easily be connected to pins XA and XB without external components, as shown in the figure
below. A register bit will allow the device to use an internal loading capacitor (CL) with a typical value of 12 pF or bypass the internal CL
and use external CL. Alternatively, an external CL can be used along with the internal CL.
Osc
To synthesis stage
or output selectors
XTAL
XA
XB
Figure 3.4. External Reference Input (XA/XB)
The Si5332E/F/G/H options feature an embedded 50 MHz reference crystal that is used in the free run mode.
3.4.2 Input Clocks
An input clock is available to synchronize the PLL when operating in synchronous mode. This input can be configured as LVPECL,
LVDS or HCSL differential, or LVCMOS. The recommended input termination schemes are shown in the Si5332 Family Reference
Manual. Differential signals must be AC coupled. The single-ended LVCMOS input is internally AC coupled, and only needs to meet a
minimum voltage swing that may not exceed a maximum VIH or minimum VIL. Unused inputs can be disabled by register configuration.
3.4.3 Input Selection
The active clock input is selected by register control, or by defining a universal hardware input pin as CLKIN_SEL in ClockBuilder Pro.
A register bit determines input selection as pin or register selectable. If a universal input pin is defined as CLKIN_SEL, that pin is selec-
ted by default and is internally pulled high so that the free-run mode is automatically selected when left unconnected. If there is no clock
signal on the selected input, the device will not generate output clocks.
In a typical application, the Si5332 reference input is configured immediately after power-up and initialization. If the device is switched
to another input more than ±1000 ppm offset from the initial input, the device must be recalibrated manually to the new frequency, tem-
porarily turning off the clock outputs. After the VCO is recalibrated, the device will resume producing clock outputs. If the selected inputs
are within ±1000 ppm, any phase error difference will propagate through the device at a rate determined by the PLL bandwidth. Hitless
switching and phase build-out are not supported by the Si5332.
Si5332 Data Sheet
Functional Description
silabs.com | Building a more connected world.
Rev. 0.7 | 10


Similar Part No. - Si5332C

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5332C SKYWORKS-SI5332C Datasheet
1Mb / 76P
   6/8/12-Output Any-Frequency Clock Generator
Revision 206453A January, 2023
SI5332C SKYWORKS-SI5332C Datasheet
1Mb / 62P
   Automotive Grade Clock Generator with SmartClock™ Technology
Revision A July, 2022
More results

Similar Description - Si5332C

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5332 SKYWORKS-SI5332 Datasheet
1Mb / 76P
   6/8/12-Output Any-Frequency Clock Generator
Revision 206453A January, 2023
SI5357 SKYWORKS-SI5357 Datasheet
1Mb / 27P
   12-Output Any-Frequency Clock Generator
Rev. 1.0
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
SI5355 SKYWORKS-SI5355 Datasheet
1Mb / 22P
   ANY-FREQUENCY 1–200 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5355 SILABS-SI5355 Datasheet
270Kb / 22P
   ANY-FREQUENCY 1??00 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
SI5341 SILABS-SI5341 Datasheet
2Mb / 56P
   LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
logo
Microchip Technology
ZL30260 MICROCHIP-ZL30260 Datasheet
2Mb / 94P
   1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
2021
logo
Microsemi Corporation
ZL30260 MICROSEMI-ZL30260 Datasheet
265Kb / 4P
   1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
September 2016
logo
Skyworks Solutions Inc.
SI5395 SKYWORKS-SI5395 Datasheet
1Mb / 61P
   12-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier with Ultra-Low Jitter
Rev. 1.2
logo
Silicon Laboratories
SI5347 SILABS-SI5347 Datasheet
2Mb / 59P
   DUAL/QUAD DSPLL ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com