Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si5348A-D-GM Datasheet(PDF) 2 Page - Silicon Laboratories

Part # Si5348A-D-GM
Description  Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5348A-D-GM Datasheet(HTML) 2 Page - Silicon Laboratories

  Si5348A-D-GM Datasheet HTML 1Page - Silicon Laboratories Si5348A-D-GM Datasheet HTML 2Page - Silicon Laboratories Si5348A-D-GM Datasheet HTML 3Page - Silicon Laboratories Si5348A-D-GM Datasheet HTML 4Page - Silicon Laboratories Si5348A-D-GM Datasheet HTML 5Page - Silicon Laboratories Si5348A-D-GM Datasheet HTML 6Page - Silicon Laboratories Si5348A-D-GM Datasheet HTML 7Page - Silicon Laboratories Si5348A-D-GM Datasheet HTML 8Page - Silicon Laboratories Si5348A-D-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
1. Feature List
The Si5348 features are listed below:
• Three independent DSPLLs in a single monolithic IC support-
ing flexible SyncE/IEEE 1588 and SETS architectures
• Ultra-Low Jitter
• 100 fs typ (12 kHz to 20 MHz)
• Meets the requirements of:
• ITU-T G.8273.2 T-BC
• ITU-T G.8262 (SyncE) EEC Options 1 & 2
• ITU-T G.812 Type III, IV
• ITU-T G.813 Option 1
• Telcordia GR-1244, GR-253 (Stratum-3/3E)
• Each DSPLL generates any output frequency from any input
frequency
• Input frequency range:
• External crystal: 48-54 MHz
• REF clock: 5-250 MHz
• Diff clock: 8 kHz-750 MHz
• LVCMOS clock: 8 kHz-250 MHz
• Output frequency range:
• Differential: 1 PPS to 712.5 MHz
• LVCMOS: 1 PPS to 250 MHz
• Pin or software controllable DCO on each DSPLL with typical
resolution to 1 ppt/step
• TCXO/OCXO reference input determines DSPLL free-run/hold-
over accuracy and stability
• Programmable jitter attenuation bandwidth per DSPLL:
0.001 Hz to 4 kHz
• Highly configurable output drivers: LVDS, LVPECL, LVCMOS,
HCSL, CML
• Core voltage:
• VDD: 1.8 V ±5%
• VDDA: 3.3 V ±5%
• Independent output supply pins: 3.3 V, 2.5 V, or 1.8 V
• Built-in power supply filtering
• Status monitoring: LOS, OOF, LOL
• Serial Interface: I2C or SPI (3-wire or 4-wire)
• ClockBuilderTM Pro software tool simplifies device configura-
tion
• 5 input, 7 output, 64 QFN
• Temperature range: –40 to +85 °C
• Pb-free, RoHS-6 compliant
Si5348 Rev D Data Sheet
Feature List
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 1


Similar Part No. - Si5348A-D-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5348A-D-GM SILABS-Si5348A-D-GM Datasheet
815Kb / 54P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
logo
Skyworks Solutions Inc.
SI5348A-D-GM SKYWORKS-SI5348A-D-GM Datasheet
1Mb / 57P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-TSC) Clocks
Rev. 1.1
More results

Similar Description - Si5348A-D-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5348 SILABS-SI5348 Datasheet
815Kb / 54P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
logo
Skyworks Solutions Inc.
SI5348-E SKYWORKS-SI5348-E Datasheet
1Mb / 52P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
Rev. 0.95
SI5348-D SKYWORKS-SI5348-D Datasheet
1Mb / 57P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-TSC) Clocks
Rev. 1.1
logo
Microsemi Corporation
ZL30361 MICROSEMI-ZL30361 Datasheet
347Kb / 5P
   IEEE 1588 and Synchronous Ethernet Packet Clock Network Synchronizer
May 2013
logo
Integrated Device Techn...
82P33724 IDT-82P33724 Datasheet
239Kb / 13P
   Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33741 IDT-82P33741 Datasheet
813Kb / 61P
   Port Synchronizer for IEEE 1588 and Synchronous Ethernet
logo
Renesas Technology Corp
82P33724 RENESAS-82P33724 Datasheet
984Kb / 56P
   Port Synchronizer for IEEE 1588 and Synchronous Ethernet
September 15, 2017
8A34012 RENESAS-8A34012 Datasheet
2Mb / 104P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
November 30, 2021
8A34011 RENESAS-8A34011 Datasheet
2Mb / 106P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
December 9, 2021
8A34013 RENESAS-8A34013 Datasheet
2Mb / 101P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
February 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com