Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8235BD-AS Datasheet(PDF) 1 Page - Silicon Laboratories

Part # Si8235BD-AS
Description  0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8235BD-AS Datasheet(HTML) 1 Page - Silicon Laboratories

  Si8235BD-AS Datasheet HTML 1Page - Silicon Laboratories Si8235BD-AS Datasheet HTML 2Page - Silicon Laboratories Si8235BD-AS Datasheet HTML 3Page - Silicon Laboratories Si8235BD-AS Datasheet HTML 4Page - Silicon Laboratories Si8235BD-AS Datasheet HTML 5Page - Silicon Laboratories Si8235BD-AS Datasheet HTML 6Page - Silicon Laboratories Si8235BD-AS Datasheet HTML 7Page - Silicon Laboratories Si8235BD-AS Datasheet HTML 8Page - Silicon Laboratories Si8235BD-AS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
Si823x Data Sheet
0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
The Si823x isolated driver family combines two independent, isolated drivers into a sin-
gle package. The Si8230/1/3/4 are high-side/low-side drivers, while the Si8232/5/7/8 are
dual drivers. Versions with peak output currents of 0.5 A (Si8230/1/2/7) and 4.0 A
(Si8233/4/5/8) are available. All drivers operate with a maximum supply voltage of 24 V.
The Si823x drivers utilize Silicon Labs' proprietary silicon isolation technology, which
provides up to 5 kVRMS withstand voltage per UL1577 and fast 45 ns propagation times.
Driver outputs can be grounded to the same or separate grounds or connected to a pos-
itive or negative voltage. The TTL level compatible inputs with >400 mV hysteresis are
available in individual control input (Si8230/2/3/5/7/8) or PWM input (Si8231/4) configu-
rations. High integration, low propagation delay, small installed size, flexibility, and cost-
effectiveness make the Si823x family ideal for a wide range of isolated MOSFET/IGBT
gate drive applications.
Automotive Grade is available for certain part numbers. These products are built using
automotive-specific flows at all steps in the manufacturing process to ensure the robust-
ness and low defectivity required for automotive applications.
KEY FEATURES
• Two completely isolated drivers in one
package
• Up to 5 kVRMS input-to-output isolation
• Up to 1500 VDC peak driver-to-driver
differential voltage
• HS/LS and dual driver versions
• Up to 8 MHz switching frequency
• 0.5 A peak output (Si8230/1/2/7)
• 4.0 A peak output (Si8233/4/5/8)
• High electromagnetic immunity
• RoHS-compliant packages:
• SOIC-14/16 wide body
• SOIC-16 narrow body
• LGA-14
• QFN-14 (pin to pin compatible with
LGA-14 packages)
• AEC-Q100 qualification
• Automotive-grade OPNs available
• AIAG compliant PPAP documentation
support
• IMDS and CAMDS listing support
Industrial Applications
• Power delivery systems
• Motor control systems
• Isolated dc-dc power supplies
• Lighting control systems
• Plasma displays
• Solar and industrial inverters
Safety Regulatory Approvals
• UL 1577 recognized
• Up to 5000 VRMS for 1 minute
• CSA component notice 5A approval
• IEC 60950-1, 62368-1, 60601-1 (re-
inforced insulation)
• VDE certification conformity
• VDE 0884-10
• EN60950-1 (reinforced insulation)
• CQC certification approval
• GB4943.1
Automotive Applications
• On-board chargers
• Battery management systems
• Charging stations
• Traction inverters
• Hybrid Electric Vehicles
• Battery Electric Vehicles
silabs.com | Building a more connected world.
Rev. 2.1.1


Similar Part No. - Si8235BD-AS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8235BD-AS SKYWORKS-SI8235BD-AS Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
SI8235BD-AS3 SKYWORKS-SI8235BD-AS3 Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
More results

Similar Description - Si8235BD-AS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
Skyworks Solutions Inc.
SI823X SKYWORKS-SI823X Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
SI8220 SILABS-SI8220 Datasheet
205Kb / 28P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
logo
Skyworks Solutions Inc.
SI8220 SKYWORKS-SI8220 Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
logo
Silicon Laboratories
SI82390AD-IS SILABS-SI82390AD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
SI8281 SILABS-SI8281 Datasheet
954Kb / 43P
   4.0 Amp ISODrivers with Integrated DC-DC Converters
SI823X SILABS-SI823X_V01 Datasheet
994Kb / 59P
   Amp ISOdrivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com