Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4114G Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI4114G
Description  RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4114G Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI4114G Datasheet HTML 7Page - Silicon Laboratories SI4114G Datasheet HTML 8Page - Silicon Laboratories SI4114G Datasheet HTML 9Page - Silicon Laboratories SI4114G Datasheet HTML 10Page - Silicon Laboratories SI4114G Datasheet HTML 11Page - Silicon Laboratories SI4114G Datasheet HTML 12Page - Silicon Laboratories SI4114G Datasheet HTML 13Page - Silicon Laboratories SI4114G Datasheet HTML 14Page - Silicon Laboratories SI4114G Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Si4114G
Rev. 1.1
11
Figure 7. Typical RF1 Phase Noise at 1.92 GHz
with 200 kHz Phase Detector Update Frequency
Figure 8. Typical RF1 Spurious Response at 1.92 GHz
with 200 kHz Phase Detector Update Frequency
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
1.00E+02
1.00E+03
1.00E+04
1.00E+05
1.00E+06
1.00E+07
Hz offset


Similar Part No. - SI4114G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4114DY VISHAY-SI4114DY Datasheet
141Kb / 7P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 05-May-08
SI4114DY VISHAY-SI4114DY Datasheet
242Kb / 10P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 04-May-09
logo
Vishay Telefunken
SI4114DY TFUNK-SI4114DY Datasheet
245Kb / 10P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4114DY-T1-E3 VISHAY-SI4114DY-T1-E3 Datasheet
242Kb / 10P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 04-May-09
SI4114DY-T1-E3 VISHAY-SI4114DY-T1-E3 Datasheet
198Kb / 9P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4114G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4133G-X2 ETC-SI4133G-X2 Datasheet
875Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4122G SILABS-SI4122G Datasheet
469Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4133G-X2 SILABS-SI4133G-X2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4133W SILABS-SI4133W Datasheet
513Kb / 32P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR W-CDMA AND GSM/UMTS WIRELESS COMMUNICATIONS
SI4126 SILABS-SI4126 Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136 SILABS-SI4136_10 Datasheet
314Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133-D-GMR ETC2-SI4133-D-GMR Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133-D-GT SILABS-SI4133-D-GT Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133 ETC-SI4133 Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133 SILABS-SI4133 Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com