Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3482 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI3482
Description  POWER MANAGEMENT CONTROLLER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3482 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI3482 Datasheet HTML 1Page - Silicon Laboratories SI3482 Datasheet HTML 2Page - Silicon Laboratories SI3482 Datasheet HTML 3Page - Silicon Laboratories SI3482 Datasheet HTML 4Page - Silicon Laboratories SI3482 Datasheet HTML 5Page - Silicon Laboratories SI3482 Datasheet HTML 6Page - Silicon Laboratories SI3482 Datasheet HTML 7Page - Silicon Laboratories SI3482 Datasheet HTML 8Page - Silicon Laboratories SI3482 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Rev. 0.1 10/10
Copyright © 2010 by Silicon Laboratories
Si3482
P OWER M ANAGEMENT C ONTROLLER
Features
Applications
Description
The Si3452 is capable of delivering over 30 W per port, which means that, in a 24-
or 48-port system, a very large power supply would have to be used to avoid
overload. Typically, not all ports are used at full power; so, a smaller power supply
in the range of 5 W per port can be used along with the Si3482 power
management controller.
The Si3482 is a power manager intended for use with the Si3452/3 Power over
Ethernet (PoE) controllers for power management of up to 48 ports with three
power sources.
Use of the Si3482 power manager greatly simplifies system implementation of
power management. The Si3482 power management controller is programmed
via a SPI or UART interface to set the power supply capacity, the port power
configuration (Category 1: 15.4 W, or high-power category 2: 30 W) ports, the port
priority, the detection timing (Alternative A or Alternative B), and the fault recovery
protocol. Once programmed, the configuration data can be saved, and the Si3482
can work without host intervention. If desired, port and overall status information is
available and continuously updated.
The Si3482 uses the real-time overload and current monitoring capability of the
Si3452 to manage provided power among up to 48 ports. Power management is
selectable between grant-based or consumption-based in order to supply power
to the greatest number of ports.
In high-reliability systems, multiple power supplies are often connected to provide
redundancy, which further increases the power supply requirements. The Si3482
can manage up to three power supplies automatically enabling or disabling ports
in priority order when required.
Enables use of smaller power
supplies for up to 48-port PoE
systems with Si3452 PSE interface
ICs
Can operate with or without a host
Configuration save
Pin-selectable SPI or UART interface
Pin-selectable UART data rate
Fully-compliant with IEEE 802.3
clause 33 for PoE including the
802.3at amendment for higher power
(30 W, category 2 ports)
Supports classification-based and
LLDP power negotiation
Supports individual port priority and
port configuration
Supports Power supply status from
up to 3 power supplies
24 pin Quad flat pack package
(4x4 mm)

4x4 mm PCB footprint; RoHS
complaint
Extended operation range
(–40 to +85 °C)
Power over Ethernet Endpoint
switches and Midspans for IEEE Std
802.3af and 802.3at
Supports high-power PDs, such as:

Pan/Tilt/Zoom security cameras

802.11n WAPs

Multi-band, multi-radio WAPs
Security and RFID systems
Industrial automation systems
Networked audio
IP Phone Systems and iPBXs
Metropolitan area networked WAPs,
cameras, and sensors
WiMAX, ASN/BTS, and CPE/ODU
systems
Pin Assignments
24-Pin QFN
See "5. Pin Descriptions" on page 31.
2
3
4
5
MISO
SCK
GND
RST
RSVD
PSLCT
BAUD2
BAUD1
SCL
BAUD0
17
16
15
14
18
13
VDD
SDA
6
1
Top View
(Pads on Bottom of Package)
Si3482


Similar Part No. - SI3482

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3480 ETC2-SI3480 Datasheet
139Kb / 14P
   POWER MANAGEMENT CONTROLLER
logo
Silicon Laboratories
SI3480 SILABS-SI3480 Datasheet
144Kb / 14P
   POWER MANAGEMENT CONTROLLER
logo
Vishay Siliconix
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
SI3481DV VISHAY-SI3481DV Datasheet
100Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 20-Mar-06
SI3481DV-T1-E3 VISHAY-SI3481DV-T1-E3 Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
More results

Similar Description - SI3482

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3480 ETC2-SI3480 Datasheet
139Kb / 14P
   POWER MANAGEMENT CONTROLLER
logo
Motorola, Inc
MC33128 MOTOROLA-MC33128 Datasheet
177Kb / 8P
   POWER MANAGEMENT CONTROLLER
logo
Silicon Laboratories
SI3483 SILABS-SI3483 Datasheet
1Mb / 52P
   POWER MANAGEMENT CONTROLLER
SI3480 SILABS-SI3480 Datasheet
144Kb / 14P
   POWER MANAGEMENT CONTROLLER
logo
National Semiconductor ...
PC87570 NSC-PC87570 Datasheet
1Mb / 168P
   PC87570 Keyboard and Power Management Controller
logo
Texas Instruments
TPS659110 TI1-TPS659110 Datasheet
453Kb / 10P
[Old version datasheet]   Power Management Unit with DCDC Controller
logo
Silicon Laboratories
SI3484 SILABS-SI3484 Datasheet
606Kb / 53P
   64-PORT POE POWER MANAGEMENT CONTROLLER
logo
NXP Semiconductors
PCF50603 PHILIPS-PCF50603 Datasheet
147Kb / 28P
   Controller for power supply and battery management
2003 Oct 31
logo
EM Microelectronic - MA...
EM8500 EMMICRO-EM8500 Datasheet
1Mb / 34P
   POWER MANAGEMENT CONTROLLER WITH ENERGY HARVESTING INTERFACE
logo
Texas Instruments
BQ78350-R1 TI1-BQ78350-R1 Datasheet
1Mb / 32P
[Old version datasheet]   Battery Management Controller Companion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com