Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si32180-A-GM Datasheet(PDF) 2 Page - Silicon Laboratories

Part # Si32180-A-GM
Description  VoIP Gateways and Routers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si32180-A-GM Datasheet(HTML) 2 Page - Silicon Laboratories

  Si32180-A-GM Datasheet HTML 1Page - Silicon Laboratories Si32180-A-GM Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Table 1.1. Si3218x Ordering Guide
P/N
Description
Package Type2
Max VBAT
Temperature
Si32180-A-FM
Wideband FXS, selectable ISI/PCM inter-
face, daisy-chain mode, practical MLT
QFN40
–106 V
0 to 70 °C
Si32180-A-GM
Wideband FXS, selectable ISI/PCM inter-
face, daisy-chain mode, practical MLT
QFN40
–106 V
-40 to 85 °C
Si32181-A-FM
Wideband FXS, selectable ISI/PCM inter-
face, daisy-chain mode, practical MLT,
DTMF detection
QFN40
–106 V
0 to 70 °C
Si32181-A-GM
Wideband FXS, selectable ISI/PCM inter-
face, daisy-chain mode, practical MLT,
DTMF detection
QFN40
–106 V
-40 to 85 °C
Si32182-A-FM
Wideband FXS, ISI interface, parametric
MLT
QFN36
–106 V
0 to 70 °C
Si32182-A-GM
Wideband FXS, ISI interface, parametric
MLT
QFN36
–106 V
–40 to 85 °C
Si32183-A-FM
Wideband FXS, ISI interface, parametric
MLT, DTMF detection
QFN36
–106 V
0 to 70 °C
Si32183-A-GM
Wideband FXS, ISI interface, parametric
MLT, DTMF detection
QFN36
–106 V
–40 to 85 °C
Si32184-A-FM
Wideband FXS, PCM interface, parametric
MLT
QFN40
–106 V
0 to 70 °C
Si32184-A-GM
Wideband FXS, PCM interface, parametric
MLT
QFN40
–106 V
–40 to 85 °C
Si32185-A-FM
Wideband FXS, PCM interface, parametric
MLT, DTMF detection
QFN40
–106 V
0 to 70 °C
Si32185-A-GM
Wideband FXS, PCM interface, parametric
MLT, DTMF detection
QFN40
–106 V
–40 to 85 °C
Note:
1. Adding the suffix "R" to the part number (e.g. Si3218x-A-FMR) denotes tape and reel.
2. QFN - Quad-Flat No-leads.
Table 1.2. Ordering Guide—Si3218x Evaluation Kits
Part Number
Description
VBAT Max
Si32183ACB10SL0EVB
ISI Wideband FXS with DTMF detection low-cost capacitive boost dc-dc converter
EVB
–100 V
Si32185ACB10SL0EVB
PCM interface, wideband FXS with DTMF detection low-cost capacitive boost dc-dc
converter EVB
–100 V
Si3218x Data Short: ProSLIC® Single-Chip FXS Solution
silabs.com | Smart. Connected. Energy-friendly.
Rev. 0.1 | 1


Similar Part No. - Si32180-A-GM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI32182-A-FM SKYWORKS-SI32182-A-FM Datasheet
1Mb / 43P
   ProSLIC® Single-Channel FXS Solutions
Rev. 1.0 October 6, 2021
SI32182-A-GM SKYWORKS-SI32182-A-GM Datasheet
1Mb / 43P
   ProSLIC® Single-Channel FXS Solutions
Rev. 1.0 October 6, 2021
SI32183-A-FM SKYWORKS-SI32183-A-FM Datasheet
1Mb / 43P
   ProSLIC® Single-Channel FXS Solutions
Rev. 1.0 October 6, 2021
SI32183-A-GM SKYWORKS-SI32183-A-GM Datasheet
1Mb / 43P
   ProSLIC® Single-Channel FXS Solutions
Rev. 1.0 October 6, 2021
SI32183ACB10SL0EVB SKYWORKS-SI32183ACB10SL0EVB Datasheet
1Mb / 43P
   ProSLIC® Single-Channel FXS Solutions
Rev. 1.0 October 6, 2021
More results

Similar Description - Si32180-A-GM

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
MSP2015 PMC-MSP2015 Datasheet
41Kb / 2P
   MSP for VoIP Gateways and Phones, Wired and Wireless
logo
Freescale Semiconductor...
P3041NSE1NNB FREESCALE-P3041NSE1NNB Datasheet
774Kb / 9P
   Integrated access routers, Enterprise switching, Security gateways
logo
PMC-Sierra, Inc
MSP2020 PMC-MSP2020 Datasheet
41Kb / 2P
   MSP for Secure VoIP Gateways and Phones, Wired and Wireless
MSP4000 PMC-MSP4000 Datasheet
43Kb / 2P
   MSP for VoIP Gateways with Integrated Secure Router
logo
Taoglas antenna solutio...
TG100113 TAOGLAS-TG100113 Datasheet
4Mb / 30P
   Triton - 4G/3G/2G Terminal Antenna for Cellular Gateways and Routers with Assisted GPS
logo
PHOENIX CONTACT
3750 PHOENIX-3750 Datasheet
1Mb / 17P
   Universal gateways and device servers
logo
Silicon Laboratories
BGM121 SILABS-BGM121 Datasheet
3Mb / 96P
   IoT end devices and gateways
logo
OKI electronic componet...
ML7074-001 OKI-ML7074-001 Datasheet
328Kb / 31P
   VoIP CODEC
ML7074-004 OKI-ML7074-004 Datasheet
304Kb / 29P
   VoIP CODEC
logo
PMC-Sierra, Inc
MSP2006 PMC-MSP2006 Datasheet
37Kb / 2P
   MSP for Wireless Routers and Access Points
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com