Electronic Components Datasheet Search |
|
Si8235AD-D-IS Datasheet(PDF) 1 Page - Silicon Laboratories |
|
Si8235AD-D-IS Datasheet(HTML) 1 Page - Silicon Laboratories |
1 / 59 page Si823x Data Sheet 0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS) The Si823x isolated driver family combines two independent, isolated drivers into a sin- gle package. The Si8230/1/3/4 are high-side/low-side drivers, while the Si8232/5/7/8 are dual drivers. Versions with peak output currents of 0.5 A (Si8230/1/2/7) and 4.0 A (Si8233/4/5/8) are available. All drivers operate with a maximum supply voltage of 24 V. The Si823x drivers utilize Silicon Labs' proprietary silicon isolation technology, which provides up to 5 kVRMS withstand voltage per UL1577 and fast 45 ns propagation times. Driver outputs can be grounded to the same or separate grounds or connected to a pos- itive or negative voltage. The TTL level compatible inputs with >400 mV hysteresis are available in individual control input (Si8230/2/3/5/7/8) or PWM input (Si8231/4) configu- rations. High integration, low propagation delay, small installed size, flexibility, and cost- effectiveness make the Si823x family ideal for a wide range of isolated MOSFET/IGBT gate drive applications. Automotive Grade is available for certain part numbers. These products are built using automotive-specific flows at all steps in the manufacturing process to ensure the robust- ness and low defectivity required for automotive applications. KEY FEATURES • Two completely isolated drivers in one package • Up to 5 kVRMS input-to-output isolation • Up to 1500 VDC peak driver-to-driver differential voltage • HS/LS and dual driver versions • Up to 8 MHz switching frequency • 0.5 A peak output (Si8230/1/2/7) • 4.0 A peak output (Si8233/4/5/8) • High electromagnetic immunity • RoHS-compliant packages: • SOIC-14/16 wide body • SOIC-16 narrow body • LGA-14 • QFN-14 (pin to pin compatible with LGA-14 packages) • AEC-Q100 qualification • Automotive-grade OPNs available • AIAG compliant PPAP documentation support • IMDS and CAMDS listing support Industrial Applications • Power delivery systems • Motor control systems • Isolated dc-dc power supplies • Lighting control systems • Plasma displays • Solar and industrial inverters Safety Regulatory Approvals • UL 1577 recognized • Up to 5000 VRMS for 1 minute • CSA component notice 5A approval • IEC 60950-1, 62368-1, 60601-1 (re- inforced insulation) • VDE certification conformity • VDE 0884-10 • EN60950-1 (reinforced insulation) • CQC certification approval • GB4943.1 Automotive Applications • On-board chargers • Battery management systems • Charging stations • Traction inverters • Hybrid Electric Vehicles • Battery Electric Vehicles silabs.com | Building a more connected world. Rev. 2.1.1 |
Similar Part No. - Si8235AD-D-IS |
|
Similar Description - Si8235AD-D-IS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |