Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8233AD-D-IS Datasheet(PDF) 5 Page - Silicon Laboratories

Part # Si8233AD-D-IS
Description  0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8233AD-D-IS Datasheet(HTML) 5 Page - Silicon Laboratories

  Si8233AD-D-IS Datasheet HTML 1Page - Silicon Laboratories Si8233AD-D-IS Datasheet HTML 2Page - Silicon Laboratories Si8233AD-D-IS Datasheet HTML 3Page - Silicon Laboratories Si8233AD-D-IS Datasheet HTML 4Page - Silicon Laboratories Si8233AD-D-IS Datasheet HTML 5Page - Silicon Laboratories Si8233AD-D-IS Datasheet HTML 6Page - Silicon Laboratories Si8233AD-D-IS Datasheet HTML 7Page - Silicon Laboratories Si8233AD-D-IS Datasheet HTML 8Page - Silicon Laboratories Si8233AD-D-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
Automotive Grade OPNs
Automotive-grade devices are built using automotive-specific flows at all steps in the manufacturing process to ensure robustness and
low defectivity. These devices are supported with AIAG-compliant Production Part Approval Process (PPAP) documentation, and fea-
ture International Material Data System (IMDS) and China Automotive Material Data System (CAMDS) listing. Qualifications are compli-
ant with AEC-Q100, and a zero-defect methodology is maintained throughout definition, design, evaluation, qualification, and mass pro-
duction steps.
Table 1.2. Ordering Guide for Automotive Grade OPNs1, 2, 4, 5
Ordering Part Num-
ber (OPN)
Inputs
Configuration
Peak Cur-
rent
UVLO
Voltage
Isolation
Rating
Temp Range
Package Type
Wide Body (WB) Package Options
Si8233BB-AS
VIA, VIB High Side/Low Side
4.0 A
8 V
2.5 kVrms
–40 to +125 °C
SOIC-16 Wide
Body
Narrow Body (NB) Package Options
Si8230BB-AS1
VIA, VIB High Side/Low Side
0.5 A
8 V
2.5 kVrms
–40 to +125 °C
SOIC-16 Narrow
Body
Si8233BB-AS1
VIA, VIB High Side/Low Side
4.0 A
8 V
2.5 kVrms
–40 to +125 °C
SOIC-16 Narrow
Body
Si8235BB-AS1
VIA, VIB High Side/Low Side
4.0 A
8 V
2.5 kVrms
–40 to +125 °C
SOIC-16 Narrow
Body
Si8233AB-AS1
VIA, VIB High Side/Low Side
4.0 A
5 V
2.5 kVrms
–40 to +125 °C
SOIC-16 Narrow
Body
LGA Package Option
Si8235BB-AM
VIA, VIB
Dual Driver
4.0 A
8 V
2.5 kVrms
–40 to +125 °C
LGA-14
5x5 mm
5 kV Ordering Options
Si8233BD-AS
VIA, VIB High Side/Low Side
4.0 A
8 V
5.0
–40 to +125 °C
SOIC-16 Wide
Body
Si8235BD-AS
VIA, VIB
Dual Driver
4.0 A
8 V
5.0
–40 to +125 °C
SOIC-16 Wide
Body
3 V VDDI Ordering Options
Si8238BB-AS1
VIA, VIB
Dual Driver
4.0 A
8 V
2.5 kVrms
–40 to +125 °C
SOIC-16 Narrow
Body
Si8238BD-AS
VIA, VIB
Dual Driver
4.0 A
8 V
5.0 kVrms
–40 to +125 °C
SOIC-16 Wide
Body
Note:
1. All packages are RoHS-compliant with peak reflow temperatures of 260 °C according to the JEDEC industry standard classifica-
tions.
2. “Si” and “SI” are used interchangeably.
3. An "R" at the end of the part number denotes tape and reel packaging option.
4. Automotive-Grade devices (with an "–A" suffix) are identical in construction materials, topside marking, and electrical parameters
to their Industrial-Grade (with a "–I" suffix) version counterparts. Automotive-Grade products are produced utilizing full automotive
process flows and additional statistical process controls throughout the manufacturing flow. The Automotive-Grade part number is
included on shipping labels.
5. Additional Ordering Part Numbers may be available in Automotive-Grade. Please contact your local Silicon Labs sales represen-
tative for further information.
Si823x Data Sheet
Ordering Guide
silabs.com | Building a more connected world.
Rev. 2.1.1 | 5


Similar Part No. - Si8233AD-D-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8233AD-D-IS SKYWORKS-SI8233AD-D-IS Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
SI8233AD-D-IS3 SKYWORKS-SI8233AD-D-IS3 Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
More results

Similar Description - Si8233AD-D-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
Skyworks Solutions Inc.
SI823X SKYWORKS-SI823X Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
SI8220 SILABS-SI8220 Datasheet
205Kb / 28P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
logo
Skyworks Solutions Inc.
SI8220 SKYWORKS-SI8220 Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
logo
Silicon Laboratories
SI82390AD-IS SILABS-SI82390AD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
SI8281 SILABS-SI8281 Datasheet
954Kb / 43P
   4.0 Amp ISODrivers with Integrated DC-DC Converters
SI823X SILABS-SI823X_V01 Datasheet
994Kb / 59P
   Amp ISOdrivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com