Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8230BD-D-IS Datasheet(PDF) 4 Page - Silicon Laboratories

Part # Si8230BD-D-IS
Description  0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8230BD-D-IS Datasheet(HTML) 4 Page - Silicon Laboratories

  Si8230BD-D-IS Datasheet HTML 1Page - Silicon Laboratories Si8230BD-D-IS Datasheet HTML 2Page - Silicon Laboratories Si8230BD-D-IS Datasheet HTML 3Page - Silicon Laboratories Si8230BD-D-IS Datasheet HTML 4Page - Silicon Laboratories Si8230BD-D-IS Datasheet HTML 5Page - Silicon Laboratories Si8230BD-D-IS Datasheet HTML 6Page - Silicon Laboratories Si8230BD-D-IS Datasheet HTML 7Page - Silicon Laboratories Si8230BD-D-IS Datasheet HTML 8Page - Silicon Laboratories Si8230BD-D-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
Ordering Part
Number (OPN)
Inputs
Configuration
Peak
Current
UVLO
Voltage
Isolation
Rating
Temp Range
Package Type
Legacy
Ordering
Part Number
(OPN)
2.5 kV Only
Si8230AD-D-IS
VIA, VIB
High Side/
Low Side
0.5 A
5 V
5.0 kVrms
–40 to +125 °C
SOIC-16
Wide Body
N/A
Si8231AD-D-IS
PWM
N/A
Si8232AD-D-IS
VIA, VIB
Dual Driver
N/A
Si8233AD-D-IS
VIA, VIB
High Side/
Low Side
4.0 A
5 V
N/A
Si8234AD-D-IS
PWM
N/A
Si8235AD-D-IS
VIA, VIB
Dual Driver
N/A
SI8230AD-D-IS3 VIA, VIB
High Side/
Low Side
0.5 A
SOIC-14 Wide
Body with
increased
creepage
N/A
SI8230BD-D-IS3 VIA, VIB
8 V
N/A
SI8233AD-D-IS3 VIA, VIB
4.0 A
5 V
N/A
SI8233BD-D-IS3 VIA, VIB
8 V
N/A
SI8235AD-D-IS3 VIA, VIB
Dual Driver
5 V
N/A
SI8235BD-D-IS3 VIA, VIB
8 V
N/A
3 V VDDI Ordering Options
Si8237AB-D-IS1 VIA, VIB
Dual Driver
0.5 A
5 V
2.5 kVrms
–40 to +125 °C
SOIC-16
Narrow Body
N/A
Si8237BB-D-IS1 VIA, VIB
Dual Driver
8 V
Si8238AB-D-IS1 VIA, VIB
Dual Driver
4.0 A
5 V
Si8238BB-D-IS1 VIA, VIB
Dual Driver
8 V
Si8237AD-D-IS
VIA, VIB
Dual Driver
0.5 A
5 V
5.0 kVrms
SOIC-16
Wide Body
Si8237BD-D-IS
VIA, VIB
Dual Driver
8 V
Si8238AD-D-IS
VIA, VIB
Dual Driver
4.0 A
5 V
Si8238BD-D-IS
VIA, VIB
Dual Driver
8 V
SI8238AD-D-IS3 VIA, VIB
Dual Driver
5 V
SOIC-14 Wide
Body with
increased
creepage
SI8238BD-D-IS3 VIA, VIB
Dual Driver
8 V
1. All packages are RoHS-compliant with peak reflow temperatures of 260 °C according to the JEDEC industry standard classifica-
tions and peak solder temperatures.
2. “Si” and “SI” are used interchangeably.
3. An "R" at the end of the part number denotes tape and reel packaging option.
Si823x Data Sheet
Ordering Guide
silabs.com | Building a more connected world.
Rev. 2.1.1 | 4


Similar Part No. - Si8230BD-D-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8230BD-D-IS SKYWORKS-SI8230BD-D-IS Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
SI8230BD-D-IS3 SKYWORKS-SI8230BD-D-IS3 Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
More results

Similar Description - Si8230BD-D-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
Skyworks Solutions Inc.
SI823X SKYWORKS-SI823X Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
SI8220 SILABS-SI8220 Datasheet
205Kb / 28P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
logo
Skyworks Solutions Inc.
SI8220 SKYWORKS-SI8220 Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
logo
Silicon Laboratories
SI82390AD-IS SILABS-SI82390AD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
SI8281 SILABS-SI8281 Datasheet
954Kb / 43P
   4.0 Amp ISODrivers with Integrated DC-DC Converters
SI823X SILABS-SI823X_V01 Datasheet
994Kb / 59P
   Amp ISOdrivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com