Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8400AA-A-IS Datasheet(PDF) 7 Page - Silicon Laboratories

Part # Si8400AA-A-IS
Description  BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8400AA-A-IS Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button Si8400AA-A-IS Datasheet HTML 3Page - Silicon Laboratories Si8400AA-A-IS Datasheet HTML 4Page - Silicon Laboratories Si8400AA-A-IS Datasheet HTML 5Page - Silicon Laboratories Si8400AA-A-IS Datasheet HTML 6Page - Silicon Laboratories Si8400AA-A-IS Datasheet HTML 7Page - Silicon Laboratories Si8400AA-A-IS Datasheet HTML 8Page - Silicon Laboratories Si8400AA-A-IS Datasheet HTML 9Page - Silicon Laboratories Si8400AA-A-IS Datasheet HTML 10Page - Silicon Laboratories Si8400AA-A-IS Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Si840x
Rev. 1.6
7
Table 4. Electrical Characteristics for Unidirectional Non-I2C Digital Channels (Si8402/05)
3.0 V < VDD < 5.5 V. TA = –40 to +125 °C. Typical specs at 25 °C
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
——
0.8
V
High Level Output Voltage
VOH
loh = –4 mA
AVDD, BVDD
–0.4
4.8
V
Low Level Output Voltage
VOL
lol = 4 mA
0.2
0.4
V
Input Leakage Current
IL
——
±10
µA
Output Impedance1
ZO
—85
Timing Characteristics
Maximum Data Rate
0
10
Mbps
Minimum Pulse Width
40
ns
Propagation Delay
tPHL, tPLH
See Figure 1
20
ns
Pulse Width Distortion
|tPLH - tPHL|
PWD
See Figure 1
12
ns
Propagation Delay Skew2
tPSK(P-P)
20
ns
Channel-Channel Skew
tPSK
10
ns
Output Rise Time
tr
C3 =15pF
See Figure 1 and
Figure 2
—4.0
6.0
ns
Output Fall Time
tf
C3 =15pF
See Figure 1 and
Figure 2
—3.0
4.3
ns
Notes:
1.
The nominal output impedance of a non-I2C isolator driver channel is approximately 85
, ±40%, which is a
combination of the value of the on-chip series termination resistor and channel resistance of the output driver FET.
When driving loads where transmission line effects will be a factor, output pins should be appropriately terminated with
controlled impedance PCB traces.
2.
tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.


Similar Part No. - Si8400AA-A-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si8400AA-A-IS SILABS-Si8400AA-A-IS Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Skyworks Solutions Inc.
SI8400AA-A-IS SKYWORKS-SI8400AA-A-IS Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Revision 0.1 to Revision 1.0
More results

Similar Description - Si8400AA-A-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI860X SKYWORKS-SI860X Datasheet
718Kb / 39P
   Bidirectional I2C Isolators with Unidirectional Digital Channels
December 14, 2021
logo
Silicon Laboratories
SI840X SILABS-SI840X Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Skyworks Solutions Inc.
SI840X SKYWORKS-SI840X Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Revision 0.1 to Revision 1.0
logo
Silicon Laboratories
SI8605 SILABS-SI8605 Datasheet
813Kb / 40P
   BIDIRECTIONAL IC ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Texas Instruments
ISO1640 TI-ISO1640 Datasheet
978Kb / 28P
[Old version datasheet]   ISO164x Robust-EMC Bidirectional I2C Digital Isolators
ISO1640-Q1 TI-ISO1640-Q1 Datasheet
1,001Kb / 28P
[Old version datasheet]   ISO164x-Q1 Robust-EMC Bidirectional I2C Digital Isolators
ISO1640-Q1 TI-ISO1640-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   ISO164x-Q1 Robust-EMC Bidirectional I2C Digital Isolators
SLLSFC3 ??OCTOBER 2020
ISO1540 TI1-ISO1540 Datasheet
449Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540_1210 TI1-ISO1540_1210 Datasheet
451Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com